Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5308062 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 5308062
Description  Bending light the easy way
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5308062 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  5308062 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5308062 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5308062 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5308062 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5308062 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5308062 Datasheet HTML 6Page - List of Unclassifed Manufacturers 5308062 Datasheet HTML 7Page - List of Unclassifed Manufacturers 5308062 Datasheet HTML 8Page - List of Unclassifed Manufacturers 5308062 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
SR
SR
MD
SR
MD
SR
MD
SR
MD
SR
MD
533
SENSICK CATALOGUE
532
SENSICK CATALOGUE
LL 3 Plastic fibre-optic cable
Description
(mm)
LL 3 Fibre-optic cable
Scanning range SR1) and minimum target diameter MD6)
in mm in combination with sensor type
Through-beam systems
80
110
0.3
230/10002)
0.3
60/4002)
0.3
270/25002)
0.3
60/5502)
0.3
27
38
0.1
80
0.1
20
0.1
100
0.1
15
0.1
6
8
0.1
18
0.1
q
q
23
0.1
q
q
q
q
q
280
0.3
60
0.3
380
0.3
120
0.3
180/12002) 0.2/4.0 180/12002) 0.2/4.0 130/8502) 0.2/4.0
18
0.1
18
0.1
10
0.2
70
0.2
70
0.1
50
0.1
700
0.5
700
0.5
400
0.5
250
0.5
250
0.3
180
0.3
SR
MD
SR
MD
Type
LL 3-TR 01
LL 3-TT 01
LL 3-TS 12
LL 3-TM 03
LL 3-TY 02
Part no.
5 308 062
5 308 070
5 308 067
1) Fibre-optic cable not shortened
2) With scanning front lens for LL 3, see front lenses for LL 3
3) Bend radius of the supple end sleeve
4) Ambient operating temperature – 40 . . . + 180 °C
5) Ambient operating temperature – 40 . . . + 100 °C
6) Minimum object diameter: scanning range reduction!
q not available
Fibre-optic cable
Through-beam
systems
27
38
0.1
80
0.1
20
0.1
100
0.1
15
0.1
95
135
0.2
280
0.2
80
0.2
350
0.2
75
0.2
q
q
q
800
0.3
300
0.3
1800
0.3
200
0.3
130
180
0.5
400
0.5
120
0.5
500
0.5
85
0.5
70
95
0.2
180/20002)
0.2
60/4002)
0.2
250/25002)
0.2
25/3002)
0.2
85
120
0.1
230
0.1
70
0.1
330
0.1
60
0.1
550
800
0.5
800
0.5
340
0.5
1000
0.5
450
0.5
80
110
0.2
200
0.2
65
0.2
250
0.2
55
0.2
23
33
0.1
50
0.1
15
0.1
60
0.1
15
0.1
23
33
0.1
50
0.1
15
0.1
60
0.1
15
0.1
80
110
0.2
160
0.2
30
0.2
230
0.2
55
0.2
90
125
0.2
280
0.2
80
0.2
330
0.2
75
0.2
25
35
0.1
60
0.1
15
0.1
80
0.1
15
0.1
25
35
0.1
60
0.1
15
0.1
80
0.1
15
0.1
25
35
0.1
60
0.1
15
0.1
80
0.1
15
0.1
80
110
0.5
250/10002)
0.5
75/2002)
0.5
300/12002)
0.5
120/5002)
0.5
160
230
0.5
460/20002)
0.5
130/4002)
0.5
580/25002)
0.5
140/6002)
0.5
160
230
0.5
460
0.5
130
0.5
580
0.5
140
0.5
95
135
0.2
280/25002)
0.2
80/5002)
0.2
350/32002)
0.2
75/6502)
0.2
WLL 170 T
Green light
WLL 170 T
Red light
3V
5V
WLL 170 A
Analogue
WLL 170
Red light
High-speed
WLL 170
Red light
SR
MD
WLL 160 T
Red light
(FAST)
WLL 160 T
Red light
(NORM/MAX)
WLL 160
Red light
Bend radius
LL 3 Fibre-optic cables
70
0.2
70
0.1
50
0.1
200
0.2
200
0.2
150
0.2
1000
0.8
1000
0.5
700
0.5
350
0.5
350
0.5
240
0.5
180/15002) 0.2/4.0 180/15002) 0.2/4.0 130/10502) 0.2/4.0
260
1.0
260
1.0
190
1.0
200
0.2
200
0.2
150
0.2
40
0.2
40
0.2
30
0.2
40
0.2
40
0.2
30
0.2
150
0.2
150
0.2
130
0.2
200
0.2
200
0.2
150
0.2
50
0.2
50
0.1
40
0.2
50
0.2
50
0.1
40
0.2
50
0.2
50
0.1
40
0.2
250/9002) 0.5/4.0 250/9002) 0.5/4.0 190/6602) 0.5/4.0
400/15002) 0.5/4.0 400/15002) 0.2/4.0 280/15002) 0.2/4.0
500
0.5
500
0.5
360
0.5
200/20002) 0.2/4.0 200/20002) 0.2/4.0 150/15002) 0.2/4.0
5 308 069
5 308 068
5 308 066
5 308 065
5 308 064
5 308 063
5 308 061
5 308 060
5 308 059
5 308 058
5 308 057
5 308 056
5 308 055
5 308 054
5 308 053
5 308 052
5 308 051
5 308 050
5 308 049
5 308 048
LL 3-TM 02
LL 3-TM 01
LL 3-TY 01
LL 3-TH 025)
LL 3-TH 014)
LL 3-TS 10
LL 3-TS 08
LL 3-TV 04
LL 3-TV 02
LL 3-TV 01
LL 3-TB 03
LL 3-TR 03-2
LL 3-TR 03
LL 3-TR 02
LL 3-TB 01-10
LL 3-TB 01
LL 3-TS 07
LL 3-TB 02
Selection table: sensors, fibre-optic cables, scanning ranges
s
Highly flexible
s
Small bend radii
s
Most fibre-optic cables can be easily
cut to length using cutter (supplied)
s
Operating temperature – 40 … +70 °C,
special designs up to 180 °C
Features
2M2
q
q
q
q
q
q
2M2
1M0
q
q
q
2M2
2M2
2M2
2M2
2M2
q
2M2
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
1M0
2M2
2M2
2M2
2M2
WLL 24-2 Exi
Red light
WLL 12-2
Infra-red light
WLL 12-2
Red Light
Adaptor for
WLL 12-2
AD-LL-
MD
SR
0.3
85
0.5
55
0.5
140
0.5
140
0.2
110
q
q
q
q
q
q
q
q
q
q
0.5
340
0.2
45
q
q
q
q
q
q
0.5
150
0.8
460
0.5
110
0.2
60
1.0
60
q
q
0.2
25
q
q
120
0.2
180
0.5
180
0.5
70
0.5
110
0.3
25
0.2
SR
MD
SR
MD
45
0.5
45
0.5
25
0.5
25
0.3
25
0.2
4
0.2
60
0.2
400
0.5
10
0.2
75
1.0
70
0.2
160
0.5
620
0.8
160
0.5
20
1.0
15
0.2
30
0.5
70
0.8
25
0.5
30
0.2
4
0.2
Adaptor for WLL 12-2
2 015 026
1.0 mm
2 015 210
2.2 mm
AD-LL 2M2
AD-LL 1MO
Part no.
LL-l
Type
Standard M 4
25
Standard, 3 mm diameter, long range
35
Standard, M 4, long range
25
Standard, M 4, length 10 m
25
Highly flexible, M 4, long range
4
Highly flexible, M 3
4
Small sleeve, 1.5 mm diameter, highly flexible, length 1 m
4
Small sleeve, 1.5 mm diameter, highly flexible, length 2 m
4
Flexible end sleeve, M 4
25/103)
Compact, M 3, end piece 1.0 mm diameter
15
90° offset, standard, 3 mm diameter
25
90° offset, compact, 2.5 mm diameter
15
90° offset, compact, M 3
15
90° offset, standard, 3 mm diameter
25
90° offset, long range
25
Fibre-optic cable cell
25
Temperature-resistant, M 4
25
Temperature-resistant up to 180 °C, M 4
30
Teflon sheath, 6.0 mm diameter, chemically resistant
40
Teflon sheath, 6.0 mm diameter, chemically resistant
40
90° offset
Small end sleeve, M 3, long range
25
Small end sleeve M 3
15
Small end sleeve, 1.5 mm diameter
15


Similar Part No. - 5308062

ManufacturerPart #DatasheetDescription
logo
SICK AG
5308062 SICK-5308062 Datasheet
206Kb / 5P
   FIBER-OPTIC SENSORS AND FIBERS
More results

Similar Description - 5308062

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
TOL-13114 SPARKFUN-TOL-13114 Datasheet
95Kb / 1P
   Resistor Lead Bending Tool
9/29/2015
logo
STMicroelectronics
EV-VNH5050A STMICROELECTRONICS-EV-VNH5050A Datasheet
245Kb / 12P
   EV-VNH5050A provides you an easy way
February 2014 Rev 3
EV-VNH5180A STMICROELECTRONICS-EV-VNH5180A Datasheet
244Kb / 12P
   EV-VNH5180A provides you an easy way
logo
Vishay Siliconix
60030 VISHAY-60030 Datasheet
174Kb / 2P
   Low Profile Bending Beam
Revision 07-Jun-04
logo
Maxim Integrated Produc...
MAX31328SHLD MAXIM-MAX31328SHLD Datasheet
857Kb / 11P
   Easy Evaluation of the MAX31328
319-100667; Rev 0; 12/20
MAX35104EVKIT MAXIM-MAX35104EVKIT Datasheet
1Mb / 21P
   Easy Evaluation of the MAX35104
Rev 0; 10/16
MAX34451EVKIT MAXIM-MAX34451EVKIT Datasheet
4Mb / 31P
   Easy Evaluation of the MAX34451
Rev 0; 5/13
MAX31343SHLD MAXIM-MAX31343SHLD Datasheet
2Mb / 11P
   Easy Evaluation of the MAX31343
319-100521; Rev 1; 5/20
MAX35103EVKIT MAXIM-MAX35103EVKIT Datasheet
3Mb / 22P
   Easy Evaluation of the MAX35103
Rev 0; 3/15
MAX34409EVKIT MAXIM-MAX34409EVKIT Datasheet
1Mb / 11P
   Easy Evaluation of the MAX34409
Rev 0; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com