Electronic Components Datasheet Search |
|
LHL08680K Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc |
|
LHL08680K Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc |
2 / 20 page 14 ▶Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification. Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/). 84 / RADIAL LEADED INDUCTORS WAVE i_leaded_LH_e-E02R01 RADIAL LEADED INDUCTORS ■PARTS NUMBER *Operating Temp. : -25~+105℃(Including self-generated heat) L H △ L △ 0 8 T B 1 0 1 K △ △ △ △=Blank space ① ② ③ ④ ⑤ ⑥ ⑦ ①Series name Code Series name LH△ Radial leaded inductor ②Characteristics Code Characteristics L△ Standard type Taping available LP Shielded type Bulk LC High current type ③Dimensions(D) Code Dimensions(D)[mm max.] 08 9.0 10 11.0 12 13.0 13 14.0 16 17.0 ④Packaging Code Packaging NB Bulk(LHL) TB Ammo packaging(LHL) ⑤Nominal inductance Code (example) Nominal inductance[μH] 1R0 1.0 150 15 102 1000 ※R=Decimal point ⑥Inductance tolerance Code Inductance tolerance J ±5% K ±10% M ±20% N ±30% ⑦Internal code Code Internal code △△△ Standard ■STANDARD EXTERNAL DIMENSIONS / STANDARD QUANTITY LHL /LHLC LHLP Type D H 2 ℓ F φd Standard quantity [pcs] Box Bulk Taping LH L 08 LH LC08 9.0 max (0.354 max) 9.5 max (0.374 max) 5.0±1.0 (0.197±0.039) 5.0±1.0 (0.197±0.039) 0.6±0.05 (0.024±0.002) - 100 1000 LH L 10 LH LC10 11.0 max (0.433 max) 14.0 max (0.551 max) 5.0±1.0 (0.197±0.039) 5.0±1.0 (0.197±0.039) 0.6±0.05 (0.024±0.002) - 50 500 LH L 13 14.0 max (0.551 max) 17.0 max (0.669 max) 5.0±1.0 (0.197±0.039) 7.5±1.0 (0.295±0.039) 0.8±0.05 (0.031±0.002) - 25 500 LH L 16 17.0 max (0.669 max) 21.0 max (0.827 max) 5.0±1.0 (0.197±0.039) 7.5±1.0 (0.295±0.039) 0.8±0.05 (0.031±0.002) 500 - 250 LH LP10 11.0 max (0.433 max) 11.0 max (0.433 max) 5.0±1.0 (0.197±0.039) 5.0±1.0 (0.197±0.039) 0.6±0.05 (0.024±0.002) 500 - 200 LH LP12 13.0 max (0.512 max) 16.0 max (0.624 max) 5.0±1.0 (0.197±0.039) 5.0±1.0 (0.197±0.039) 0.6±0.05 (0.024±0.002) 300 - - LH LP16 17.0 max (0.669 max) 19.0 max (0.741 max) 5.0±1.0 (0.197±0.039) 7.5±1.0 (0.295±0.039) 0.8±0.05 (0.031±0.002) 200 - - Unit:mm(inch) |
Similar Part No. - LHL08680K |
|
Similar Description - LHL08680K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |