Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAGX-000035-01000P-V2 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-000035-01000P-V2
Description  GaN Wideband 10 W CW / Pulsed Transistor in Plastic Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-000035-01000P-V2 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAGX-000035-01000P-V2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-000035-01000P-V2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-000035-01000P-V2 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-000035-01000P-V2 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-000035-01000P-V2 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-000035-01000P-V2 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAGX-000035-01000P-V2 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAGX-000035-01000P-V2 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAGX-000035-01000P-V2 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
GaN Wideband 10 W CW / Pulsed Transistor in Plastic Package
DC - 3.5 GHz
Rev. V2
MAGX-000035-01000P
4
44
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Parts List (N/A = not applicable for this tuning solution)
Parts measured on evaluation board (8-mil thick
RO4003C). Electrical and thermal ground is
provided using copper-filled via hole array (not
pictured), and evaluation board is mounted to a
metal plate.
Matching is provided using lumped elements as
shown at left. Recommended tuning solutions for 3
frequency ranges are detailed in the parts list
below.
Evaluation Board Details and Recommended Tuning Solutions
Turning the device ON
1. Set VG to the pinch-off (VP), typically -5 V.
2. Turn on VD to nominal voltage (50 V).
3. Increase VGS until the IDS current is reached.
4. Apply RF power to desired level.
Turning the device OFF
1. Turn the RF power off.
2. Decrease VG down to VP.
3. Decrease VD down to 0 V.
4. Turn off VG.
Bias Sequencing
Part
Frequency = 900-1400 MHz
Frequency = 1600 MHz
Frequency = 1625-1675 MHz
C1
0402, 6.8 pF, ±5%, 200V ATC
0402, 4.7 pF, ±0.1pF, 200 V, ATC
0402, 3.3 pF, ±0.1pF, 200 V, ATC
C2
0603, 6.8 pF, ±0.1 pF, 250 V, ATC
0603, 8.2 pF, ±0.1 pF, 250 V, ATC
0603, 8.2 pF, ±0.1 pF, 250 V, ATC
C3
0603, 82 pF, ±10%, 250 V, ATC
0603, 68 pF, ±10%, 250 V, ATC
0603, 68 pF, ±10%, 250 V, ATC
C4
0805, 1000 pF, 100 V, 5%, AVX
0805, 1000 pF, 100 V, 5%, AVX
0805, 1000 pF, 100 V, 5%, AVX
C5
N/A
0603, 1.5 pF, ±0.1 pF, 250 V, ATC
N/A
C6
N/A
N/A
0603, 1.5 pF, ±0.1 pF, 250 V, ATC
C7
0603, 39 pF, ±10%, 250 V, ATC
0603, 20 pF, ±10% pF, 250 V, ATC
0603, 20 pF, ±10% pF, 250 V, ATC
C8
0603, 82 pF, ±10%, 250 V, ATC
0603, 68 pF, ±10%, 250 V, ATC
0603, 68 pF, ±10%, 250 V, ATC
C9
0805, 1000 pF, 100 V, 5%, AVX
0805, 1000 pF, 100 V, 5%, AVX
0805, 1000 pF, 100 V, 5%, AVX
C10
0805, 1000 pF, 100 V, 5%, AVX
0805, 1000 pF, 100 V, 5%, AVX
0805, 1000 pF, 100 V, 5%, AVX
C11
N/A
N/A
N/A
C12
N/A
0603, 10 pF, ±0.1 pF, 250 V, ATC
0603, 6.8 pF, ±0.1 pF, 250 V, ATC
R1
240 Ω, 0603, 5%
200 Ω, 0603, 5%
200 Ω, 0603, 5%
R2
1.0 Ω, 0603, 5%
1.0 Ω, 0603, 5%
1.0 Ω, 0603, 5%
R3
1.0 Ω, 0603, 5%
1.0 Ω, 0603, 5%
1.0 Ω, 0603, 5%
R4
8.2 Ω, 0603, 5%
33 Ω, 0603, 5%
75 Ω, 0603, 5%
L1
0402HP, 3.3 nH, 5%, Coilcraft
0402HP, 2.7 nH, 5%, Coilcraft
Shorting tab
L2
0603HP, 6.8 nH, 5%, Coilcraft
0603HP, 1.6 nH, 5%, Coilcraft
0603HP, 1.6 nH, 5%, Coilcraft
L3
0402CS, 4.3 nH, 5%, Coilcraft
0402HP, 2.7 nH, 5%, Coilcraft
0402HP, 2.7 nH, 5%, Coilcraft
L4
0402CS, 3.3nH 5% (900-1300MHz); or
2.4nH, 5% for 1000MHz-1400MHz, Coilcraft
0402HP, 2.7 nH, 5%, Coilcraft
0402HP, 2.7 nH, 5%, Coilcraft


Similar Part No. - MAGX-000035-01000P-V2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000035-01000P MA-COM-MAGX-000035-01000P_15 Datasheet
1Mb / 10P
   GaN Wideband 10 W CW / Pulsed Transistor in Plastic Package
More results

Similar Description - MAGX-000035-01000P-V2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000035-01000P MA-COM-MAGX-000035-01000P_15 Datasheet
1Mb / 10P
   GaN Wideband 10 W CW / Pulsed Transistor in Plastic Package
MAGX-000040-00500P MA-COM-MAGX-000040-00500P_15 Datasheet
1Mb / 10P
   GaN Wideband 5 W CW / Pulsed Transistor in Plastic Package
MAGX-000040-00500P-V2 MA-COM-MAGX-000040-00500P-V2 Datasheet
1Mb / 10P
   GaN Wideband 5 W CW / Pulsed Transistor in Plastic Package
MAGX-000035-05000P MA-COM-MAGX-000035-05000P_15 Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P_15 Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-000035-05000P MA-COM-MAGX-000035-05000P Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-09000P MA-COM-MAGX-000035-09000P Datasheet
1Mb / 11P
   GaN Wideband 90 W Pulsed Transistor in Plastic Package
MAGX-000035-09000P MA-COM-MAGX-000035-09000P_15 Datasheet
1Mb / 11P
   GaN Wideband 90 W Pulsed Transistor in Plastic Package
logo
OSRAM GmbH
SPLPL85 OSRAM-SPLPL85 Datasheet
216Kb / 6P
   Pulsed Laser Diode in Plastic Package 10 W Peak Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com