Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5308052 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 5308052
Description  Bending light the easy way
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5308052 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  5308052 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5308052 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5308052 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5308052 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5308052 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5308052 Datasheet HTML 6Page - List of Unclassifed Manufacturers 5308052 Datasheet HTML 7Page - List of Unclassifed Manufacturers 5308052 Datasheet HTML 8Page - List of Unclassifed Manufacturers 5308052 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SD
SD
MD
531
SENSICK CATALOGUE
530
SENSICK CATALOGUE
LL 3 Plastic Fibre-optic cable
Description
(mm)
LL 3 Fibre-optic cable
Proximity Systems
s
Highly flexible
s
Small bend radii
s
Most fibre-optic cables can easily
be cut to length using cutter (supplied)
s
Operating temperature -- 40 … +70 °C,
special designs up to 180 °C
SD
Type
LL 3-DB 01-10
LL 3-DR 03
LL 3-DT 02
LL 3-DV 03
Part no.
5 308 075
5 308 080
5 308 085
LL 3-DF 02
5 308 095
5 308 090
1) For white scanned object, 90 % remission, minimum object
diameter = size of light (aperture LL: approx. 65°)
fibre-optic cable not shortened
2) With scanning front lens for LL 3, see front lenses for LL 3
3) Bend radius of the supple end sleeve
4) Cannot be cut
5) Ambient operating temperature – 40 . . . + 180 °C
6) Ambient operating temperature – 40 . . . + 100 °C
7) Minimum object diameter: scanning range reduction!
q not available
MD
SD
MD
SD
MD
SD
MD
SD
MD
SD
MD
SD
MD
17
24
0.025
40
0.025
10
0.025
50
0.025
10
0.025
15
20
0.015
40
0.015
8
0.015
50
0.015
20
0.015
7
10
0.015
22
0.015
4
0.015
25
0.015
3
0.015
q
q
5
0.015
q
6
0.015
q
q
q
yes
q
yes
q
40
0.015
40
0.015
30
0.015
20
0.020
20
0.015
14
0.015
40
0.030
40
0.025
30
0.025
q
yes
q
5
0.020
5
0.015
3
0.015
q
q
yes
q
yes
q
q
q
50
0.020
q
60
0.020
q
22
30
0.015
60
0.015
18
0.015
75
0.015
5
0.015
45
65
0.015
110
0.015
40
0.015
135
0.015
25
0.015
q
q
9
0.015
q
12
0.015
q
17
24
0.025
40
0.025
10
0.025
50
0.025
10
0.025
q
q
5
0.015
q
8
0.015
q
q
q
10
0.015
q
13
0.015
q
11
15
0.015
22
0.015
6
0.015
25
0.015
4
0.015
30
40
0.015
90
0.015
25
0.015
100
0.015
25
0.015
7
10
0.015
22
0.015
4
0.015
25
0.015
3
0.015
q
q
8
0.015
q
14
0.015
q
q
q
8
0.015
q
14
0.015
q
25
35
0.015
75
0.015
25
0.015
85
0.015
20
0.015
15
20
0.015
30
0.015
8
0.015
35
0.015
7
0.015
15
20
0.015
30/122)
0.015
8/122)
0.015
35/122)
0.015
7/122)
0.015
28
40
0.015
90
0.015
25
0.015
100
0.015
25
0.015
11
15
0.015
22
0.015
7
0.015
25
0.015
4
0.015
11
15
0.015
22
0.015
7
0.015
25
0.015
4
0.015
30
45
0.015
90
0.015
25
0.015
90
0.015
25
0.015
WLL 170 T
Green light
WLL 170 T
Red light
3V
5V
WLL 170 A
Analogue
WLL 170
Red light
High-speed
WLL 170
Red light
WLL 160 T
Red light
(FAST)
WLL 160 T
Red light
(NORM/MAX)
WLL 160
Red light
Selection table: sensors, fibre-optic cables, scanning ranges
Scanning distance SD1) and minimum target diameter MD7)
in mm in combination with sensor type
q
yes
q
q
45
0.020
q
55
0.020
55
0.015
50
0.015
100
0.020
100
0.015
70
0.015
9
0.020
8
0.015
5
0.015
40
0.030
40
0.025
30
0.025
5
0.020
5
0.015
3
0.015
9
0.020
9
0.015
5
0.015
20
0.020
20
0.015
14
0.015
70
0.020
70
0.015
50
0.015
20
0.020
20
0.015
14
0.015
9
0.020
9
0.015
6
0.015
9
0.020
9
0.015
6
0.015
70
0.020
70
0.015
50
0.015
25
0.020
25
0.015
18
0.015
25
0.020
25/122)
0.015
18
0.015
70
0.020
70
0.015
50
0.015
20
0.015
20
0.015
14
0.015
20
0.015
20
0.015
14
0.015
70
0.015
70
0.015
50
0.015
5 308 094
5 308 093
5 308 092
5 308 091
5 308 089
5 308 088
5 308 087
5 308 086
5 308 084
5 308 083
5 308 082
5 308 081
5 308 079
5 308 078
5 308 077
5 308 076
5 308 074
5 308 073
5 308 072
5 308 071
LL 3-DF 01
LL 3-DY 01
LL 3-DH 026)
LL 3-DH 015)
LL 3-DV 02
LL 3-DV 01
LL 3-DR 054)
LL 3-DT 044)
LL 3-DM 03
LL 3-DB 02
LL 3-DR 06
LL 3-DR 044)
LL 3-DR 02
LL 3-DR 01
LL 3-DM 02
LL 3-DT 01
LL 3-DB 01
LL 3-DS 06
LL 3-DT 03
LL 3-DM 01
Bend radius
LL 3 Fibre-optic cables
Features
Fibre-optic cable
Proximity System
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
WLL 24-2 Exi
Red light
q
q
q
q
q
q
q
q
q
q
q
2M2
q
q
Adaptor for WLL 12-2
q
2 015 210
2.2 mm
AD-LL 2M2
Part no.
LL-l
Type
2M2
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
q
2M2
q
2M2
q
q
2M2
q
q
q
WLL 12-2
Infra-red light
WLL 12-2
Red light
Adaptor for
WLL 12-2
AD-LL-
30
0.02
SD
MD
SD
MD
q
q
q
q
q
q
q
q
40
0.02
4
0.02
6
0.02
4
0.02
20
0.03
50
0.02
q
q
q
q
2M2
2M2
SD
MD
12
0.02
30
0.02
q
q
q
q
q
q
40
0.02
4
0.02
q
q
20
0.03
q
q
4
0.02
6
0.02
50
0.02
8
0.02
15
0.02
Compact sleeve, M 4, long scanning range
25
Super compact, sleeve 2.5 mm diameter
15
Super compact, sleeve M 3
10
Long scanning range, M 6, coaxial fibre-optic cable
25
10 m length, M 6, coaxial fibre-optic cable
25
For front lenses, M 3
15
Thin, short sleeve, M 4, coaxial fibre-optic cable
25
Highly flexible, M 6, long scanning range
4
Highly flexible, small sleeve, M 3
4
Highly flexible, 3 mm diameter, thin sleeve
4
Highly flexible, 1.5 mm diameter, thin sleeve
4
Highly flexible, M 4, compact sleeve
4
Supple sleeve, M 6, long scanning ranges
25/103)
Supple sleeve, M 4
25/103)
Thin long tip, M 3
15
Thin long tip, M 3, coaxial fibre-optic cable
15
diameter 3.0 mm, thin tip, 0.82 mm diameter
4
90° offset, 5.0 mm diameter
25
90° offset, small sleeve, 3.0 mm diameter
15
90° offset, M 6
25
Temperature resistant to 180 °C, M 6, long scanning range
30
Temperature resistant to 100 °C, M 6
25
Teflon sheath, resistant to chemicals, 6.0 mm diameter
40
Level switch, clear liquid, 6.0 mm diameter
50
Level switch, cloudy liquid, 6.0 mm diameter
50


Similar Part No. - 5308052

ManufacturerPart #DatasheetDescription
logo
SICK AG
5308052 SICK-5308052 Datasheet
217Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results

Similar Description - 5308052

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
TOL-13114 SPARKFUN-TOL-13114 Datasheet
95Kb / 1P
   Resistor Lead Bending Tool
9/29/2015
logo
STMicroelectronics
EV-VNH5050A STMICROELECTRONICS-EV-VNH5050A Datasheet
245Kb / 12P
   EV-VNH5050A provides you an easy way
February 2014 Rev 3
EV-VNH5180A STMICROELECTRONICS-EV-VNH5180A Datasheet
244Kb / 12P
   EV-VNH5180A provides you an easy way
logo
Vishay Siliconix
60030 VISHAY-60030 Datasheet
174Kb / 2P
   Low Profile Bending Beam
Revision 07-Jun-04
logo
Maxim Integrated Produc...
MAX31328SHLD MAXIM-MAX31328SHLD Datasheet
857Kb / 11P
   Easy Evaluation of the MAX31328
319-100667; Rev 0; 12/20
MAX35104EVKIT MAXIM-MAX35104EVKIT Datasheet
1Mb / 21P
   Easy Evaluation of the MAX35104
Rev 0; 10/16
MAX34451EVKIT MAXIM-MAX34451EVKIT Datasheet
4Mb / 31P
   Easy Evaluation of the MAX34451
Rev 0; 5/13
MAX31343SHLD MAXIM-MAX31343SHLD Datasheet
2Mb / 11P
   Easy Evaluation of the MAX31343
319-100521; Rev 1; 5/20
MAX35103EVKIT MAXIM-MAX35103EVKIT Datasheet
3Mb / 22P
   Easy Evaluation of the MAX35103
Rev 0; 3/15
MAX34409EVKIT MAXIM-MAX34409EVKIT Datasheet
1Mb / 11P
   Easy Evaluation of the MAX34409
Rev 0; 4/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com