Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAGX-000245-025000-V1 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-000245-025000-V1
Description  GaN on SiC HEMT Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-000245-025000-V1 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAGX-000245-025000-V1 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-000245-025000-V1 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-000245-025000-V1 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-000245-025000-V1 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-000245-025000-V1 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-000245-025000-V1 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GaN on SiC HEMT Power Transistor
25 W, DC-2.5 GHz, CW Power
Rev. V1
MAGX-000245-025000
2
2
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
2
Electrical Specifications1: Freq. = 2450 MHz, TA = 25°C
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Units
RF Functional Tests: VDD = +28 V, IDQ = 100 mA, CW Operation
Input Power
Pout= 25 W
Pin
-
1.6
2.4
W
Power Gain
Pout= 25 W
GP
10.2
12
-
dB
Drain Efficiency
Pout= 25 W
ηD
57
62
-
%
Load Mismatch Stability
Pout= 25 W
VSWR-S
-
5:1
-
-
Load Mismatch Tolerance
Pout= 25 W
VSWR-T
-
10:1
-
-
1. Electrical Specifications measured in MACOM RF evaluation board.
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Units
DC Characteristics
Drain-Source Leakage Current
VGS = -8 V, VDS = 175 V
IDS
-
-
3.0
mA
Gate Threshold Voltage
VDS = 5 V, ID = 6 mA
VGS (TH)
-5
-3
-2
V
Forward Transconductance
VDS = 5 V, ID = 1500 mA
GM
1.1
-
-
S
Dynamic Characteristics
Input Capacitance
VDS = 0 V, VGS = -8 V, F = 1 MHz
CISS
-
13.2
-
pF
Output Capacitance
VDS = 50 V, VGS = -8 V, F = 1 MHz
COSS
-
5.6
-
pF
Reverse Transfer Capacitance
VDS = 50 V, VGS = -8 V, F = 1 MHz
CRSS
-
0.5
-
pF
Electrical Characteristics: TA = 25°C
Correct Device Sequencing
Turning the device ON
1. Set VGS to the pinch-off (VP), typically -5 V.
2. Turn on VDS to nominal voltage (+28V).
3. Increase VGS until the IDS current is reached.
4. Apply RF power to desired level.
Turning the device OFF
1. Turn the RF power off.
2. Decrease VGS down to VP.
3. Decrease VDS down to 0 V.
4. Turn off VGS.


Similar Part No. - MAGX-000245-025000-V1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000245-025000 MA-COM-MAGX-000245-025000 Datasheet
1Mb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-000245-025000 MA-COM-MAGX-000245-025000_15 Datasheet
1Mb / 6P
   GaN on SiC HEMT Power Transistor
More results

Similar Description - MAGX-000245-025000-V1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000025-150000 MA-COM-MAGX-000025-150000_15 Datasheet
1Mb / 7P
   GaN on SiC HEMT Power Transistor
MAGX-000035-01000X MA-COM-MAGX-000035-01000X_15 Datasheet
609Kb / 8P
   GaN on SiC HEMT Power Transistor
MAGX-000245-014000-V2 MA-COM-MAGX-000245-014000-V2 Datasheet
513Kb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-000035-01000X MA-COM-MAGX-000035-01000X Datasheet
609Kb / 8P
   GaN on SiC HEMT Power Transistor
MAGX-000245-014000 MA-COM-MAGX-000245-014000 Datasheet
513Kb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-000025-150000-V1 MA-COM-MAGX-000025-150000-V1 Datasheet
1Mb / 7P
   GaN on SiC HEMT Power Transistor
MAGX-000245-025000 MA-COM-MAGX-000245-025000 Datasheet
1Mb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-000245-014000 MA-COM-MAGX-000245-014000_15 Datasheet
513Kb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-000245-025000 MA-COM-MAGX-000245-025000_15 Datasheet
1Mb / 6P
   GaN on SiC HEMT Power Transistor
MAGX-001214-500L00-V2 MA-COM-MAGX-001214-500L00-V2 Datasheet
833Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com