Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB912W55Z Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OPB912W55Z
Description  Photologic Slotted Optical Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OPB912W55Z Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OPB912W55Z Datasheet HTML 1Page - List of Unclassifed Manufacturers OPB912W55Z Datasheet HTML 2Page - List of Unclassifed Manufacturers OPB912W55Z Datasheet HTML 3Page - List of Unclassifed Manufacturers OPB912W55Z Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Photologic
® Slotted Optical Switch
“Wide Gap” Series
OPB900 through OPB913 Series (L, W__Z)
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
09/06
Page 3 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Electrical Characteristics (TA = -40°C to + 70° Unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
(See OPB240 for more information — for reference only)
VF
Forward Voltage
-
-
1.7
V
IF = 20 mA, TA = 25° C
IR
Reverse Current
-
-
100
µA
VR = 2 V, TA = 25° C
Output Photologic® Sensor
(See OPB560 for more information — for reference only)
VCC
Operating D.C. Supply Voltage
4.75
-
5.25
V
ICCL
Low Level Supply Current:
Buffered Totem-Pole Output
Buffered Open-Collector Output
-
-
15
mA
VCC = 5.25 V, IF = 0 mA
(1)
Inverted Totem-Pole Output
Inverted Open-Collector Output
-
-
15
mA
VCC = 5.25 V, IF = 20 mA
(1)
ICCH
High Level Supply Current:
Buffered Totem-Pole Output
Buffered Open-Collector Output
-
-
15
mA
VCC = 5.25 V, IF = 20 mA
(1)
Inverted Totem-Pole Output
Inverted Open-Collector Output
-
-
15
mA
VCC = 5.25 V, IF = 0 mA
(1)
VOL
Low Level Supply Current:
Buffered Totem-Pole Output
Buffered Open-Collector Output
-
-
0.4
V
VCC = 4.75 V, IOL = 12.8 mA, IF = 0 mA
(1)
Inverted Totem-Pole Output
Inverted Open-Collector Output
-
-
0.4
V
VCC = 4.75 V, IOL = 12.8 mA , IF = 20 mA
(1)
VOH
High Level Output Voltage:
Buffered Totem-Pole Output
2.4
-
-
V
VCC = 4.75 V, IOH = -800 µA, IF = 20 mA
(1)
Inverted Totem-Pole Output
2.4
-
-
V
VCC = 4.75 V, IOH = -800 µA, IF = 0 mA
(1)
IOH
High Level Output Current:
Buffered Open-Collector Output
-
-
100
µA
VCC = 4.75 V, VOH = 30 V, TA = 25° C
Inverted Open-Collector Output
-
-
100
µA
VCC = 4.75 V, VOH = 30 V, TA = 25° C
IF(+)
LED Positive-Going Threshold Current
-
-
20
mA
VCC = 5 V, TA = 25° C
IF(+)/IF(-) Hysteresis
-
2
-
-
VCC = 5 V
IOS
Short Circuit Output Current:
Buffered Totem-Pole Output
-30
-
-100
mA
VCC = 5.25 V, IF = 20 mA
Output = GND
Inverted Totem-Pole Output
-30
-
-100
mA
VCC = 5.25 V, IF = 0 mA
Output = GND
tr, tf
Output Rise Time, Output Fall Time
-
70
-
ns
tPLH, tPHL
Propagation Delay Low-High and High-
Low
-
5
-
µs
VCC = 5 V, TA = 25° C
IF = 0 or 20 mA
RL = 8 TTL Loads (Totem-Pole)
RL = 360 Ω (Open-Collector)
Notes:
(1) Normal application would be with light source blocked, simulated by IF = 0 mA.


Similar Part No. - OPB912W55Z

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB912 OPTEK-OPB912 Datasheet
371Kb / 4P
   Photologic짰 Slotted Optical Switch ?쏻ide Gap??Series
logo
TT Electronics.
OPB912L55W51Z TTELEC-OPB912L55W51Z Datasheet
633Kb / 4P
   Slotted Optical Switch Wide Gap Series
OPB912L55W55Z TTELEC-OPB912L55W55Z Datasheet
633Kb / 4P
   Slotted Optical Switch Wide Gap Series
More results

Similar Description - OPB912W55Z

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB963N11 TTELEC-OPB963N11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
logo
OPTEK Technologies
OPB615 OPTEK-OPB615 Datasheet
411Kb / 4P
   PHOTOLOGIC SLOTTED OPTICAL SWITCH
logo
TT Electronics.
OPB990T55Z TTELEC-OPB990T55Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB960L51 TTELEC-OPB960L51 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB460N11 TTELEC-OPB460N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB943W51Z TTELEC-OPB943W51Z Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB960T11 TTELEC-OPB960T11 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB461N11 TTELEC-OPB461N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
OPB980T51Z TTELEC-OPB980T51Z Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB973T55 TTELEC-OPB973T55 Datasheet
1Mb / 6P
   Photologic Slotted Optical Switch
OPB470N11 TTELEC-OPB470N11 Datasheet
1Mb / 8P
   Photologic Slotted Optical Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com