Selected language     English  ▼


C-106-2PM Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. C-106-2PM
Description  8 and 11 Pin Octal Sockets, DIN Rail Mountable
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
OT SERIES
RELAY SOCKETS
4
Custom Connector Corporation • 1738 E. 30th, Cleveland, OH 44114 • 216/241-1679 • Fax 216/241-5529
E-mail: sales@customconnector.com • Web: www.customconnector.com
TM
.165 [4.19]
1.295 [32.89]
1.005[25.53]
1.575 [40.01]
.580 [14.73]
.970 [24.64]
.312 [7.92]
2.010[51.05]
.040[1.02]
.040[1.02]
MADE
IN
USA
34
5
6
3
21
8
7
6
5
4
TERMINAL LOCATION
TOP VIEW
NOTE: OT08 SAME AS 0T08-PC
BUT WITH BINDER HEAD SCREWS
DIA. TYP.
TYP.
6
7
5
48
2
3
111
10
9
8
7
6
5
4
TERMINAL LOCATION
TOP VIEW
TYP.
.165 [4.19] DIA. TYP.
2.060 [52.32]
1.018 [25.84]
.580 [14.73]
.970 [24.64]
2.332 [59.22]
2.035 [51.69]
.770 [19.56]
.312 [7.92]
Fig. 2
Fig. 1
DESCRIPTION
8 and 11 Pin Octal Sockets, DIN Rail Mountable
ELECTRICAL RATING
• OT08, OT08-PC - 600 Volts, 10 Amps
**NEW UPGRADED RATING - OT08-PC***
• OT11, OT11-PC - 300 Volts, 10 Amps
CONSTRUCTION
Contacts
• Brass, Nickel Plated
Screws
• Binder Head, 6 - 32 x 1/4”
Steel, Zinc Plated
• Pressure Clamp, 6 - 32 x 5/16” Steel,
Zinc Plated, Wire Range #12 - #22
Solid or Stranded
Molding
• Break Resistant Thermoplastic
Black Standard, Grey Available
AGENCY APPROVALS
• UL recognized, File No. E60008
• CSA certified, File No. LR29513
• CE
ORDERING CODE
PART NO.
DESCRIPTION
TERMINAL TYPE
OT08
DPDT, 8 Pin Octal (Fig. 1)
Binder Head Screws
OT08-PC
DPDT, 8 Pin Octal (Fig. 1)
Pressure Clamp Screws
OT11
3PDT, 11 Pin Octal Style (Fig. 2)
Binder Head Screws
OT11-PC
3PDT, 11 Pin Octal Style (Fig. 2)
Pressure Clamp Screws
ACCESSORIES
PART NO.
DESCRIPTION (Refer to the accessories pages 25-27)
C-103-PM
Prepunched Aluminum DIN Rail (1 Meter Lengths)
C-104-PM
Prepunched Steel DIN Rail (1 Meter Lengths)
C-105-PM
Prepunched Steel DIN Rail (1 Meter Lengths)
C-106-2PM
Prepunched Steel DIN Rail (2 Meter Lengths)
C-108-PM
Prepunched Raised Aluminum DIN Rail (1 Meter Lengths)
C-108-2PM
Prepunched Raised Aluminum DIN Rail (2 Meter Lengths)
CUSTOM CONNECTOR
®
®




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl