Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STP75N75F4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP75N75F4
Description  N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in a TO-220 package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP75N75F4 Datasheet(HTML) 5 Page - STMicroelectronics

  STP75N75F4 Datasheet HTML 1Page - STMicroelectronics STP75N75F4 Datasheet HTML 2Page - STMicroelectronics STP75N75F4 Datasheet HTML 3Page - STMicroelectronics STP75N75F4 Datasheet HTML 4Page - STMicroelectronics STP75N75F4 Datasheet HTML 5Page - STMicroelectronics STP75N75F4 Datasheet HTML 6Page - STMicroelectronics STP75N75F4 Datasheet HTML 7Page - STMicroelectronics STP75N75F4 Datasheet HTML 8Page - STMicroelectronics STP75N75F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STP75N75F4
Electrical characteristics
Doc ID 023484 Rev 1
5/12
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max
Unit
ISD
Source-drain current
-
78
A
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current (pulsed)
-
312
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 78 A, VGS = 0
-
1.5
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 78 A, VDD = 60 V
di/dt = 100 A/µs,
Tj = 150 °C
(see Figure 15)
-
67
183
5.5
ns
nC
A


Similar Part No. - STP75N75F4

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STP75N75F4 VBSEMI-STP75N75F4 Datasheet
1,002Kb / 8P
   N-Channel 80 V (D-S) MOSFET
More results

Similar Description - STP75N75F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD78N75F4 STMICROELECTRONICS-STD78N75F4 Datasheet
493Kb / 12P
   N-channel 75 V, 0.0092 typ., 78 A STripFET DeepGATE Power MOSFET in TO-220 package
STP77N6F6 STMICROELECTRONICS-STP77N6F6 Datasheet
950Kb / 13P
   N-channel 60 V, 0.0063 typ., 77 A STripFET VI DeepGATE Power MOSFET in a TO-220 package
STP80N70F6 STMICROELECTRONICS-STP80N70F6 Datasheet
778Kb / 13P
   N-channel 68 V, 0.0063 typ., 96 A STripFET VI DeepGATE Power MOSFET in TO-220 package
STP80N70F4 STMICROELECTRONICS-STP80N70F4 Datasheet
659Kb / 12P
   N-channel 68 V, 8.2 m廓 typ., 85 A STripFET??DeepGATE?? Power MOSFET in TO-220 package
December 2012 Rev 2
STP310N10F7 STMICROELECTRONICS-STP310N10F7 Datasheet
824Kb / 13P
   N-channel 100 V, 2.3 m廓 typ., 180 A STripFET??VII DeepGATE?? Power MOSFET in a TO-220 package
July 2013 Rev 7
STP80N6F6 STMICROELECTRONICS-STP80N6F6 Datasheet
465Kb / 12P
   Automotive-grade N-channel 60 V, 4.4 m??typ., 80 A STripFET??VI DeepGATE??Power MOSFET in a TO-220 package
January 2014 Rev 2
STP160N4LF6 STMICROELECTRONICS-STP160N4LF6 Datasheet
817Kb / 14P
   N-channel 40 V, 0.0021 mΩ typ., 120 A, STripFET™ VI DeepGATE™ Power MOSFET in a TO-220 package
April 2014
STL80N75F6 STMICROELECTRONICS-STL80N75F6 Datasheet
1Mb / 15P
   N-channel 75 V, 4.5 m typ., 18 A STripFET DeepGATE VI Power MOSFET in PowerFLAT 5x6 package
STL7N10F7 STMICROELECTRONICS-STL7N10F7 Datasheet
875Kb / 14P
   N-channel 100 V, 0.027 ??typ., 7 A STripFET??VII DeepGATE?? Power MOSFET in a PowerFLAT??3.3x3.3 package
April 2014 Rev 2
STP90N55F4 STMICROELECTRONICS-STP90N55F4 Datasheet
526Kb / 13P
   N-channel 55 V, 0.0064 , 90 A, TO-220 STripFET DeepGATE Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com