Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-4R256FKK8K Datasheet(PDF) 5 Page - Elpida Memory

Part # MC-4R256FKK8K
Description  256MB 32-bit Direct Rambus DRAM RIMM Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R256FKK8K Datasheet(HTML) 5 Page - Elpida Memory

  MC-4R256FKK8K Datasheet HTML 1Page - Elpida Memory MC-4R256FKK8K Datasheet HTML 2Page - Elpida Memory MC-4R256FKK8K Datasheet HTML 3Page - Elpida Memory MC-4R256FKK8K Datasheet HTML 4Page - Elpida Memory MC-4R256FKK8K Datasheet HTML 5Page - Elpida Memory MC-4R256FKK8K Datasheet HTML 6Page - Elpida Memory MC-4R256FKK8K Datasheet HTML 7Page - Elpida Memory MC-4R256FKK8K Datasheet HTML 8Page - Elpida Memory MC-4R256FKK8K Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MC-4R256FKK8K
Preliminary Data Sheet E0253N10 (Ver. 1.0)
5
Signal
Module
connector pads
I/O
Type
Description
ROW2_THRU_R..
ROW0_THRU_R
A52, B50, A50
I
RSL
Row bus. 3-bit bus containing control and address information
for row accesses. Connects to right RDRAM device on "Thru"
Channel.
SCK_THRU_L
A2
I
VCMOS
Serial Clock input. Clock source used to read from and write
to "Thru" Channel RDRAM control registers. Connects to left
RDRAM device on "Thru" Channel.
SCK_THRU_R
A71
I
VCMOS
Serial Clock input. Clock source used to read from and write
to "Thru" Channel RDRAM control registers. Connects to right
RDRAM device on "Thru" Channel.
SIN_THRU
B34
I/O
VCMOS
"Thru" Channel Serial I/O for reading from and writing to the
control registers. Attaches to SIO0 of right RDRAM device on
"Thru" Channel.
SOUT_THRU
A34
I/O
VCMOS
"Thru" Channel Serial I/O for reading from and writing to the
control registers. Attaches to SIO1 of left RDRAM device on
"Thru" Channel.
CFM_TERM
B103
I
RSL
Clock from master. Connects to right RDRAM device on
"Term" Channel. Interface clock used for receiving RSL
signals from the controller. Positive polarity.
CFMN_TERM
B101
I
RSL
Clock from master. Connects to right RDRAM device on
"Term" Channel. Interface clock used for receiving RSL
signals from the controller. Negative polarity.
CMD_TERM
A115
I
VCMOS
Serial Command Input used to read from and write to the
control registers. Also used for power management.
Connects to right RDRAM device on "Term" Channel.
COL4_TERM..
COL0_TERM
B97, A97, B95, A95,
B93
I
RSL
"Term" Channel Column bus. 5-bit bus containing control and
address information for column accesses. Connects to right
RDRAM device on "Term" Channel.
CTM_TERM_L
B73
I
RSL
Clock To Master. Connects to left RDRAM device on "Term"
Channel. Interface clock used for transmitting RSL signals to
the controller. Positive polarity.
CTM_TERM_R
A103
I
RSL
Clock To Master. Connects to right RDRAM device on "Term"
Channel. Interface clock used for transmitting RSL signals to
the controller. Positive polarity.
CTMN_TERM_L
B71
I
RSL
Clock To Master. Connects to left RDRAM device on "Term"
Channel. Interface clock used for transmitting RSL signals to
the controller. Negative polarity.
CTMN_TERM_R
A105
I
RSL
Clock To Master. Connects to right RDRAM device on "Term"
Channel. Interface clock used for transmitting RSL signals to
the controller. Negative polarity.
DQA8_TERM..
DQA0_TERM
B113, A113, B111,
A111, B109, A109,
B107, A107, B105
I/O
RSL
"Term" Channel Data bus A. A 9-bit bus carrying a byte of
read or write data between the controller and RDRAM devices
on “Term” Channel. Connects to right RDRAM device on
"Term" Channel. DQA8_TERM is non-functional on modules
with x16 RDRAM devices.
DQB8_TERM..
DQB0_TERM
A85, B85, A87, B87,
A89, B89, A91, B91,
A93
I/O
RSL
"Term" Channel Data bus B. A 9-bit bus carrying a byte of
read or write data between the controller and RDRAM devices
on “Term” Channel. Connects to right RDRAM device on
"Term" Channel. DQB8_TERM is non-functional on modules
with x16 RDRAM devices.
ROW2_TERM..
ROW0_TERM
A101, B99, A99
I
RSL
"Term" Channel Row bus. 3-bit bus containing control and
address information for row accesses. Connects to right
RDRAM device on "Term" Channel.
SCK_TERM
B115
I
VCMOS
Serial Clock input. Clock source used to read from and write
to "Term" Channel RDRAM control registers. Connects to
right RDRAM device on "Term" Channel.
SIN_TERM
B83
I/O
VCMOS
"Term" Channel Serial I/O for reading from and writing to the
control registers. Attaches to SIO0 of left RDRAM device on
"Term" Channel.
VTERM
A60, B60, A61, B61
"Term" Channel Termination voltage.


Similar Part No. - MC-4R256FKK8K

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R256FKK6K ELPIDA-MC-4R256FKK6K Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
MC-4R256FKK6K-840 ELPIDA-MC-4R256FKK6K-840 Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
More results

Similar Description - MC-4R256FKK8K

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R256FKK6K ELPIDA-MC-4R256FKK6K Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
EBR25UC8ABKD ELPIDA-EBR25UC8ABKD Datasheet
123Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM??Module
EBR25EC8ABKD ELPIDA-EBR25EC8ABKD Datasheet
123Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM??Module
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR25EC8ABSA ELPIDA-EBR25EC8ABSA Datasheet
108Kb / 11P
   256MB Direct Rambus DRAM SO-RIMM Module
MC-4R128FKK8K ELPIDA-MC-4R128FKK8K Datasheet
88Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM Module
MC-4R512FKK8K ELPIDA-MC-4R512FKK8K Datasheet
91Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM Module
EBR12EC8ABKD ELPIDA-EBR12EC8ABKD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
EBR12UC8ABKD ELPIDA-EBR12UC8ABKD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com