Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VLF3010ST-100MR53 Datasheet(PDF) 2 Page - TDK Electronics

Part # VLF3010ST-100MR53
Description  SMD Inductors(Coils)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VLF3010ST-100MR53 Datasheet(HTML) 2 Page - TDK Electronics

  VLF3010ST-100MR53 Datasheet HTML 1Page - TDK Electronics VLF3010ST-100MR53 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(2/2)
002-03 / 20080821 / e531_vlf3010s.fm
• All specifications are subject to change without notice.
TYPICAL ELECTRICAL CHARACTERISTICS
INDUCTANCE vs. DC SUPERPOSITION CHARACTERISTICS
VLF3010ST-3R3MR88
VLF3010ST-4R7MR75
VLF3010ST-6R8MR65
VLF3010ST-100MR53
VLF3010ST-150MR38
VLF3010ST-220MR34
TEST CIRCUIT
0.0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
4.0
DC current (A)
0.0
0.2
0.4
0.6
0.8
1.0
0
1
2
3
5
4
6
DC current (A)
0.0
0.2
0.4
0.6
0.8
0
1
2
3
5
4
7
6
DC current (A)
0.0
0.2
0.4
0.6
0.8
0
2
4
12
6
8
10
DC current (A)
0.0
0.2
0.4
0.6
0
20
5
10
15
DC current (A)
0.0
0.2
0.1
0.3
0.4
0.5
0
25
5
10
20
15
DC current (A)
0.0
0.2
0.1
0.3
0.4
1: LCR meter 4285A f=1MHz
2: DC constant current
1
2
A
C=20,000
µF
L=0.1H
Sample


Similar Part No. - VLF3010ST-100MR53

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLF3010ST-100MR53 TDK-VLF3010ST-100MR53 Datasheet
112Kb / 17P
   L-Q Frequency Characteristics, DC Bias & Temperature Characteristics(1MHz), Temperature Rise
More results

Similar Description - VLF3010ST-100MR53

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VLF4014A TDK-VLF4014A Datasheet
39Kb / 1P
   SMD Inductors(Coils)
NLCV32T-1R5M-EFD TDK-NLCV32T-1R5M-EFD Datasheet
255Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-R47M-EFRD TDK-NLCV25T-R47M-EFRD Datasheet
247Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-4R7M-EFRD TDK-NLCV25T-4R7M-EFRD Datasheet
253Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-2R2M-EFRD TDK-NLCV25T-2R2M-EFRD Datasheet
251Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-220K-EFD TDK-NLCV25T-220K-EFD Datasheet
257Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-1R0M-EFRD TDK-NLCV25T-1R0M-EFRD Datasheet
251Kb / 4P
   SMD / SMT Inductors (Coils)
NLCV25T-100K-EFD TDK-NLCV25T-100K-EFD Datasheet
253Kb / 4P
   SMD / SMT Inductors (Coils)
VLS6045EX-6R8M-H TDK-VLS6045EX-6R8M-H Datasheet
214Kb / 3P
   SMD / SMT Inductors (Coils)
VLS6045EX-2R2N-H TDK-VLS6045EX-2R2N-H Datasheet
216Kb / 3P
   SMD / SMT Inductors (Coils)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com