Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-30CTQ045 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-30CTQ045
Description  Schottky Rectifier, 2x15 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30CTQ045 Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-30CTQ045 Datasheet HTML 1Page - Vishay Siliconix VS-30CTQ045 Datasheet HTML 2Page - Vishay Siliconix VS-30CTQ045 Datasheet HTML 3Page - Vishay Siliconix VS-30CTQ045 Datasheet HTML 4Page - Vishay Siliconix VS-30CTQ045 Datasheet HTML 5Page - Vishay Siliconix VS-30CTQ045 Datasheet HTML 6Page - Vishay Siliconix VS-30CTQ045 Datasheet HTML 7Page - Vishay Siliconix VS-30CTQ045 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 94188
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 12-Mar-10
3
VS-30CTQ...SPbF, VS-30CTQ...-1PbF Series
Schottky Rectifier, 2 x 15 A Vishay High Power Products
Fig. 1 - Maximum Forward Voltage Drop Characteristics
(Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage (Per Leg)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
0.1
1
10
100
1000
VFM - Forward Voltage Drop (V)
1.4
1.6
1.8
0
0.2
0.4
0.6
0.8
1.0
1.2
T
J =175° C
T
J =125° C
T
J = 25° C
0.0001
0.001
0.01
0.1
1
10
100
1000
VR - Reverse Voltage (V)
30
35
40
45
0
5
10
15
20
25
T
J = 175 °C
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
100
1000
VR - Reverse Voltage (V)
10
20
30
40
50
0
T
J = 25 °C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
1.0
Single pulse
(thermal resistance)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20


Similar Part No. - VS-30CTQ045

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTQ045-1-M3 VISHAY-VS-30CTQ045-1-M3 Datasheet
203Kb / 8P
   High Performance Schottky Rectifier, 2 x 15 A
Revision: 27-Oct-17
VS-30CTQ045-1HM3 VISHAY-VS-30CTQ045-1HM3 Datasheet
193Kb / 8P
   High Performance Schottky Rectifier, 2 x 15 A
Revision: 19-Nov-14
VS-30CTQ045-1PbF VISHAY-VS-30CTQ045-1PbF Datasheet
158Kb / 9P
   High Performance Schottky Rectifier
Revision: 08-Dec-14
VS-30CTQ045-1PBF VISHAY-VS-30CTQ045-1PBF Datasheet
164Kb / 8P
   High Performance Schottky Rectifier, 2 x 15 A
Revision: 08-Dec-14
VS-30CTQ045-M3 VISHAY-VS-30CTQ045-M3 Datasheet
171Kb / 7P
   High Performance Schottky Rectifier, 2 x 15 A
Revision: 17-Aug-17
More results

Similar Description - VS-30CTQ045

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
241NQ045R VISHAY-241NQ045R Datasheet
119Kb / 6P
   Schottky Rectifier, 240 A
Revision: 18-Nov-09
10BQ100PBF VISHAY-10BQ100PBF_10 Datasheet
114Kb / 7P
   Schottky Rectifier, 1 A
Revision: 03-Mar-10
6TQ045 VISHAY-6TQ045 Datasheet
111Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
10MQ060NPBF VISHAY-10MQ060NPBF Datasheet
105Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
10MQ100NPBF VISHAY-10MQ100NPBF Datasheet
98Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 16-Apr-08
10TQPBF VISHAY-10TQPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 10 A
Revision: 05-Jun-08
10TQS VISHAY-10TQS Datasheet
125Kb / 6P
   Schottky Rectifier, 10 A
Revision: 25-Jun-08
19TQ015PBF VISHAY-19TQ015PBF_08 Datasheet
114Kb / 6P
   Schottky Rectifier, 19 A
Revision: 12-Sep-08
20L15TS VISHAY-20L15TS Datasheet
111Kb / 6P
   Schottky Rectifier, 20 A
Revision: 22-Aug-08
20MQ060NPBF VISHAY-20MQ060NPBF Datasheet
95Kb / 5P
   Schottky Rectifier, 2.1 A
Revision: 24-Jul-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com