Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR2330 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # BR2330
Description  INDUSTRIAL SOLUTIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

BR2330 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  BR2330 Datasheet HTML 1Page - Panasonic Semiconductor BR2330 Datasheet HTML 2Page - Panasonic Semiconductor BR2330 Datasheet HTML 3Page - Panasonic Semiconductor BR2330 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LITHIUM - Coin Type
Coin type lithium batteries are high energy, high reliability batteries for a variety of
applications. The full 3 volts in these high energy density batteries is about twice that of
conventional dry batteries.
Panasonic coin type lithium batteries are available in
two types: poly-carbonmonofluoride lithium batteries
(BR series) for uses that require extended reliability
and safety, and manganese dioxide lithium batteries
(CR series) for uses that require high voltage and
strong load pulse characteristics.
The CR Lithium primary coin cells contain
Perchlorate over the limit specified by the state
legislature of California and are therefore subject to
requirements in the California Code of Regulations,
title 22, division 4.5: Chapter 33 – Best Management
Practices for Perchlorate Materials.
Features:
High voltage of 3 volts - twice that of conventional dry batteries
Extremely small self-discharge for long service and shelf life
A wide operational temperature range
Compact and lightweight; extremely high energy density per unit weight
Very safe (poly-carbonmonofluoride lithium)
Extremely strong load pulse characteristics (manganese dioxide lithium)
Operating temperature range:
BR Coin Cells: -30ºC ~ +80ºC
CR Coin Cells: -30ºC ~ +60ºC


Similar Part No. - BR2330

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
BR2330 PANASONIC-BR2330 Datasheet
185Kb / 6P
   Poly-carbonmonofluoride (BR Series) and Manganese Dioxide (CR Series)
logo
Panasonic Battery Group
BR2330 PANASONICBATTERY-BR2330 Datasheet
663Kb / 6P
   LITHIUM - Coin Type
AUGUST 2005
BR2330-GUN PANASONICBATTERY-BR2330-GUN Datasheet
104Kb / 4P
   Coin type lithium batteries are high energy, high reliability batteries for a variety of applications. The full 3 volts in these high energy density batteries is about twice that of conventional dry batteries.
BR2330/1GVF PANASONICBATTERY-BR2330/1GVF Datasheet
663Kb / 6P
   LITHIUM - Coin Type
AUGUST 2005
BR2330/1HE PANASONICBATTERY-BR2330/1HE Datasheet
663Kb / 6P
   LITHIUM - Coin Type
AUGUST 2005
More results

Similar Description - BR2330

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
T12F-C PANDUIT-T12F-C Datasheet
421Kb / 6P
   Industrial Electrical Solutions
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
   Solutions for Industrial Automation
30065 ETC2-30065 Datasheet
136Kb / 1P
   Industrial Data Solutions LonWorks Cables
logo
Intel Corporation
SCS110K INTEL-SCS110K Datasheet
415Kb / 5P
   Intel Industrial Solutions System Consolidation Series
logo
Intersil Corporation
ISL78307 INTERSIL-ISL78307 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Freescale Semiconductor...
TWR-PXD20 FREESCALE-TWR-PXD20 Datasheet
433Kb / 8P
   32-bit Power Architecture짰 MCU for Quality Industrial Display Solutions
logo
PHOENIX CONTACT
1627204 PHOENIX-1627204 Datasheet
76Kb / 3P
   Consistent EMC protection for reliable connection solutions in the industrial environment
logo
Freescale Semiconductor...
TWR-PXD10 FREESCALE-TWR-PXD10 Datasheet
931Kb / 8P
   32-bit Power Architecture짰 MCU for Entry-Level Industrial Display Solutions
logo
Bright View Electronic ...
BVZ-925QT4 BVLED-BVZ-925QT4 Datasheet
121Kb / 11P
   LED solutions
logo
RMT Ltd.
HFD03-060-04L06 RMT-HFD03-060-04L06 Datasheet
1Mb / 5P
   Thermoelectric Solutions
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com