Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG130 Datasheet(PDF) 1 Page - AMETHERM Circuit Protection Thermistors

Part # SG130
Description  SURGE-GARD INRUSH CURRENT LIMITER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

SG130 Datasheet(HTML) 1 Page - AMETHERM Circuit Protection Thermistors

  SG130 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1342
0.310
NOM
20 AWG
TINNED COPPER
1.5
MIN
0.250
MAX
0.600
MAX
SG130
ORIG. F. TISEO
APP
RODAN DIVISION
DATE
ECO#
REV
DRAWING NOT TO SCALE
ALL DIMENSIONS IN INCHES
SURGE-GARD
INRUSH CURRENT LIMITER
SHEET 1 OF 1
REV A
DATE 09/24/90
DRAWN BY D. NGUYEN
SPECIFICATIONS:
RESISTANCE AT 25 DEG C = 2.5 OHMS +/- 15%
MAX CONTINUOUS CURRENT (Imax) = 7 AMPS
RESISTANCE AT Imax = 0.05 OHMS NOMINAL
MAX VOLTAGE RATING = 265 VAC (RMS)
MAX SURGE RATING = 27 JOULES
ENCAPSULATION = SILICONE RESIN
MARKING = OPTIONAL
LEADS = RODAN P/N STL-209-20
A
03/31/95


Similar Part No. - SG130

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SG130 KODENSHI-SG130 Datasheet
150Kb / 3P
   Small package COB type
logo
Eaton All Rights Reserv...
SG13005 EATON-SG13005 Datasheet
1Mb / 36P
   Surge Protection
More results

Similar Description - SG130

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SG57 AMETHERM-SG57 Datasheet
360Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
SG64 AMETHERM-SG64 Datasheet
361Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
SG301 AMETHERM-SG301 Datasheet
351Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
SG306 AMETHERM-SG306 Datasheet
362Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
SG32 AMETHERM-SG32 Datasheet
361Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
SG312 AMETHERM-SG312 Datasheet
362Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
SG330 AMETHERM-SG330 Datasheet
362Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
SG170 AMETHERM-SG170 Datasheet
359Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
SG307 AMETHERM-SG307 Datasheet
367Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
SG27 AMETHERM-SG27 Datasheet
362Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
SG40 AMETHERM-SG40 Datasheet
361Kb / 1P
   SURGE-GARD INRUSH CURRENT LIMITER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com