Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-36MB100A Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-36MB100A
Description  Single Phase Bridge (Power Modules), 25 A/35 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-36MB100A Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-36MB100A Datasheet HTML 1Page - Vishay Siliconix VS-36MB100A Datasheet HTML 2Page - Vishay Siliconix VS-36MB100A Datasheet HTML 3Page - Vishay Siliconix VS-36MB100A Datasheet HTML 4Page - Vishay Siliconix VS-36MB100A Datasheet HTML 5Page - Vishay Siliconix VS-36MB100A Datasheet HTML 6Page - Vishay Siliconix VS-36MB100A Datasheet HTML 7Page - Vishay Siliconix VS-36MB100A Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VS-MB High Voltage Series
www.vishay.com
Vishay Semiconductors
Revision: 10-Jul-13
5
Document Number: 93564
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
2
-
Current rating code
1
-
Vishay Semiconductors product
3
-
Circuit configuration:
4
-
Voltage code x 10 = VRRM
5
-
Diode bridge rectifier:
MB = Single phase european coding
A = 26 MB, 36 MB series
26 = 25 A (average)
36 = 35 A (average)
Device code
1
3
2
4
5
36
VS-
MB
160
A
+
-
~
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95326


Similar Part No. - VS-36MB100A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-36MB160A VISHAY-VS-36MB160A Datasheet
772Kb / 7P
   Single Phase Bridge
Revision: 10-Jul-13
More results

Similar Description - VS-36MB100A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
26MB140A VISHAY-26MB140A_12 Datasheet
173Kb / 7P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 17-Jun-08
VS-GBPC3512W VISHAY-VS-GBPC3512W Datasheet
885Kb / 7P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 08-Apr-14
VS-MB VISHAY-VS-MB Datasheet
806Kb / 7P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 10-Jul-13
26MB140A VISHAY-26MB140A Datasheet
160Kb / 6P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 17-Jun-08
GBPC25 VISHAY-GBPC25 Datasheet
129Kb / 7P
   Single Phase Bridge (Power Modules), 25/35 A
Revision: 29-Sep-08
26MB20A VISHAY-26MB20A Datasheet
119Kb / 6P
   Single Phase Bridge (Power Modules), 25/35 A
Revision: 27-Jun-08
26MT VISHAY-26MT_12 Datasheet
203Kb / 8P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
VS-36MT80 VISHAY-VS-36MT80 Datasheet
201Kb / 8P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
26MT VISHAY-26MT Datasheet
187Kb / 7P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
VS-36MT160 VISHAY-VS-36MT160 Datasheet
208Kb / 9P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com