Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-ETH1506FP-M3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-ETH1506FP-M3
Description  Hyperfast Rectifier, 15 A FRED Pt
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ETH1506FP-M3 Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-ETH1506FP-M3 Datasheet HTML 1Page - Vishay Siliconix VS-ETH1506FP-M3 Datasheet HTML 2Page - Vishay Siliconix VS-ETH1506FP-M3 Datasheet HTML 3Page - Vishay Siliconix VS-ETH1506FP-M3 Datasheet HTML 4Page - Vishay Siliconix VS-ETH1506FP-M3 Datasheet HTML 5Page - Vishay Siliconix VS-ETH1506FP-M3 Datasheet HTML 6Page - Vishay Siliconix VS-ETH1506FP-M3 Datasheet HTML 7Page - Vishay Siliconix VS-ETH1506FP-M3 Datasheet HTML 8Page - Vishay Siliconix VS-ETH1506FP-M3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
VS-ETH1506-M3, VS-ETH1506FP-M3
Hyperfast Rectifier, 15 A FRED Pt®
Vishay Semiconductors
Document Number: 93522
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 11-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs.
Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Forward Voltage Drop-V
F
(V)
0.5
1.0
1.5
2.0
2.5
3.0
1
10
100
Tj = 25°C
Tj = 150°C
Tj = 175°C
0
100
200
300
400
500
600
0.0001
0.001
0.01
0.1
1
10
100
1000
150°C
175°C
25°C
50°C
75°C
125°C
100°C
Reverse Voltage-V
R (V)
Reverse Voltage-V
R (V)
0
100
200
300
400
500
600
1
10
100
1000
t1,RectangularPulseDuration(Seconds)
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
0.01
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5
D = 0.01


Similar Part No. - VS-ETH1506FP-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ETH1506FP-M3 VISHAY-VS-ETH1506FP-M3 Datasheet
203Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 11-Mar-11
VS-ETH1506FP-M3 VISHAY-VS-ETH1506FP-M3 Datasheet
197Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt짰
01-Jan-2022
VS-ETH1506FP-M3 VISHAY-VS-ETH1506FP-M3_V01 Datasheet
197Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt짰
01-Jan-2022
More results

Similar Description - VS-ETH1506FP-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15ETX06SPBF VISHAY-15ETX06SPBF_10 Datasheet
176Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-10
ETH1506-M3 VISHAY-ETH1506-M3 Datasheet
201Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
ETH1506S-M3 VISHAY-ETH1506S-M3 Datasheet
195Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 21-Apr-11
15S2TH06FP VISHAY-15S2TH06FP_10 Datasheet
131Kb / 7P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 19-Aug-10
15STH06FP VISHAY-15STH06FP_10 Datasheet
124Kb / 7P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 19-Aug-10
ETX1506S-M3 VISHAY-ETX1506S-M3 Datasheet
195Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 19-Apr-11
15ETH03SPBF VISHAY-15ETH03SPBF_10 Datasheet
182Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-10
VS-15ETH06HN3 VISHAY-VS-15ETH06HN3 Datasheet
174Kb / 7P
   Hyperfast Rectifier, 15 A Fred Pt
Revision: 10-Jul-15
15ETH06SPBF VISHAY-15ETH06SPBF_10 Datasheet
182Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-10
ETX1506-M3 VISHAY-ETX1506-M3 Datasheet
200Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt
Revision: 11-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com