Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W171DIP-7 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # W171DIP-7
Description  117SIP, 107DIP, 171DIP PCB Mount Miniature Reed Relays/SPDT and SPST 0.5 Amp Rated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W171DIP-7 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  W171DIP-7 Datasheet HTML 1Page - List of Unclassifed Manufacturers W171DIP-7 Datasheet HTML 2Page - List of Unclassifed Manufacturers W171DIP-7 Datasheet HTML 3Page - List of Unclassifed Manufacturers W171DIP-7 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Magnecraft Solution Guide 105A
Magnecraft Solution Guide 105A
107DIP
171DIP
107DIP & 171DIP
0.4
(10.2)
0.6
(15.24)
0.03
(0.64)
0.12
(3)
0.01
(0.25)
0.38
(9.65)
0.02
(0.51)
0.79 MAX
(20.14)
0.29 MAX
(7.37)
0.1 IN GRID
(2.54 MM)
Circuit Board Pin Spacing
Viewed from component side
1
14
7
8
0.3 MAX
(7.62)
DRAWING ENLARGED TO 200% OF ACTUAL SIZE
www.magnecraft.com 847-441-2540
107DIP
SPST-NO
Rhodium
0.5
120
100
10
5….24
80% to 110%
0.29
10%
50,000,000
100,000,000
1
1000
1000
200
-40…+85
-40…+55
20,10-200Hz
50
1
171DIP
DPST-NO
Rhodium
0.5
120
100
10
5….24
80% to 110%
0.29
10%
50,000,000
100,000,000
1
1000
1000
200
-40…+85
-40…+55
20,10-200Hz
50
1
171DIP
SPST
Rhodium
0.5
60
100
10
5….24
80% to 110%
0.29
10%
50,000,000
100,000,000
1
1000
1000
200
-40…+85
-40…+55
20,10-200Hz
50
1
117SIP, 107DIP, 171DIP PCB Mount Miniature Reed Relays/
SPDTandSPST0.5AmpRated
MiniatureReedRelays
8/9


Similar Part No. - W171DIP-7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W171DIP-7 ETC2-W171DIP-7 Datasheet
270Kb / 4P
   117SIP, 107DIP, 171DIP PCB Mount Miniature Reed Relays/SPDT and SPST 0.5 Amp Rated
More results

Similar Description - W171DIP-7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W117SIP-6 ETC2-W117SIP-6 Datasheet
270Kb / 4P
   117SIP, 107DIP, 171DIP PCB Mount Miniature Reed Relays/SPDT and SPST 0.5 Amp Rated
W171DIP-4 ETC2-W171DIP-4 Datasheet
269Kb / 4P
   117SIP, 107DIP, 171DIP PCB Mount Miniature Reed Relays/SPDT and SPST 0.5 Amp Rated
W9AS1D52-12 ETC2-W9AS1D52-12 Datasheet
289Kb / 4P
   9A Miniature Power Relays/SPST and SPDT 30 Amp Rating (DC and AC)
logo
Meder Electronic
CRR05-1AS MEDER-CRR05-1AS_12 Datasheet
479Kb / 3P
   SPST Reed Relays
logo
DB Lectro Inc
20D-1A12E1 DBLECTRO-20D-1A12E1 Datasheet
986Kb / 2P
   MINIATURE REED RELAYS
20D-1A12N1 DBLECTRO-20D-1A12N1 Datasheet
1Mb / 2P
   MINIATURE REED RELAYS
21D-1E12N0 DBLECTRO-21D-1E12N0 Datasheet
873Kb / 2P
   MINIATURE REED RELAYS
logo
Grayhill, Inc
07Z1047-1 GRAYHILL-07Z1047-1 Datasheet
79Kb / 1P
   SPST and SPDT, 10 Amp Momentary Contact
logo
DB Lectro Inc
20D-1A15N15 DBLECTRO-20D-1A15N15 Datasheet
1,004Kb / 2P
   INPENDANCE MINIATURE REED RELAYS
logo
List of Unclassifed Man...
W172DIP-149 ETC2-W172DIP-149 Datasheet
203Kb / 3P
   172DIP PCB Mount Miniature Reed Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com