Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V600-A41 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # V600-A41
Description  Non-contact Data Communications System
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V600-A41 Datasheet(HTML) 1 Page - Omron Electronics LLC

  V600-A41 Datasheet HTML 1Page - Omron Electronics LLC V600-A41 Datasheet HTML 2Page - Omron Electronics LLC V600-A41 Datasheet HTML 3Page - Omron Electronics LLC V600-A41 Datasheet HTML 4Page - Omron Electronics LLC V600-A41 Datasheet HTML 5Page - Omron Electronics LLC V600-A41 Datasheet HTML 6Page - Omron Electronics LLC V600-A41 Datasheet HTML 7Page - Omron Electronics LLC V600-A41 Datasheet HTML 8Page - Omron Electronics LLC V600-A41 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Electromagnetic Coupling RFID System
V600
1
Electromagnetic Coupling RFID System
V600
Non-contact Data Communications System
• New compact, slim Controller with two input channels added to
the lineup.
• Superior environmental resistance.
• Heat-resistant Data Carrier available (150
°C max.).
• Large memory capacity of 8 kbytes for Built-in-battery Data Car-
riers and 254 bytes for Battery-less Data Carriers.
• Built-in-battery Data Carriers have a battery life detecting func-
tion.
• Data of Battery-less Data Carriers with small memory capacity
can be overwritten 300,000 times at normal temperatures.
• Thin, compact, and low-cost Data Carriers are available.
• Transmission distance of 100 mm max.
• CE marking/FCC approvals.
Ordering Information
■ Data Carriers
Item
Model
Specifications/Design/Memory capacity
Large Memory
Capacity
Built-in-battery Data Car-
riers
V600-D8KR12
Rectangular compact
65
× 40 × 15 mm
8 Kbytes
V600-D8KR13
Thin rectangular
86
× 54 × 10.3 mm
V600-D8KR04
Intermediate-range rectangular
86
× 54 × 20 mm
Battery-less Data Carri-
ers
V600-D8KF04
Intermediate-range rectangular
86
× 54 × 20 mm
Replaceable-battery Data
Carriers
V600-D2KR16
Compact
65
× 40 × 5 mm
2 Kbytes
Small Memory
Capacity
Battery-less Data Carri-
ers
V600-D23P71
Ultrathin card-type
86
× 54 × 1.5 mm
254 bytes
V600-D23P72
Thin half-size card-type
50
× 34 × 1.5 mm
V600-D23P66N
Rectangular
34
× 34 × 3.5 mm
V600-D23P66SP
Rectangular package with PFA
95
× 36.5 × 6.5 mm
V600-D23P61
Rectangular compact
32
× 24 × 6 mm
V600-D23P53
Round super-compact
8 dia.
× 5 mm
V600-D23P54
Round compact
12 dia.
× 6 mm
V600-D23P55
Round super-compact
8 dia.
× 5 mm
Q124-E1-03.fm Page 1 Tuesday, May 30, 2006 5:22 PM


Similar Part No. - V600-A41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V600-A41 OMRON-V600-A41 Datasheet
3Mb / 34P
   Non-contact Data Communications System
More results

Similar Description - V600-A41

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V600 OMRON-V600 Datasheet
3Mb / 34P
   Non-contact Data Communications System
XW2Z-500P OMRON-XW2Z-500P Datasheet
3Mb / 32P
   Non-contact Data Communications System
logo
Infineon Technologies A...
SAB82525N INFINEON-SAB82525N Datasheet
730Kb / 126P
   Data Communications ICs
10.94
logo
Dialog Semiconductor
SLG46110 DIALOG-SLG46110 Datasheet
837Kb / 82P
   Data Communications Equipment
logo
Hittite Microwave Corpo...
HMC6000LP711E HITTITE-HMC6000LP711E Datasheet
1Mb / 18P
   Multi-Gbps Data Communications
logo
Analog Devices
ADM1060 AD-ADM1060_15 Datasheet
456Kb / 52P
   Communications System Supervisory/Sequencing Circuit
REV. B
ADM1060 AD-ADM1060 Datasheet
303Kb / 45P
   Communications System Supervisory/Sequencing Circuit
REV. PrJ 11/02
logo
Zilog, Inc.
Z80382 ZILOG-Z80382 Datasheet
304Kb / 77P
   HIGH-PERFORMANCE DATA COMMUNICATIONS PROCESSORS
logo
Allen-Bradley
440N-C02068 ALLEN-BRADLEY-440N-C02068 Datasheet
126Kb / 4P
   Non contact Switches
GS1 ALLEN-BRADLEY-GS1 Datasheet
84Kb / 4P
   Non contact Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com