Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-83CNQ Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-83CNQ
Description  Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-83CNQ Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-83CNQ Datasheet HTML 1Page - Vishay Siliconix VS-83CNQ Datasheet HTML 2Page - Vishay Siliconix VS-83CNQ Datasheet HTML 3Page - Vishay Siliconix VS-83CNQ Datasheet HTML 4Page - Vishay Siliconix VS-83CNQ Datasheet HTML 5Page - Vishay Siliconix VS-83CNQ Datasheet HTML 6Page - Vishay Siliconix VS-83CNQ Datasheet HTML 7Page - Vishay Siliconix VS-83CNQ Datasheet HTML 8Page - Vishay Siliconix VS-83CNQ Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 94259
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 16-Apr-10
5
VS-83CNQ...A PbF Series
Schottky Rectifier
New Generation 3 D-61 Package, 2 x 40 A
Vishay High Power Products
ORDERING INFORMATION TABLE
2
-
Current rating (80 A)
3
4
5
-
Schottky “Q” series
6
-
Voltage ratings
7
-
8
Standard pack quantity: A = 10 pieces; ASM/ASL = 20 pieces
A = D-61-8
ASM = D-61-8-SM
ASL = D-61-8-SL
-
Package style:
N = D-61
-
Package:
C = Common cathode
-
Circuit configuration:
-
None = Standard production
PbF = Lead (Pb)-free
Device code
5
1
3
24
67
8
VS-
83
C
N
Q
100
A
PbF
1
-
HPP product suffix
080 = 80 V
100 = 100 V
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95354
Part marking information
www.vishay.com/doc?95356
SPICE model
www.vishay.com/doc?95290


Similar Part No. - VS-83CNQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-83CNQ080A VISHAY-VS-83CNQ080A Datasheet
118Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 26-Apr-10
VS-83CNQ080APBF VISHAY-VS-83CNQ080APBF Datasheet
166Kb / 10P
   Schottky Rectifier
Revision: 16-Apr-10
VS-83CNQ100A VISHAY-VS-83CNQ100A Datasheet
118Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 26-Apr-10
VS-83CNQ100APBF VISHAY-VS-83CNQ100APBF Datasheet
166Kb / 10P
   Schottky Rectifier
Revision: 16-Apr-10
VS-83CNQAPBF VISHAY-VS-83CNQAPBF Datasheet
165Kb / 9P
   High Performance Schottky Rectifier Gen 3, D-61 Package, 2 x 40 A
Revision: 17-Jun-15
More results

Similar Description - VS-83CNQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
85CNQ015APBF VISHAY-85CNQ015APBF_10 Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
81CNQ035APBF VISHAY-81CNQ035APBF Datasheet
105Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 27-Oct-08
88CNQ060A VISHAY-88CNQ060A Datasheet
111Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 02-Sep-08
82CNQ030A VISHAY-82CNQ030A Datasheet
122Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Aug-08
80CNQ035APBF VISHAY-80CNQ035APBF_10 Datasheet
161Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
82CNQ030APBF VISHAY-82CNQ030APBF Datasheet
107Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 13-Aug-08
87CNQ020A VISHAY-87CNQ020A Datasheet
131Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 21-Aug-08
87CNQ020APBF VISHAY-87CNQ020APBF Datasheet
117Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 12-Sep-08
81CNQ035APBF VISHAY-81CNQ035APBF_10 Datasheet
152Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
82CNQ030APBF VISHAY-82CNQ030APBF_10 Datasheet
158Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com