Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-70HF140 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-70HF140
Description  Standard Recovery Diodes Stud Version), 70 A
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-70HF140 Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-70HF140 Datasheet HTML 1Page - Vishay Siliconix VS-70HF140 Datasheet HTML 2Page - Vishay Siliconix VS-70HF140 Datasheet HTML 3Page - Vishay Siliconix VS-70HF140 Datasheet HTML 4Page - Vishay Siliconix VS-70HF140 Datasheet HTML 5Page - Vishay Siliconix VS-70HF140 Datasheet HTML 6Page - Vishay Siliconix VS-70HF140 Datasheet HTML 7Page - Vishay Siliconix VS-70HF140 Datasheet HTML 8Page - Vishay Siliconix VS-70HF140 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
VS-70HF(R) Series
www.vishay.com
Vishay Semiconductors
Revision: 29-Jan-14
2
Document Number: 93521
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Recommended for pass-through holes
(2) Recommended for holed threaded heatsinks
Note
• The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
70HF(R)
UNITS
10 TO 120 140/160
Maximum average forward current
at case temperature
IF(AV)
180° conduction, half sine wave
70
A
140
110
°C
Maximum RMS forward current
IF(RMS)
110
A
Maximum peak, one cycle forward,
non-repetitive surge current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ =
TJ maximum
1200
A
t = 8.3 ms
1250
t = 10 ms
100 % VRRM
reapplied
1000
t = 8.3 ms
1050
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
7100
A2s
t = 8.3 ms
6450
t = 10 ms
100 % VRRM
reapplied
5000
t = 8.3 ms
4550
Maximum I2
t for fusing
I2
t
t = 0.1 ms to 10 ms, no voltage reapplied
71 000
A2
s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
 x I
F(AV) < I <  x IF(AV)), TJ = TJ maximum
0.79
V
High level value of threshold voltage
VF(TO)2
(I >
 x I
F(AV)), TJ = TJ maximum
1.00
Low level value of forward
slope resistance
rf1
(16.7 % x
 x I
F(AV) < I <  x IF(AV)), TJ = TJ maximum
2.33
m
High level value of forward
slope resistance
rf2
(I >
 x I
F(AV)), TJ = TJ maximum
1.53
Maximum forward voltage drop
VFM
Ipk = 220 A, TJ = 25 °C, tp = 400 μs rectangular wave
1.35
1.46
V
THERMAL AND MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
70HF(R)
UNITS
10 TO 120 140/160
Maximum junction and
storage temperature range
TJ, TStg
-65 to 180
-65 to
150
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
0.45
K/W
Thermal resistance,case to heatsink
RthCS
Mounting surface, smooth, flat and greased
0.25
Maximum allowable mounting torque
(+0 %, -10 %)
Not lubricated thread, tighting on nut (1)
3.4 (30)
N · m
(lbf · in)
Lubricated thread, tighting on nut (1)
2.3 (20)
Not lubricated thread, tighting on hexagon (2)
4.2 (37)
Lubricated thread, tighting on hexagon (2)
3.2 (28)
Approximate weight
17
g
0.6
oz.
Case style
See dimensions - link at the end of datasheet
DO-203AB (DO-5)
R
thJC CONDUCTION
CONDUCTION ANGLE
SINUSOIDAL CONDUCTION
RECTANGULAR CONDUCTION
TEST CONDITIONS
UNITS
180°
0.08
0.06
TJ = TJ maximum
K/W
120°
0.10
0.11
90°
0.13
0.14
60°
0.19
0.20
30°
0.30
0.30


Similar Part No. - VS-70HF140

ManufacturerPart #DatasheetDescription
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
More results

Similar Description - VS-70HF140

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-70HFR VISHAY-VS-70HFR Datasheet
221Kb / 9P
   Standard Recovery Diodes(Stud Version), 70 A
Revision: 06-Mar-17
70HFR VISHAY-70HFR Datasheet
174Kb / 7P
   Standard Recovery Diodes (Stud Version), 70 A
Revision: 20-Jun-08
VS-70HFR VISHAY-VS-70HFR_V01 Datasheet
218Kb / 9P
   Standard Recovery Diodes, (Stud Version), 70 A
01-Jan-2022
25FR VISHAY-25FR_12 Datasheet
155Kb / 7P
   Standard Recovery Diodes (Stud Version), 25 A
Revision: 29-Sep-08
85HF10 VISHAY-85HF10_12 Datasheet
152Kb / 9P
   Standard Recovery Diodes, (Stud Version), 85 A
Revision: 25-May-09
200HF40PVL1 VISHAY-200HF40PVL1 Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 200 A
Revision: 28-May-08
400U VISHAY-400U Datasheet
101Kb / 6P
   Standard Recovery Diodes (Stud Version), 400 A
Revision: 23-Jun-08
12F VISHAY-12F Datasheet
143Kb / 6P
   Standard Recovery Diodes (Stud Version), 12 A
Revision: 29-Sep-08
25FR VISHAY-25FR Datasheet
136Kb / 6P
   Standard Recovery Diodes(Stud Version), 25 A
Revision: 29-Sep-08
VS-SD300N VISHAY-VS-SD300N Datasheet
210Kb / 8P
   Standard Recovery Diodes (Stud Version), 380 A
Revision: 05-Aug-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com