Electronic Components Datasheet Search |
|
VS-70HF40 Datasheet(PDF) 2 Page - Vishay Siliconix |
|
VS-70HF40 Datasheet(HTML) 2 Page - Vishay Siliconix |
2 / 10 page VS-70HF(R) Series www.vishay.com Vishay Semiconductors Revision: 29-Jan-14 2 Document Number: 93521 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes (1) Recommended for pass-through holes (2) Recommended for holed threaded heatsinks Note • The table above shows the increment of thermal resistance RthJC when devices operate at different conduction angles than DC FORWARD CONDUCTION PARAMETER SYMBOL TEST CONDITIONS 70HF(R) UNITS 10 TO 120 140/160 Maximum average forward current at case temperature IF(AV) 180° conduction, half sine wave 70 A 140 110 °C Maximum RMS forward current IF(RMS) 110 A Maximum peak, one cycle forward, non-repetitive surge current IFSM t = 10 ms No voltage reapplied Sinusoidal half wave, initial TJ = TJ maximum 1200 A t = 8.3 ms 1250 t = 10 ms 100 % VRRM reapplied 1000 t = 8.3 ms 1050 Maximum I2t for fusing I2t t = 10 ms No voltage reapplied 7100 A2s t = 8.3 ms 6450 t = 10 ms 100 % VRRM reapplied 5000 t = 8.3 ms 4550 Maximum I2 t for fusing I2 t t = 0.1 ms to 10 ms, no voltage reapplied 71 000 A2 s Low level value of threshold voltage VF(TO)1 (16.7 % x x I F(AV) < I < x IF(AV)), TJ = TJ maximum 0.79 V High level value of threshold voltage VF(TO)2 (I > x I F(AV)), TJ = TJ maximum 1.00 Low level value of forward slope resistance rf1 (16.7 % x x I F(AV) < I < x IF(AV)), TJ = TJ maximum 2.33 m High level value of forward slope resistance rf2 (I > x I F(AV)), TJ = TJ maximum 1.53 Maximum forward voltage drop VFM Ipk = 220 A, TJ = 25 °C, tp = 400 μs rectangular wave 1.35 1.46 V THERMAL AND MECHANICAL SPECIFICATIONS PARAMETER SYMBOL TEST CONDITIONS 70HF(R) UNITS 10 TO 120 140/160 Maximum junction and storage temperature range TJ, TStg -65 to 180 -65 to 150 °C Maximum thermal resistance, junction to case RthJC DC operation 0.45 K/W Thermal resistance,case to heatsink RthCS Mounting surface, smooth, flat and greased 0.25 Maximum allowable mounting torque (+0 %, -10 %) Not lubricated thread, tighting on nut (1) 3.4 (30) N · m (lbf · in) Lubricated thread, tighting on nut (1) 2.3 (20) Not lubricated thread, tighting on hexagon (2) 4.2 (37) Lubricated thread, tighting on hexagon (2) 3.2 (28) Approximate weight 17 g 0.6 oz. Case style See dimensions - link at the end of datasheet DO-203AB (DO-5) R thJC CONDUCTION CONDUCTION ANGLE SINUSOIDAL CONDUCTION RECTANGULAR CONDUCTION TEST CONDITIONS UNITS 180° 0.08 0.06 TJ = TJ maximum K/W 120° 0.10 0.11 90° 0.13 0.14 60° 0.19 0.20 30° 0.30 0.30 |
Similar Part No. - VS-70HF40 |
|
Similar Description - VS-70HF40 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |