Electronic Components Datasheet Search |
|
42227-0030 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
42227-0030 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 02/25/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 22-28-0300 Status: Active Overview: KK® Interconnect System - Molex Description: KK® 254 Breakaway Header, Vertical, with Friction Lock, 30 Circuits, Tin (Sn) Plating Documents: 3D Model Product Specification PS-10-07 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 General Product Family PCB Headers Series 42227 Application Signal, Wire-to-Board Application Tooling Part Link 11-20-1230 Overview KK® Interconnect System - Molex Product Name KK® 254 UPC 800753797222 Physical Breakaway Yes Circuits (Loaded) 30 Circuits (maximum) 30 Color - Resin Black Durability (mating cycles max) 25 Flammability 94V-0 Glow-Wire Compliant No Lock to Mating Part Yes Material - Metal Brass Material - Plating Mating Tin Material - Plating Termination Tin Material - Resin Nylon Net Weight 4.359/g Number of Rows 1 Orientation Vertical PC Tail Length 3.05mm PCB Locator No PCB Retention None PCB Thickness - Recommended 1.60mm Packaging Type Bag Pitch - Mating Interface 2.54mm Plating min - Mating 2.540µm Plating min - Termination 2.540µm Polarized to Mating Part No Polarized to PCB No Shrouded No Stackable No Temperature Range - Operating See Product Specification Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 4A Voltage - Maximum 250V Solder Process Data Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Low-Halogen Status Not Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 42227Series Mates With KK® Crimp Housing 2695 , 6471 , 7880 , KK® PC Board Connector 4455 |
Similar Part No. - 42227-0030 |
|
Similar Description - 42227-0030 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |