Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXRA-354000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BXRA-354000
Description  Bridgelux RS Array Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BXRA-354000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BXRA-354000 Datasheet HTML 1Page - List of Unclassifed Manufacturers BXRA-354000 Datasheet HTML 2Page - List of Unclassifed Manufacturers BXRA-354000 Datasheet HTML 3Page - List of Unclassifed Manufacturers BXRA-354000 Datasheet HTML 4Page - List of Unclassifed Manufacturers BXRA-354000 Datasheet HTML 5Page - List of Unclassifed Manufacturers BXRA-354000 Datasheet HTML 6Page - List of Unclassifed Manufacturers BXRA-354000 Datasheet HTML 7Page - List of Unclassifed Manufacturers BXRA-354000 Datasheet HTML 8Page - List of Unclassifed Manufacturers BXRA-354000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Bridgelux RS Array Series Product Data Sheet DS25 (12/3/11)
Page 2 of 24
Table of Contents
Page
Product Nomenclature
3
Average Lumen Maintenance Characteristics
3
Environmental Compliance
3
UL Recognition
4
Minor Product Change Policy
4
Cautionary Statements
4
Case Temperature Measurement Point
5
Quick Selection Guide
6
Flux Characteristics
7
Optical Characteristics
8
Electrical Characteristics
9
Absolute Minimum and Maximum Ratings
10
Typical Performance at Alternative Drive Currents
11
Mechanical Dimensions
13
Typical Radiation Pattern
14
Wavelength Characteristics at Rated Test Current, Tj=25°C
15
Typical Relative Luminous Flux vs. Current, Tj=25°C
16
Typical Light Output Characteristics vs. Temperature
17
Typical Chromaticity Characteristics vs. Temperature
18
Forward Current Characteristics
19
Color Binning Information
20
Design Resources
23


Similar Part No. - BXRA-354000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-35E3500-F-03 ETC2-BXRA-35E3500-F-03 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
BXRA-35E4000-H-03 ETC2-BXRA-35E4000-H-03 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
BXRA-35E7000-J-03 ETC2-BXRA-35E7000-J-03 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
More results

Similar Description - BXRA-354000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-56C5300 ETC2-BXRA-56C5300 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
logo
Molex Electronics Ltd.
180150-0000 MOLEX-180150-0000 Datasheet
2Mb / 2P
   LED Array Holders for Bridgelux* ES and RS Arrays
1801800000 MOLEX1-1801800000 Datasheet
43Kb / 1P
   LED Array Holder for Bridgelux RS, without Lens Cover
logo
List of Unclassifed Man...
BXRA-56C0700 ETC2-BXRA-56C0700 Datasheet
967Kb / 24P
   Bridgelux ES Star Array Series
BXRC-17E10K0-B-74-SE ETC2-BXRC-17E10K0-B-74-SE Datasheet
2Mb / 32P
   Bridgelux Vero SE 29 Array Series
BXRC-20B1001-B-73 ETC2-BXRC-20B1001-B-73 Datasheet
1Mb / 31P
   Bridgelux Gen 7 Vero 10 Array Series
logo
Molex Electronics Ltd.
1801800000 MOLEX-1801800000 Datasheet
127Kb / 2P
   BRIDGELUX RS LED HOLDER LENS (SALES)
2012/01/11
1801500000 MOLEX1-1801500000 Datasheet
47Kb / 1P
   LED Array Holder for Bridgelux* ES, without Lens Cover
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
   Bridgelux® SMD 3030 Series
05/2016
logo
Molex Electronics Ltd.
1801500001 MOLEX1-1801500001 Datasheet
50Kb / 1P
   LED Array Holder for Bridgelux ES, with Lens Cover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com