Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-4R512FKK8K-840 Datasheet(PDF) 9 Page - Elpida Memory

Part # MC-4R512FKK8K-840
Description  512MB 32-bit Direct Rambus DRAM RIMM Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R512FKK8K-840 Datasheet(HTML) 9 Page - Elpida Memory

Back Button MC-4R512FKK8K-840 Datasheet HTML 5Page - Elpida Memory MC-4R512FKK8K-840 Datasheet HTML 6Page - Elpida Memory MC-4R512FKK8K-840 Datasheet HTML 7Page - Elpida Memory MC-4R512FKK8K-840 Datasheet HTML 8Page - Elpida Memory MC-4R512FKK8K-840 Datasheet HTML 9Page - Elpida Memory MC-4R512FKK8K-840 Datasheet HTML 10Page - Elpida Memory MC-4R512FKK8K-840 Datasheet HTML 11Page - Elpida Memory MC-4R512FKK8K-840 Datasheet HTML 12Page - Elpida Memory MC-4R512FKK8K-840 Datasheet HTML 13Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MC-4R512FKK8K
Preliminary Data Sheet E0254N10 (Ver. 1.0)
9
AC Electrical Specifications
Symbol
Parameter and Conditions
Note1
MIN.
TYP.
MAX.
Unit
ZL
Module Impedance of RSL signals
25.2
28.0
30.8
ZUL
−CMOS
Module Impedance of SCK and CMD signals
23.8
28.0
32.2
TPD
Average clock delay from finger to finger of all RSL clock
nets (CTM, CTMN,CFM, and CFMN)
Note2
1.36
ns
∆TPD
Propagation delay variation of RSL signals with respect to
TPD
Note1, 3
−21
+21
ps
∆TPD-CMOS
Propagation delay variation of SCK signal with respect to
an average clock delay
Note1
−250
+250
ps
∆TPD- SCK,CMD
Propagation delay variation of CMD signal with respect to
SCK signal
−200
+200
ps
V
α/VIN
Attenuation Limit
16.0
%
VXF/VIN
Forward crosstalk coefficient
(300ps input rise time 20% - 80%)
4.0
%
VXB/VIN
Backward crosstalk coefficient
(300ps input rise time 20% - 80%)
2.0
%
RDC
DC Resistance Limit
0.8
Notes 1. Specifications apply per channel.
2. TPD or Average clock delay is defined as the average delay from finger to finger of all RSL clock nets
(CTM, CTMN, CFM, and CFMN).
3. If the RIMM module meets the following specification, then it is compliant to the specification.
If the RIMM module does not meet these specifications, then the specification can be adjusted by the
“Adjusted
∆TPD Specification” table.
Adjusted
∆∆∆∆TPD Specification
Absolute
Symbol
Parameter and conditions
Adjusted MIN./MAX.
MIN.
MAX.
Unit
∆TPD
Propagation delay variation of RSL signals with
respect to TPD
+/
− [17+(18*N*∆Z0)] Note
−30
30
ps
Note
N = Number of RDRAM devices installed on the RIMM module.
∆Z0 = delta Z0% = (MAX. Z0 - MIN. Z0) / (MIN. Z0)
(MAX. Z0 and MIN. Z0 are obtained from the loaded (high impedance) impedance coupons of all RSL layers
on the module.)


Similar Part No. - MC-4R512FKK8K-840

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R512FKK6K ELPIDA-MC-4R512FKK6K Datasheet
91Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM Module
MC-4R512FKK6K-840 ELPIDA-MC-4R512FKK6K-840 Datasheet
91Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM Module
More results

Similar Description - MC-4R512FKK8K-840

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4R512FKK6K ELPIDA-MC-4R512FKK6K Datasheet
91Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM Module
EBR51UC8ABKD ELPIDA-EBR51UC8ABKD Datasheet
125Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM??Module
EBR51EC8ABKD ELPIDA-EBR51EC8ABKD Datasheet
125Kb / 13P
   512MB 32-bit Direct Rambus DRAM RIMM??Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
EBR51UC8ABFD ELPIDA-EBR51UC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
MC-4R128FKK8K ELPIDA-MC-4R128FKK8K Datasheet
88Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM Module
EBR12EC8ABKD ELPIDA-EBR12EC8ABKD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
MC-4R256FKK6K ELPIDA-MC-4R256FKK6K Datasheet
91Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM Module
EBR12UC8ABKD ELPIDA-EBR12UC8ABKD Datasheet
121Kb / 13P
   128MB 32-bit Direct Rambus DRAM RIMM??Module
EBR25UC8ABKD ELPIDA-EBR25UC8ABKD Datasheet
123Kb / 13P
   256MB 32-bit Direct Rambus DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com