Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXRA-27G0540-A-03 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # BXRA-27G0540-A-03
Description  Bridgelux ES Star Array Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BXRA-27G0540-A-03 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BXRA-27G0540-A-03 Datasheet HTML 7Page - List of Unclassifed Manufacturers BXRA-27G0540-A-03 Datasheet HTML 8Page - List of Unclassifed Manufacturers BXRA-27G0540-A-03 Datasheet HTML 9Page - List of Unclassifed Manufacturers BXRA-27G0540-A-03 Datasheet HTML 10Page - List of Unclassifed Manufacturers BXRA-27G0540-A-03 Datasheet HTML 11Page - List of Unclassifed Manufacturers BXRA-27G0540-A-03 Datasheet HTML 12Page - List of Unclassifed Manufacturers BXRA-27G0540-A-03 Datasheet HTML 13Page - List of Unclassifed Manufacturers BXRA-27G0540-A-03 Datasheet HTML 14Page - List of Unclassifed Manufacturers BXRA-27G0540-A-03 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Bridgelux ES Star Array Series Product Data Sheet DS23 (8/30/2013 rev2)
Page 11 of 24
Absolute Maximum Ratings
Table 5: Maximum Current and Reverse Voltage Ratings
[18]
CCT
[2]
(Kelvin)
Part Number
[1]
DC Forward Current for
LM-80 (mA)
[4,5,6]
Maximum Peak
Pulsed Current
(mA)
[14, 16]
Maximum Reverse
Voltage
(Vr)
[15]
2700K
BXRA-27E0540-A-03
350
700
-30
BXRA-27G0540-A-03
350
700
-30
BXRA-27E0740-A-03
350
700
-45
BXRA-27G0740-A-03
350
700
-45
3000K
BXRA-30E0540-A-03
350
700
-30
BXRA-30G0540-A-03
350
700
-30
BXRA-30E0740-A-03
350
700
-45
BXRA-30G0740-A-03
350
700
-45
4000K
BXRA-40E0600-A-03
350
700
-30
BXRA-40E0810-A-03
350
700
-45
5000K
BXRA-50C1000-A-xx
350
700
-45
5600K
BXRA-56C0700-A-xx
350
700
-45
BXRA-56C1000-A-xx
350
700
-45
Notes for Table 5:
14. Bridgelux recommends a maximum duty cycle of 10% when operating LED Arrays at the
maximum peak pulsed current specified.
15. Light emitting diodes are not designed to be driven in reverse voltage.
16. Maximum peak pulsed currents are values at which the LED Array can be driven without
catastrophic failures.
17. DC Forward Current for LM-80 are the maximum drive currents for which LM-80 data is currently
available.
18. Lumen maintenance (L70) and lifetime predictions are valid for drive current and case
temperature conditions used for LM-80 testing as included in the applicable LM-80 test report for
these arrays.
19. Arrays may be driven at higher currents but lumen maintenance may be reduced
Table 6: Maximum Ratings
Parameter
Maximum Rating
LED Junction Temperature
150°C
Storage Temperature
-40°C to +105°C
Operating Case Temperature
105°C
Soldering Temperature
[1]
350°C or lower for a maximum of 3.5 seconds
Note for Table 6:
1.
Refer to Bridgelux Application Note AN15: Reflow Soldering of Bridgelux LED Arrays for solder
procedure (www.Bridgelux.com


Similar Part No. - BXRA-27G0540-A-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-27G3500-F-03 ETC2-BXRA-27G3500-F-03 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
BXRA-27G4000-H-00 ETC2-BXRA-27G4000-H-00 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
BXRA-27G4000-H-03 ETC2-BXRA-27G4000-H-03 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
BXRA-27G7000-J-00 ETC2-BXRA-27G7000-J-00 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
BXRA-27G7000-J-03 ETC2-BXRA-27G7000-J-03 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
More results

Similar Description - BXRA-27G0540-A-03

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1801500000 MOLEX1-1801500000 Datasheet
47Kb / 1P
   LED Array Holder for Bridgelux* ES, without Lens Cover
180150-0000 MOLEX-180150-0000 Datasheet
2Mb / 2P
   LED Array Holders for Bridgelux* ES and RS Arrays
1801500001 MOLEX1-1801500001 Datasheet
50Kb / 1P
   LED Array Holder for Bridgelux ES, with Lens Cover
logo
List of Unclassifed Man...
BXRA-56C5300 ETC2-BXRA-56C5300 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
BXRA-35E4000 ETC2-BXRA-35E4000 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
BXRC-17E10K0-B-74-SE ETC2-BXRC-17E10K0-B-74-SE Datasheet
2Mb / 32P
   Bridgelux Vero SE 29 Array Series
BXRC-20B1001-B-73 ETC2-BXRC-20B1001-B-73 Datasheet
1Mb / 31P
   Bridgelux Gen 7 Vero 10 Array Series
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
   Bridgelux® SMD 3030 Series
05/2016
logo
Molex Electronics Ltd.
1801800000 MOLEX1-1801800000 Datasheet
43Kb / 1P
   LED Array Holder for Bridgelux RS, without Lens Cover
logo
List of Unclassifed Man...
TXM-869-ES ETC2-TXM-869-ES Datasheet
328Kb / 11P
   ES SERIES TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com