Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXRA-27E7000-J-00 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # BXRA-27E7000-J-00
Description  Bridgelux RS Array Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BXRA-27E7000-J-00 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button BXRA-27E7000-J-00 Datasheet HTML 3Page - List of Unclassifed Manufacturers BXRA-27E7000-J-00 Datasheet HTML 4Page - List of Unclassifed Manufacturers BXRA-27E7000-J-00 Datasheet HTML 5Page - List of Unclassifed Manufacturers BXRA-27E7000-J-00 Datasheet HTML 6Page - List of Unclassifed Manufacturers BXRA-27E7000-J-00 Datasheet HTML 7Page - List of Unclassifed Manufacturers BXRA-27E7000-J-00 Datasheet HTML 8Page - List of Unclassifed Manufacturers BXRA-27E7000-J-00 Datasheet HTML 9Page - List of Unclassifed Manufacturers BXRA-27E7000-J-00 Datasheet HTML 10Page - List of Unclassifed Manufacturers BXRA-27E7000-J-00 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Bridgelux RS Array Series Product Data Sheet DS25 (12/3/11)
Page 7 of 24
Flux Characteristics
Table 2: Flux Characteristics
Color
ANSI
CCT
(K)
Base Part Number
CRI
(min)
(4)
Typical
DC Flux
Tcase= 70ºC
(lm)
(3)
Minimum
Pulsed
Flux
Tj = 25ºC
(lm)
(1)
Typical
Pulsed
Flux
Tj = 25ºC
(lm)
Test
Current
(mA)
(2)
BXRA-27E4000-H-00
80
3980
4000
4450
2100
BXRA-27G4000-H-00
90
3400
3400
3800
2100
BXRA-27E7000-J-00
80
6190
6350
7050
2800
2700
BXRA-27G7000-J-00
90
5270
5400
6000
2800
BXRA-30E4000-H-00
80
4230
4250
4725
2100
BXRA-30G4000-H-00
90
3715
3750
4150
2100
BXRA-30E7000-J-00
80
6580
6750
7500
2800
3000
BXRA-30G7000-J-00
90
5790
5950
6600
2800
BXRA-35E4000-H-00
80
4560
4600
5100
2100
Warm
White
3500
BXRA-35E7000-J-00
80
7110
7300
8100
2800
BXRA-40E4500-H-00
80
4830
4850
5400
2100
Neutral
White
4000
BXRA-40E7500-J-00
80
7500
7700
8550
2800
BXRA-50C5300-H-00
70
5370
5400
6000
2100
5000
BXRA-50C9000-J-00
70
8560
8800
9750
2800
BXRA-56C5300-H-00
70
5370
5400
6000
2100
Cool
White
5600
BXRA-56C9000-J-00
70
8560
8800
9750
2800
Notes for Table 2:
1. Bridgelux maintains a ± 7% tolerance of flux measurements.
2. Parts are tested in pulsed conditions, Tj = 25°C. Pulse width is 10 ms at rated test current.
3. Typical performance when driven at DC (direct current) test current with LED Array case
temperature maintained at 70°C, mounted to heat sink with thermal interface material. Please
contact a Bridgelux sales representative for additional details.
4. Typical R9 value for 90 CRI product options is 50.
5. Reference Table 7 and 8 for typical performance at other driver currents (including those
commonly available in the market).


Similar Part No. - BXRA-27E7000-J-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-27E7000-J-03 ETC2-BXRA-27E7000-J-03 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
More results

Similar Description - BXRA-27E7000-J-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-56C5300 ETC2-BXRA-56C5300 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
logo
Molex Electronics Ltd.
180150-0000 MOLEX-180150-0000 Datasheet
2Mb / 2P
   LED Array Holders for Bridgelux* ES and RS Arrays
1801800000 MOLEX1-1801800000 Datasheet
43Kb / 1P
   LED Array Holder for Bridgelux RS, without Lens Cover
logo
List of Unclassifed Man...
BXRA-56C0700 ETC2-BXRA-56C0700 Datasheet
967Kb / 24P
   Bridgelux ES Star Array Series
BXRC-17E10K0-B-74-SE ETC2-BXRC-17E10K0-B-74-SE Datasheet
2Mb / 32P
   Bridgelux Vero SE 29 Array Series
BXRC-20B1001-B-73 ETC2-BXRC-20B1001-B-73 Datasheet
1Mb / 31P
   Bridgelux Gen 7 Vero 10 Array Series
logo
Molex Electronics Ltd.
1801800000 MOLEX-1801800000 Datasheet
127Kb / 2P
   BRIDGELUX RS LED HOLDER LENS (SALES)
2012/01/11
1801500000 MOLEX1-1801500000 Datasheet
47Kb / 1P
   LED Array Holder for Bridgelux* ES, without Lens Cover
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
   Bridgelux® SMD 3030 Series
05/2016
logo
Molex Electronics Ltd.
1801500001 MOLEX1-1801500001 Datasheet
50Kb / 1P
   LED Array Holder for Bridgelux ES, with Lens Cover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com