Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXRA-27G7000-J-03 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # BXRA-27G7000-J-03
Description  Bridgelux RS Array Series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BXRA-27G7000-J-03 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button BXRA-27G7000-J-03 Datasheet HTML 6Page - List of Unclassifed Manufacturers BXRA-27G7000-J-03 Datasheet HTML 7Page - List of Unclassifed Manufacturers BXRA-27G7000-J-03 Datasheet HTML 8Page - List of Unclassifed Manufacturers BXRA-27G7000-J-03 Datasheet HTML 9Page - List of Unclassifed Manufacturers BXRA-27G7000-J-03 Datasheet HTML 10Page - List of Unclassifed Manufacturers BXRA-27G7000-J-03 Datasheet HTML 11Page - List of Unclassifed Manufacturers BXRA-27G7000-J-03 Datasheet HTML 12Page - List of Unclassifed Manufacturers BXRA-27G7000-J-03 Datasheet HTML 13Page - List of Unclassifed Manufacturers BXRA-27G7000-J-03 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Bridgelux RS Array Series Product Data Sheet DS25 (8/30/2013 rev3)
Page 10 of 28
Flux Characteristics
Table 3: Flux Characteristics
Part Number
[1]
CCT
[2]
(Kelvin)
CRI
[3]
Test
Current
[5]
(mA)
Minimum
Flux
[5]
(lm)
Minimum
Flux
[10]
(lm)
Typical
Flux
[6]
(lm)
Typical
CBCP
[11]
(cd)
Tj = 25ºC
Tcase = 85ºC
Tcase = 85ºC
Tj = 25ºC
BXRA-27E3500-F-03
2700K
80
1750
2565
2230
2520
920
BXRA-27E4000-H-03
2700K
80
2100
4090
3560
4040
1480
BXRA-27E7000-J-03
2700K
80
2800
6450
5610
6370
2330
BXRA-27G3500-F-03
2700K
90
1750
2270
1970
2190
800
BXRA-27G4000-H-03
2700K
90
2100
3490
3030
3440
1260
BXRA-27G7000-J-03
2700K
90
2800
5530
4810
5460
2000
BXRA-30E3500-F-03
3000K
80
1750
2830
2460
2740
1000
BXRA-30E4000-H-03
3000K
80
2100
4440
3860
4380
1600
BXRA-30E7000-J-03
3000K
80
2800
7090
6170
7000
2560
BXRA-30G3500-F-03
3000K
90
1750
2500
2180
2430
890
BXRA-30G4000-H-03
3000K
90
2100
3750
3260
3700
1360
BXRA-30G7000-J-03
3000K
90
2800
5990
5210
5910
2160
BXRA-35E3500-F-03
3500K
80
1750
2890
2510
2850
1040
BXRA-35E4000-H-03
3500K
80
2100
4700
4080
4640
1700
BXRA-35E7000-J-03
3500K
80
2800
7510
6530
7420
2720
BXRA-40E4000-F-03
4000K
80
1750
3110
2700
3070
1120
BXRA-40E4500-H-03
4000K
80
2100
5020
4370
4960
1810
BXRA-40E7500-J-03
4000K
80
2800
7930
6900
7840
2870
BXRA-50C4500-F-xx
5000K
70
1750
3470
3020
3430
1250
BXRA-50C5300-H-xx
5000K
70
2100
5550
4830
5480
2010
BXRA-50C9000-J-xx
5000K
70
2800
8860
7710
8750
3200
BXRA-56C4500-F-xx
5600K
70
1750
3385
2940
3340
1220
BXRA-56C5300-H-xx
5600K
70
2100
5550
4830
5480
2010
BXRA-56C9000-J-xx
5600K
70
2800
8860
7710
8750
3200
Notes for Table 3:
10. Minimum flux values at elevated temperatures are provided for reference only and are not guaranteed
by 100% production testing. Based on Bridgelux test setup, values may vary depending on the thermal
design of the luminaire and/or the environment in which the product is operated.
11. Center beam candle power is a calculated value based on a Lambertian radiation pattern at the rated
test current.


Similar Part No. - BXRA-27G7000-J-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-27G7000-J-00 ETC2-BXRA-27G7000-J-00 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
More results

Similar Description - BXRA-27G7000-J-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-35E4000 ETC2-BXRA-35E4000 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
logo
Molex Electronics Ltd.
180150-0000 MOLEX-180150-0000 Datasheet
2Mb / 2P
   LED Array Holders for Bridgelux* ES and RS Arrays
1801800000 MOLEX1-1801800000 Datasheet
43Kb / 1P
   LED Array Holder for Bridgelux RS, without Lens Cover
logo
List of Unclassifed Man...
BXRA-56C0700 ETC2-BXRA-56C0700 Datasheet
967Kb / 24P
   Bridgelux ES Star Array Series
BXRC-17E10K0-B-74-SE ETC2-BXRC-17E10K0-B-74-SE Datasheet
2Mb / 32P
   Bridgelux Vero SE 29 Array Series
BXRC-20B1001-B-73 ETC2-BXRC-20B1001-B-73 Datasheet
1Mb / 31P
   Bridgelux Gen 7 Vero 10 Array Series
logo
Molex Electronics Ltd.
1801800000 MOLEX-1801800000 Datasheet
127Kb / 2P
   BRIDGELUX RS LED HOLDER LENS (SALES)
2012/01/11
1801500000 MOLEX1-1801500000 Datasheet
47Kb / 1P
   LED Array Holder for Bridgelux* ES, without Lens Cover
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
   Bridgelux® SMD 3030 Series
05/2016
logo
Molex Electronics Ltd.
1801500001 MOLEX1-1801500001 Datasheet
50Kb / 1P
   LED Array Holder for Bridgelux ES, with Lens Cover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com