Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXRA-40E0810-A-03 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BXRA-40E0810-A-03
Description  Bridgelux ES Star Array Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BXRA-40E0810-A-03 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BXRA-40E0810-A-03 Datasheet HTML 1Page - List of Unclassifed Manufacturers BXRA-40E0810-A-03 Datasheet HTML 2Page - List of Unclassifed Manufacturers BXRA-40E0810-A-03 Datasheet HTML 3Page - List of Unclassifed Manufacturers BXRA-40E0810-A-03 Datasheet HTML 4Page - List of Unclassifed Manufacturers BXRA-40E0810-A-03 Datasheet HTML 5Page - List of Unclassifed Manufacturers BXRA-40E0810-A-03 Datasheet HTML 6Page - List of Unclassifed Manufacturers BXRA-40E0810-A-03 Datasheet HTML 7Page - List of Unclassifed Manufacturers BXRA-40E0810-A-03 Datasheet HTML 8Page - List of Unclassifed Manufacturers BXRA-40E0810-A-03 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Bridgelux ES Star Array Series Product Data Sheet DS23 (8/30/2013 rev2)
Page 2 of 24
Table of Contents
Page
Typical Product Features
3
Product Nomenclature
3
Lumen Maintenance Characteristics
4
Environmental Compliance
4
UL Recognition
4
CE Recognition
4
Minor Product Change Policy
4
Case Temperature Measurement Point
4
Cautionary Statements
5
Selection Guide
6
Typical Performance at Alternative Drive Currents
7
Flux Characteristics
9
Electrical Characteristics
10
Absolute Maximum Ratings
11
Forward Current versus Voltage Characteristics
12
Typical Relative Luminous Flux vs. Current, Tj=25°C
13
Typical Chromaticity Characteristics vs. Temperature
14
Typical Radiation Pattern
16
Typical Radiation Pattern
17
Mechanical Dimensions
18
Color Binning Information
19
Color Control Options
22
Design Resources
23
About Bridgelux
24


Similar Part No. - BXRA-40E0810-A-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-40E4000-F-03 ETC2-BXRA-40E4000-F-03 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
BXRA-40E4500 ETC2-BXRA-40E4500 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
BXRA-40E4500-H-00 ETC2-BXRA-40E4500-H-00 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
BXRA-40E4500-H-03 ETC2-BXRA-40E4500-H-03 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
BXRA-40E7500 ETC2-BXRA-40E7500 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
More results

Similar Description - BXRA-40E0810-A-03

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1801500000 MOLEX1-1801500000 Datasheet
47Kb / 1P
   LED Array Holder for Bridgelux* ES, without Lens Cover
180150-0000 MOLEX-180150-0000 Datasheet
2Mb / 2P
   LED Array Holders for Bridgelux* ES and RS Arrays
1801500001 MOLEX1-1801500001 Datasheet
50Kb / 1P
   LED Array Holder for Bridgelux ES, with Lens Cover
logo
List of Unclassifed Man...
BXRA-56C5300 ETC2-BXRA-56C5300 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
BXRA-35E4000 ETC2-BXRA-35E4000 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
BXRC-17E10K0-B-74-SE ETC2-BXRC-17E10K0-B-74-SE Datasheet
2Mb / 32P
   Bridgelux Vero SE 29 Array Series
BXRC-20B1001-B-73 ETC2-BXRC-20B1001-B-73 Datasheet
1Mb / 31P
   Bridgelux Gen 7 Vero 10 Array Series
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
   Bridgelux® SMD 3030 Series
05/2016
logo
Molex Electronics Ltd.
1801800000 MOLEX1-1801800000 Datasheet
43Kb / 1P
   LED Array Holder for Bridgelux RS, without Lens Cover
logo
List of Unclassifed Man...
TXM-869-ES ETC2-TXM-869-ES Datasheet
328Kb / 11P
   ES SERIES TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com