Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXRA-30G3500-F-03 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # BXRA-30G3500-F-03
Description  Bridgelux RS Array Series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BXRA-30G3500-F-03 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BXRA-30G3500-F-03 Datasheet HTML 7Page - List of Unclassifed Manufacturers BXRA-30G3500-F-03 Datasheet HTML 8Page - List of Unclassifed Manufacturers BXRA-30G3500-F-03 Datasheet HTML 9Page - List of Unclassifed Manufacturers BXRA-30G3500-F-03 Datasheet HTML 10Page - List of Unclassifed Manufacturers BXRA-30G3500-F-03 Datasheet HTML 11Page - List of Unclassifed Manufacturers BXRA-30G3500-F-03 Datasheet HTML 12Page - List of Unclassifed Manufacturers BXRA-30G3500-F-03 Datasheet HTML 13Page - List of Unclassifed Manufacturers BXRA-30G3500-F-03 Datasheet HTML 14Page - List of Unclassifed Manufacturers BXRA-30G3500-F-03 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Bridgelux RS Array Series Product Data Sheet DS25 (8/30/2013 rev3)
Page 11 of 28
Electrical Characteristics
Table 4: Electrical Characteristics
Part Number
[1]
Test
Current
[5]
(mA)
Operating Voltage
Tj = 25°C
[5, 12]
(V)
Typical
Coefficient of
Forward
Voltage
[13]
(mV/ºC)
∆Vf/∆Tj
Typical Thermal
Resistance
Junction to
Case
(ºC/W)
Rθj-c
Minimum
Typical
Maximum
BXRA-27E3500-F-03
1750
16.1
17.9
19.7
-6 to -18
0.46
BXRA-27E4000-H-03
2100
21.1
23.5
25.8
-8 to -24
0.31
BXRA-27E7000-J-03
2800
26.4
29.4
32.3
-10 to -30
0.26
BXRA-27G3500-F-03
1750
16.1
17.9
19.7
-6 to -18
0.46
BXRA-27G4000-H-03
2100
21.1
23.5
25.8
-8 to -24
0.31
BXRA-27G7000-J-03
2800
26.4
29.4
32.3
-10 to -30
0.26
BXRA-30E3500-F-03
1750
16.1
17.9
19.7
-6 to -18
0.46
BXRA-30E4000-H-03
2100
21.1
23.5
25.8
-8 to -24
0.31
BXRA-30E7000-J-03
2800
26.4
29.4
32.3
-10 to -30
0.26
BXRA-30G3500-F-03
1750
16.1
17.9
19.7
-6 to -18
0.46
BXRA-30G4000-H-03
2100
21.1
23.5
25.8
-8 to -24
0.31
BXRA-30G7000-J-03
2800
26.4
29.4
32.3
-10 to -30
0.26
BXRA-35E3500-F-03
1750
16.1
17.9
19.7
-6 to -18
0.46
BXRA-35E4000-H-03
2100
21.1
23.5
25.8
-8 to -24
0.31
BXRA-35E7000-J-03
2800
26.4
29.4
32.3
-10 to -30
0.26
BXRA-40E4000-F-03
1750
16.1
17.9
19.7
-6 to -18
0.46
BXRA-40E4500-H-03
2100
21.1
23.5
25.8
-8 to -24
0.31
BXRA-40E7500-J-03
2800
26.4
29.4
32.3
-10 to -30
0.26
BXRA-50C4500-F-xx
1750
16.1
17.9
19.7
-6 to -18
0.46
BXRA-50C5300-H-xx
2100
21.1
23.5
25.8
-8 to -24
0.31
BXRA-50C9000-J-xx
2800
26.4
29.4
32.3
-10 to -30
0.26
BXRA-56C4500-F-xx
1750
16.1
17.9
19.7
-6 to -18
0.46
BXRA-56C5300-H-xx
2100
21.1
23.5
25.8
-8 to -24
0.31
BXRA-56C9000-J-xx
2800
26.4
29.4
32.3
-10 to -30
0.26
Notes for Table 4:
12. Bridgelux maintains a tester tolerance of ± 0.10 V on forward voltage measurements. Voltage
minimum and maximum values at the rated test current are guaranteed by 100% test.
13. Typical Coefficient of Forward Voltage maintains a tolerance of ±0.1 from nominal current.


Similar Part No. - BXRA-30G3500-F-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-30G0540-A-03 ETC2-BXRA-30G0540-A-03 Datasheet
967Kb / 24P
   Bridgelux ES Star Array Series
BXRA-30G0740-A-03 ETC2-BXRA-30G0740-A-03 Datasheet
967Kb / 24P
   Bridgelux ES Star Array Series
BXRA-30G4000-H-00 ETC2-BXRA-30G4000-H-00 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
BXRA-30G7000-J-00 ETC2-BXRA-30G7000-J-00 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
More results

Similar Description - BXRA-30G3500-F-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-35E4000 ETC2-BXRA-35E4000 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
logo
Molex Electronics Ltd.
180150-0000 MOLEX-180150-0000 Datasheet
2Mb / 2P
   LED Array Holders for Bridgelux* ES and RS Arrays
1801800000 MOLEX1-1801800000 Datasheet
43Kb / 1P
   LED Array Holder for Bridgelux RS, without Lens Cover
logo
List of Unclassifed Man...
BXRA-56C0700 ETC2-BXRA-56C0700 Datasheet
967Kb / 24P
   Bridgelux ES Star Array Series
BXRC-17E10K0-B-74-SE ETC2-BXRC-17E10K0-B-74-SE Datasheet
2Mb / 32P
   Bridgelux Vero SE 29 Array Series
BXRC-20B1001-B-73 ETC2-BXRC-20B1001-B-73 Datasheet
1Mb / 31P
   Bridgelux Gen 7 Vero 10 Array Series
logo
Molex Electronics Ltd.
1801800000 MOLEX-1801800000 Datasheet
127Kb / 2P
   BRIDGELUX RS LED HOLDER LENS (SALES)
2012/01/11
1801500000 MOLEX1-1801500000 Datasheet
47Kb / 1P
   LED Array Holder for Bridgelux* ES, without Lens Cover
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
   Bridgelux® SMD 3030 Series
05/2016
logo
Molex Electronics Ltd.
1801500001 MOLEX1-1801500001 Datasheet
50Kb / 1P
   LED Array Holder for Bridgelux ES, with Lens Cover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com