Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BXRA-56C0700-A-xx Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # BXRA-56C0700-A-xx
Description  Bridgelux ES Star Array Series
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BXRA-56C0700-A-xx Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button BXRA-56C0700-A-xx Datasheet HTML 6Page - List of Unclassifed Manufacturers BXRA-56C0700-A-xx Datasheet HTML 7Page - List of Unclassifed Manufacturers BXRA-56C0700-A-xx Datasheet HTML 8Page - List of Unclassifed Manufacturers BXRA-56C0700-A-xx Datasheet HTML 9Page - List of Unclassifed Manufacturers BXRA-56C0700-A-xx Datasheet HTML 10Page - List of Unclassifed Manufacturers BXRA-56C0700-A-xx Datasheet HTML 11Page - List of Unclassifed Manufacturers BXRA-56C0700-A-xx Datasheet HTML 12Page - List of Unclassifed Manufacturers BXRA-56C0700-A-xx Datasheet HTML 13Page - List of Unclassifed Manufacturers BXRA-56C0700-A-xx Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Bridgelux ES Star Array Series Product Data Sheet DS23 (8/30/2013 rev2)
Page 10 of 24
Electrical Characteristics
Table 4: Electrical Characteristics
Part Number
[1]
Test
Current
[5]
(mA)
Operating Voltage
Tj = 25°C
[5, 12]
(V)
Typical
Coefficient of
Forward
Voltage
[13]
(mV/ºC)
∆Vf/∆Tj
Typical Thermal
Resistance
Junction to
Case
(ºC/W)
Rθj-c
Minimum
Typical
Maximum
BXRA-27E0540-A-03
350
16.4
18.2
20.0
-6 to -18
2.6
BXRA-27E0740-A-03
350
24.6
27.3
30.0
-9 to -27
1.7
BXRA-27G0540-A-03
350
16.4
18.2
20.0
-6 to -18
2.6
BXRA-27G0740-A-03
350
24.6
27.3
30.0
-9 to -27
1.7
BXRA-30E0540-A-03
350
16.4
18.2
20.0
-6 to -18
2.6
BXRA-30E0740-A-03
350
24.6
27.3
30.0
-9 to -27
1.7
BXRA-30G0540-A-03
350
16.4
18.2
20.0
-6 to -18
2.6
BXRA-30G0740-A-03
350
24.6
27.3
30.0
-9 to -27
1.7
BXRA-40E0600-A-03
350
16.4
18.2
20.0
-6 to -18
2.6
BXRA-40E0810-A-03
350
24.6
27.3
30.0
-9 to -27
1.7
BXRA-50C1000-A-xx
350
24.6
27.3
30.0
-9 to -27
1.7
BXRA-56C0700-A-xx
350
16.4
18.2
20.0
-6 to -18
2.6
BXRA-56C1000-A-xx
350
24.6
27.3
30.0
-9 to -27
1.7
Notes for Table 4:
12. Bridgelux maintains a tester tolerance of ± 0.10 V on forward voltage measurements. Voltage
minimum and maximum values at the rated test current are guaranteed by 100% test.
13. Typical Coefficient of Forward Voltage maintains a tolerance of ±0.1 from nominal current.


Similar Part No. - BXRA-56C0700-A-xx

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BXRA-56C5300 ETC2-BXRA-56C5300 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
BXRA-56C5300-H-00 ETC2-BXRA-56C5300-H-00 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
BXRA-56C9000-J-00 ETC2-BXRA-56C9000-J-00 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
More results

Similar Description - BXRA-56C0700-A-xx

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1801500000 MOLEX1-1801500000 Datasheet
47Kb / 1P
   LED Array Holder for Bridgelux* ES, without Lens Cover
180150-0000 MOLEX-180150-0000 Datasheet
2Mb / 2P
   LED Array Holders for Bridgelux* ES and RS Arrays
1801500001 MOLEX1-1801500001 Datasheet
50Kb / 1P
   LED Array Holder for Bridgelux ES, with Lens Cover
logo
List of Unclassifed Man...
BXRA-56C5300 ETC2-BXRA-56C5300 Datasheet
1Mb / 28P
   Bridgelux RS Array Series
BXRA-35E4000 ETC2-BXRA-35E4000 Datasheet
588Kb / 24P
   Bridgelux RS Array Series
BXRC-17E10K0-B-74-SE ETC2-BXRC-17E10K0-B-74-SE Datasheet
2Mb / 32P
   Bridgelux Vero SE 29 Array Series
BXRC-20B1001-B-73 ETC2-BXRC-20B1001-B-73 Datasheet
1Mb / 31P
   Bridgelux Gen 7 Vero 10 Array Series
logo
Bridgelux, Inc.
BXEM-30E BRIDGELUX-BXEM-30E Datasheet
1Mb / 27P
   Bridgelux® SMD 3030 Series
05/2016
logo
Molex Electronics Ltd.
1801800000 MOLEX1-1801800000 Datasheet
43Kb / 1P
   LED Array Holder for Bridgelux RS, without Lens Cover
logo
List of Unclassifed Man...
TXM-869-ES ETC2-TXM-869-ES Datasheet
328Kb / 11P
   ES SERIES TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com