Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCQ20B04 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # TCQ20B04
Description  Scokkty Barrier Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

TCQ20B04 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  TCQ20B04 Datasheet HTML 1Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
20A Avg.
Volts
SBD
■OUTLINE DRAWING(mm)
510
40
TCQ20B04
■最大定格 Maximum Ratings
■定格・特性曲線
■APPROX. NET WEIGHT:1.4g
FORWARD CURRENT VS. VOLTAGE
順 電 圧 特 性
TCQ20B04 (per Arm)
0
0.2
0.4
0.6
0.8
1.0
1.2
INSTANTANEOUS FORWARD VOLTAGE (V)
瞬 時 順 電 圧 (V)
1
2
5
10
20
50
(A)
Tj=25°C
Tj=150°C
FIG.1
AVERAGE REVERSE POWER DISSIPATION
平 均 逆 電 力 損 失
TCQ20B04 (Total)
010
20
30
40
REVERSE VOLTAGE (V)
逆 電 圧 (V)
0
2
4
6
8
(W)
RECT 180°
SINE WAVE
FIG.4
AVERAGE FORWARD POWER DISSIPATION
平 均 順 電 力 損 失 特 性
048
12
162024
AVERAGE FORWARD CURRENT (A)
平 均 順 電 流 (A)
0
4
8
12
16
(W)
TCQ20B04 (Total)
0
°
180
°
通流角
CONDUCTION ANGLE
θ
RECT 180°
SINE WAVE
FIG.2
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
ピーク逆電流 − ピーク逆電圧特性
TCQ20B04 (per Arm)
Tj= 150°C
010
20
30
40
PEAK REVERSE VOLTAGE (V)
ピ ー ク 逆 電 圧 (V)
50
100
200
500
(mA)
FIG.3
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
接 合 容 量 特 性
TCQ20B04 (per Arm)
0.5
1
2
5
10
20
50
REVERSE VOLTAGE (V)
逆 電 圧 (V)
100
200
500
1000
(pF)
Tj=25°C,Vm=20mVRMS, f=100kHz, Typical Value
FIG.7
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
平 均 順 電 流 − ケ ー ス 温 度 定 格
TCQ20B04 (Total)
025
50
75
100
125
150
CASE TEMPERATURE (°C)
ケ ー ス 温 度 (℃)
0
4
8
12
16
20
24
(A)
0
°
180
°
通流角
CONDUCTION ANGLE
θ
VRM=40V
SINE WAVE
RECT 180°
FIG.5
SURGE CURRENT RATINGS
サ ー ジ 順 電 流 定 格
TCQ20B04
f=50Hz,Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
時 間 (s)
0
40
80
120
160
200
(A)
0.02s
0.02s
I FSM
FIG.6
■電気的・熱的特性 Electrical/ Thermal Characteristics
Item
Conditions
Min.
ピーク逆電流
Peak Reverse Current
Tj=25℃, VRM=VRRM,
一素子あたり 
Per Diode
ピーク順電圧
Peak Forward Voltage
Tj=25℃, IFM=10A,
一素子あたり 
Per Diode
熱抵抗
Thermal Resistance
接合部・ケース間
Junction to Case
Typ.
Max.
Unit
10
mA
0.60
V
2.3
℃/W
R th(j-c)
Symbol
I RM
V FM
Item
Symbol
Conditions
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
V RRM
40
平均整流電流
Average Rectified Forward Current
I O
Tc=104℃
20
実効順電流
R.M.S. Forward Current
I F(RMS)
22.2
保存温度範囲
Storage Temperature Range
T stg
−40∼+150
サージ順電流
Surge Forward Current
I FSM
180
50Hz正弦全波,1サイクル,非くり返し
50Hz Full Sine Wave,1cycle, Non-repetitive
Unit
V
50Hz、正弦全波通電抵抗負荷
50Hz Full Sine Wave Resistive Load
A
A
A
動作接合温度範囲
Operating Junction Temperature Range
T jw
−40∼+150


Similar Part No. - TCQ20B04

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
TCQ20B04 NI-TCQ20B04_15 Datasheet
139Kb / 1P
   SBD
More results

Similar Description - TCQ20B04

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
SA10QA06 NIEC-SA10QA06 Datasheet
366Kb / 2P
   Scokkty Barrier Diode
TCH30C10-11A NIEC-TCH30C10-11A Datasheet
158Kb / 1P
   Scokkty Barrier Diode
TCQ10A04 NIEC-TCQ10A04 Datasheet
168Kb / 1P
   Scokkty Barrier Diode
UCHS20A12 NIEC-UCHS20A12 Datasheet
601Kb / 2P
   Scokkty Barrier Diode
UCHS20A065 NIEC-UCHS20A065 Datasheet
581Kb / 2P
   Scokkty Barrier Diode
SA10QA03 NIEC-SA10QA03 Datasheet
1Mb / 2P
   Scokkty Barrier Diode
SA10QA04 NIEC-SA10QA04 Datasheet
376Kb / 2P
   Scokkty Barrier Diode
TCH30B10 NIEC-TCH30B10 Datasheet
144Kb / 1P
   Scokkty Barrier Diode
TCQ10A06-11A NIEC-TCQ10A06-11A Datasheet
556Kb / 1P
   Scokkty Barrier Diode
UCQ20B03 NIEC-UCQ20B03 Datasheet
592Kb / 1P
   Scokkty Barrier Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com