Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D33020U2JH6 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # D33020U2JH6
Description  Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D33020U2JH6 Datasheet(HTML) 8 Page - Vishay Siliconix

  D33020U2JH6 Datasheet HTML 1Page - Vishay Siliconix D33020U2JH6 Datasheet HTML 2Page - Vishay Siliconix D33020U2JH6 Datasheet HTML 3Page - Vishay Siliconix D33020U2JH6 Datasheet HTML 4Page - Vishay Siliconix D33020U2JH6 Datasheet HTML 5Page - Vishay Siliconix D33020U2JH6 Datasheet HTML 6Page - Vishay Siliconix D33020U2JH6 Datasheet HTML 7Page - Vishay Siliconix D33020U2JH6 Datasheet HTML 8Page - Vishay Siliconix D33020U2JH6 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
D Series
www.vishay.com
Vishay BCcomponents
Revision: 09-May-14
8
Document Number: 28549
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) SPQ contains one or a multiple of poly-bags, 1000 units per bag.
PACKAGING QUANTITIES AND BOX DIMENSIONS
PACKAGING
SIZE CODE
LEAD SPACING
(mm)
RATED
VOLTAGE
SMALLEST PACKAGING
QUANTITY (SPQ)
BOX DIMENSIONS
L x W x H (mm)
Tape on reel
 47
 6.4
< 500
2500
370 x 370 x 60
> 6.4
500
2000
> 47
All
All
1000
Ammopack
 47
 6.4
 500
2000
335 x 240 x 50
> 6.4
1500
335 x 290 x 50
> 47
> 6.4
1000
Bulk (1)
< 49
All
All
1000
245 x 120 x 65
 49
All
All
500
CAPACITORS ON TAPE
PARAMETER
SYMBOL
DIMENSIONS (mm)
Body diameter
D
11.0 Max.
11.0 Max.
14.0 Max.
Lead diameter
d
0.6 ± 0.05
0.6 ± 0.05
0.6 ± 0.05
Pitch of component
p
12.7 ± 1.0
12.7 ± 1.0
15.0 ± 1.0
Pitch of sprocket hole
P0
12.7 ± 0.3
12.7 ± 0.3
15.0 ± 0.3
Distance, hole center to lead
P1
5.1 ± 0.7
3.85 ± 0.7
3.75 ± 0.7
Distance, hole to center of component
P2
6.35 ± 1.3
6.35 ± 1.3
7.5 ± 1.5
Lead spacing
F
2.5 + 0.60/- 0.40
5.0 + 0.60/- 0.40
7.5 + 0.6/- 0.4
Average deviation across tape
h
± 1.0 max.
± 1.0 max.
± 1.0 max.
Average deviation in direction of reeling
P
± 1.0 max.
± 1.0 max.
± 1.0 max.
Carrier tape width
W
18.0 + 1.0/- 0.5
18.0 + 1.0/- 0.5
18.0 + 1.0/- 0.5
Hold-down tape width
W0
5.0 min.
5.0 min.
5.0 min.
Position of sprocket hole
W1
9.0 + 0.75/- 0.5
9.0 + 0.75/- 0.5
9.0 + 0.75/- 0.5
Distance of hold-down tape
W2
3.0 max.
3.0 max.
3.0 max.
Maximum component height
H1
32 max.
32 max.
40 max.
Height to seating plane (for kinked leads)
H0
16.0 ± 0.5
16.0 ± 0.5
16.0 ± 0.5
Height to seating plane (for straight leads)
H0
20.0 ± 0.5
20.0 ± 0.5
20.0 ± 0.5
Length of cut leads
L
11.0 max.
11.0 max.
11.0 max.
Length of lead protrusion
e
1.0 max.
1.0 max.
1.0 max.
Dimeter of sprocket hole
D0
4.0 ± 0.2
4.0 ± 0.2
4.0 ± 0.2
Total tape thickness
t
0.9 max.
0.9 max.
0.9 max.
Maximum thickness of taping and wires
t1
1.5 max.
1.5 max.
1.5 max.
RELATED DOCUMENTS
General Information
www.vishay.com/doc?28536
ΔP
ΔP
Δh
DP
2
P
P
1
P
0
D
0
H
1
H
0
Direction of unreeling
Ø d
F
W
2
W
1
t
1
t
W
0
W
e
A
detail A


Similar Part No. - D33020U2JH6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D33020U2JH6 VISHAY-D33020U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
More results

Similar Description - D33020U2JH6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DSERIES VISHAY-DSERIES Datasheet
126Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
01-Jan-2022
D15020U2JH6 VISHAY-D15020U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
K103K10X7RF5UH5 VISHAY-K103K10X7RF5UH5 Datasheet
144Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
A103K15X7RF5TAA VISHAY-A103K15X7RF5TAA Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
KSERIES VISHAY-KSERIES Datasheet
147Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
A102J15C0GF5TAA VISHAY-A102J15C0GF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
A223K15X7RF5TAA VISHAY-A223K15X7RF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
ASERIES VISHAY-ASERIES_V01 Datasheet
106Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
ASERIES VISHAY-ASERIES Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com