Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZG03C75 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZG03C75
Description  Silicon Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZG03C75 Datasheet(HTML) 3 Page - Vishay Siliconix

  BZG03C75 Datasheet HTML 1Page - Vishay Siliconix BZG03C75 Datasheet HTML 2Page - Vishay Siliconix BZG03C75 Datasheet HTML 3Page - Vishay Siliconix BZG03C75 Datasheet HTML 4Page - Vishay Siliconix BZG03C75 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VISHAY
BZG03C...
Document Number 85593
Rev. 1.7, 28-Jan-04
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Figure 1. Boards for RthJA definition (copper overlay 35µ)
Figure 2. Total Power Dissipation vs. Ambient Temperature
2.0
1.5
25.0
25.0
2.0
10.0
1.0
5.0
94 9313
a)
b)
0
0
1
2
3
4
94 9580
40
80
120
160
Tamb– Ambient Temperature(°C )
200
RthJA=100K/W
RthJA=25K/W
Figure 3. Forward Current vs. Forward Voltage
Figure 4. Non Repetitive Surge Power Dissipation vs. Pulse
Length
0
0.5
1.0
1.5
0
0.5
1.0
1.5
2.0
3.0
2.0
94 9581
VF – Forward Voltage(V)
2.5
0.01
0.1
1
10
10
100
1000
10000
tp – Pulse Length ( ms )
100
94 9582
1
10
100
1000
tp – Pulse Length(s)
94 9583
10–5
10–4
10–3
10–2
10–1
100
101
102
tp/T=0.5
tp/T=0.2
tp/T=0.1
tp/T=0.05
tp/T=0.02
tp/T=0.01
Figure 5. Thermal Response


Similar Part No. - BZG03C75

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZG03C75 VISHAY-BZG03C75 Datasheet
71Kb / 5P
   Silicon Z-Diodes
Rev. 5, 01-Apr-99
BZG03C75 VISHAY-BZG03C75 Datasheet
81Kb / 5P
   Zener Diodes
Rev. 1.9, 29-Nov-11
logo
Galaxy Semi-Conductor H...
BZG03C75 BILIN-BZG03C75 Datasheet
106Kb / 3P
   ZENER DIODES
logo
EPCOS
BZG03C75 EPCOS-BZG03C75 Datasheet
71Kb / 5P
   Zener Diodes
logo
Vishay Siliconix
BZG03C75 VISHAY-BZG03C75 Datasheet
178Kb / 6P
   Zener Diodes
Rev. 1.7, 15-Sep-05
More results

Similar Description - BZG03C75

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com