Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D18139U2JH6 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # D18139U2JH6
Description  Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D18139U2JH6 Datasheet(HTML) 3 Page - Vishay Siliconix

  D18139U2JH6 Datasheet HTML 1Page - Vishay Siliconix D18139U2JH6 Datasheet HTML 2Page - Vishay Siliconix D18139U2JH6 Datasheet HTML 3Page - Vishay Siliconix D18139U2JH6 Datasheet HTML 4Page - Vishay Siliconix D18139U2JH6 Datasheet HTML 5Page - Vishay Siliconix D18139U2JH6 Datasheet HTML 6Page - Vishay Siliconix D18139U2JH6 Datasheet HTML 7Page - Vishay Siliconix D18139U2JH6 Datasheet HTML 8Page - Vishay Siliconix D18139U2JH6 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
D Series
www.vishay.com
Vishay BCcomponents
Revision: 09-May-14
3
Document Number: 28549
For technical questions, contact: cdc@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING CODES
Notes
• Lead diameter is 0.6 mm
• # 5th digit is capacitance tolerance code: ± 5 % = J; ± 10 % = K
• # 13th digit is packaging code: Bulk = 3; Reel = T; Ammo = U
• # 14th digit is lead style code: L; J; K (L and J are preferred lead configuration)
• # 15th digit is lead spacing code: 2.5 mm = 2; 5.0 mm = 5; 6.4 mm = 6 (rated voltage 500 V is not available on 2.5 mm lead-spacing)
Notes
• Lead diameter is 0.5 mm
• # 5th digit is capacitance tolerance code: ± 2 % = G; ± 5 % = J (which C < 10 pF, the tolerance code is C = ± 0.25 pF)
• # 13th digit is packaging code: bulk = 3; reel = T; ammo = U
• # 14th digit is lead style code: L; J; K (L and J are preferred lead configuration)
• # 15th digit is lead spacing code: 2.5 mm = 2; 5.0 mm = 5; 6.4 mm = 6 (rated voltage 500 V is not available on 2.5 mm lead-spacing)
DIELECTRIC SL0 (50 VDC/100 VDC)
CAP.
(pF)
50 VDC
100 VDC
ORDERING CODE
DIAMETER
(mm max.)
THICKNESS
(mm max.)
ORDERING CODE
DIAMETER
(mm max.)
THICKNESS
(mm max.)
56
D560#20SL0F6###
5
3.5
D560#20SL0H6###
5
3.5
68
D680#20SL0F6###
5
3.5
D680#20SL0H6###
5
3.5
82
D820#20SL0F6###
5
3.5
D820#20SL0H6###
5
3.5
100
D101#20SL0F6###
5
3.5
D101#20SL0H6###
5
3.5
DIELECTRIC SL0 (500 VDC)
CAP.
(pF)
500 VDC
ORDERING CODE
DIAMETER
(mm max.)
THICKNESS
(mm max.)
33
D330#20SL0L6###
5
3.5
39
D390#20SL0L6###
5
3.5
47
D470#20SL0L6###
5
3.5
56
D560#20SL0L6###
5
3.5
68
D680#20SL0L6###
6.5
3.5
82
D820#20SL0L6###
6.5
3.5
DIELECTRIC N750
CAP.
(pF)
100 VDC
500 VDC
ORDERING CODE
DIAMETER
(mm max.)
THICKNESS
(mm max.)
ORDERING CODE
DIAMETER
(mm max.)
THICKNESS
(mm max.)
6.8
D689C20U2JH6###
5
3.5
D689C20U2JL6###
5
3.5
8.2
D829C20U2JH6###
5
3.5
D829C20U2JL6###
5
3.5
10
D100#20U2JH6###
5
3.5
D100#20U2JL6###
5
3.5
12
D120#20U2JH6###
5
3.5
D120#20U2JL6###
5
3.5
15
D150#20U2JH6###
5
3.5
D150#20U2JL6###
5
3.5
18
D180#20U2JH6###
5
3.5
D180#20U2JL6###
5
3.5
22
D220#20U2JH6###
5
3.5
D220#20U2JL6###
5
3.5
27
D270#20U2JH6###
5
3.5
D270#25U2JL6###
6.5
3.5
33
D330#20U2JH6###
5
3.5
D330#25U2JL6###
6.5
3.5
39
D390#20U2JH6###
5
3.5
D390#29U2JL6###
7.5
3.5
47
D470#20U2JH6###
5
3.5
D470#29U2JL6###
7.5
3.5
56
D560#25U2JH6###
6.5
3.5
D560#33U2JL6###
8.5
3.5
68
D680#25U2JH6###
6.5
3.5
D680#33U2JL6###
8.5
3.5
82
D820#25U2JH6###
6.5
3.5
D820#39U2JL6###
10
3.5
100
D101#29U2JH6###
7.5
3.5
D101#39U2JL6###
10
3.5
120
D121#33U2JH6###
8.5
3.5
D121#47U2JL6###
12
3.5
150
D151#33U2JH6###
8.5
3.5
D151#47U2JL6###
12
3.5
180
D181#39U2JH6###
10
3.5
/
/
/
220
D221#39U2JH6###
10
3.5
/
/
/
270
D271#39U2JH6###
10
3.5
/
/
/
330
D331#47U2JH6###
12
3.5
/
/
/


Similar Part No. - D18139U2JH6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D18139U2JH6 VISHAY-D18139U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
More results

Similar Description - D18139U2JH6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DSERIES VISHAY-DSERIES Datasheet
126Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
01-Jan-2022
D152K29Y5PL6TJ5R VISHAY-D152K29Y5PL6TJ5R Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
K103K10X7RF5UH5 VISHAY-K103K10X7RF5UH5 Datasheet
144Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
A103K15X7RF5TAA VISHAY-A103K15X7RF5TAA Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
KSERIES VISHAY-KSERIES Datasheet
147Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
A102J15C0GF5TAA VISHAY-A102J15C0GF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
A223K15X7RF5TAA VISHAY-A223K15X7RF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
ASERIES VISHAY-ASERIES_V01 Datasheet
106Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
ASERIES VISHAY-ASERIES Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com