Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG418BDQ-T1 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG418BDQ-T1
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG418BDQ-T1 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG418BDQ-T1 Datasheet HTML 3Page - Vishay Siliconix DG418BDQ-T1 Datasheet HTML 4Page - Vishay Siliconix DG418BDQ-T1 Datasheet HTML 5Page - Vishay Siliconix DG418BDQ-T1 Datasheet HTML 6Page - Vishay Siliconix DG418BDQ-T1 Datasheet HTML 7Page - Vishay Siliconix DG418BDQ-T1 Datasheet HTML 8Page - Vishay Siliconix DG418BDQ-T1 Datasheet HTML 9Page - Vishay Siliconix DG418BDQ-T1 Datasheet HTML 10Page - Vishay Siliconix DG418BDQ-T1 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Document Number: 72107
S09-1261-Rev. D, 13-Jul-09
www.vishay.com
7
Vishay Siliconix
DG417B, DG418B, DG419B
TYPICAL CHARACTERISTICS TA = 25 °C, unless otherwise noted
TEST CIRCUITS
Charge Injection vs. Analog Voltage
(Measured at drain pin)
Charge Injection vs. Analog Voltage
(Measured at drain pin)
Analog Voltage (V)
- 100
- 80
- 60
- 40
- 20
0
20
40
60
80
100
120
140
160
180
200
- 15 - 12
- 9
- 6
- 3
0
3
6
9
12
15
V+ = + 12 V
V- = 0 V
V+ = + 12 V
V- = - 12 V
V+ = + 15 V
V- = - 15 V
DG417B
CL =10nF
Analog Voltage (V)
- 200
- 180
- 160
- 140
- 120
- 100
- 80
- 60
- 40
- 20
0
20
40
60
80
100
- 15 - 12
- 9
- 6
- 3
0
3
6
9
12
15
V+=+12 V
V-= -0 V
DG419B
CL =10nF
V+=+15 V
V-= -15 V
V+=+12 V
V-= -12 V
Charge Injection vs. Analog Voltage
(Measured at source pin)
Charge Injection vs. Analog Voltage
(Measured at source pin)
V+ = + 15 V
V- = - 15 V
V+ = + 12 V
V- = 0 V
V+ = + 12 V
V- = - 12 V
DG417B
CL =10nF
- 100
- 80
- 60
- 40
- 20
0
20
40
60
80
100
120
140
160
180
200
- 15 - 12
- 9
- 6
- 3
0
3
6
9
12
15
Analog Voltage (V)
Analog Voltage (V)
- 100
- 80
- 60
- 40
- 20
0
20
40
60
80
100
120
140
160
180
200
- 15 - 12
- 9
- 6
- 3
0
3
6
9
12
15
V+=+12 V
V-= -0 V
DG419B
CL =10nF
V+=+15 V
V-= -15 V
V+=+12 V
V-= -12 V
Figure 2. Switching Time (DG417B/418B)
CL (includes fixture and stray capacitance)
RL
RL + RDS(on)
VO = VS
V-
IN
S
D
CL
35 pF
- 15 V
VL
GND
VO
10 V
V+
RL
300
+ 15 V
+ 5 V
VO is the steady state output with the switch on.
0 V
Logic
Input
Switch
Input
Switch
Output
3 V
50 %
0 V
VO
VS
tr < 5 ns
tf < 5 ns
tOFF
tON
90 %
Note:
Logic input waveform is inverted for switches that have the
opposite logic sense.


Similar Part No. - DG418BDQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG418BDQ-T1-E3 VISHAY-DG418BDQ-T1-E3 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG418BDQ-T1-E3 VISHAY-DG418BDQ-T1-E3 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results

Similar Description - DG418BDQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com