Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DH2C-B1AA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DH2C-B1AA
Description  DH 2 ultra miniature switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DH2C-B1AA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DH2C-B1AA Datasheet HTML 1Page - List of Unclassifed Manufacturers DH2C-B1AA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SNAP SWITCHES
Features
 Extremely small size (only 8,2 x 2,7 x 6,2 mm)
 Specially-conceived for low switching currents and voltages
 Available with or without integrated auxiliary actuator
 Solder connection or use lying or standing on a circuit board
Technical specifications
Contact configuration
S.P.D.T.
Contact gap
< 3 mm
Switching voltage max.
30 V DC
Switched current
5 to 500 mA DC
Operating force max.
90 cN
Total travel
ca. 0,85 mm without auxiliary acutator
Mechanical life
> 50.000 operations
Electrical life (max. load)
> 30.000 operations
Ambient temperature
– 25 °C to +70 °C
Materials
Housing
PPS (UL 94V-0)
Cover
PBT (UL 94V-0)
Auxiliary actuator
PBT (UL 94V-0)
Termials
CuZn striped silver-plated
Contacts
AgNi, gal. Au
Degree of protection
(switch interior)
IP40
For detailed information and the layout of the details described above,
please do not hesitate to ask for our technical specifications and drawing.
DH 2 ultra-
miniature switch
Dimensions in mm
Rest position
Operating point
54


Similar Part No. - DH2C-B1AA

ManufacturerPart #DatasheetDescription
logo
ZF Friedrichshafen AG
DH2C-B1AA ZFSWITCHES-DH2C-B1AA Datasheet
195Kb / 1P
   Tolerance unless otherwlse speclfled
More results

Similar Description - DH2C-B1AA

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
FT_SERIES COPAL-FT_SERIES Datasheet
382Kb / 3P
   Ultra-Miniature Toggle Switch
CFT2 COPAL-CFT2 Datasheet
367Kb / 3P
   Ultra-Miniature Toggle Switch
CFT2-SERIES COPAL-CFT2-SERIES Datasheet
367Kb / 3P
   Ultra-Miniature Toggle Switch
logo
Reed Relays and Electro...
UM-0018-M RRE-UM-0018-M Datasheet
119Kb / 1P
   Ultra-miniature Reed Switch
logo
Littelfuse
MITI-7 LITTELFUSE-MITI-7 Datasheet
357Kb / 2P
   7mm Ultra-Miniature Reed Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Cherry Semiconductor Co...
D364-V1AA CHERRY-D364-V1AA Datasheet
555Kb / 2P
   miniature switch
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
GREATECS
RK8 GREATECS-RK8 Datasheet
129Kb / 1P
   15 x 10 mm SP Ultra Miniature Rocker Switch
logo
HAMLIN Position and Mov...
MITI-3V1 HAMLIN-MITI-3V1 Datasheet
41Kb / 1P
   Ultra-miniature normally open switch with 7.00mm x 1.80mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com