Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H2A-SSR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # H2A-SSR
Description  ID tools and machines
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

H2A-SSR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  H2A-SSR Datasheet HTML 1Page - List of Unclassifed Manufacturers H2A-SSR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
950
951
Pneumatic press: AP-2H
Electric press: AP-K2N
1.5(.059)
Applicator
Connector
Pitch mm(in.)
Series
Ribbon cable cutter
MKD-LR with die set
FP series
IDH series
Pneumatic press: AP-2D
Applicator
Pistol tool: IDB-12
Head adaptor
2.0(.079)
2.5(.098)
2.54(.100)
3.96(.156)
SUR
SR
SSR
ASR
CZ
ZR
ZA
KR(Note3)
KRD
CK(Note4)
CR
DR
DA
DD
DS
NR
NRD
HR
DB
DG
BR
RA
RC
RX
VR
MKD - LR + MKD-LR-DS-KR
MKD - LR + MKD-LR-DS-DA
MKD - LR + MKD-LR-DS-HR
MKD - LR + MKD-LR-DS-DB
FCD-DS FP2-RA/RX
FCD-DS FP2-RC
FCD-DS FP2-RA/RX
IDH-ZR12
IDH-KR12
IDH-DR12
IDH-DA12
IDH-NR12
IDH-HR12
IDH-DB/DC12
IDH-VR12
IDH-DD/DS12
0.8(.031)
1.0(.039)
1.5(.059)
Hand press: HPD-M2A
Hand press: HPD-M2A-HID
Applicator
Applicator
Applicator
Pitch-feeding applicator
Connector
Pitch mm(in.)
Series
2.0(.079)
2.5(.098)
2.54(.100)
3.96(.156)
Ribbon cable cutter
SUR
SR
SSR
ASR
CZ
ZR
ZA
KR (Note 3)
KRD
CK (Note 4)
CR
DR
DA
DD
DS
NR
NRD
HR
DB
DG
BR
RA
RC
RX
VR
H2A-SUR
H2A-SR
H2A-SSR
H2A-ASR
H2A-CZ
H2A-ZR
H2A-ZA
H2A-KR/XR
H2A-KRD
H2A-KR/XR
H2A-CR
H2A-DR
H2A-DA
H2A-NR
H2A-NRD
H2A-HR
H2A-DB
H2A-DG
H2A-BR
H2A-VR
H2A-DD/DS
H2-SUR30ED-X
H2-SR20ED-X
H2-SSR20ED-X
H2-ASR20ED-X
H2-CZ20ED-X
H2-ZR20ED-X
H2-ZA20ED-X
H2-KR/XR20ED-X
H2-KRD20DD-Y
H2-KR/XR20ED-X
H2-CR20ED-X
H2-DR20ED-X
H2-DA20ED-X
H2-NR20ED-X
H2-NRD20DD-Y
H2-HR20ED-X
H2-DB20ED-X
H2-BR20ED-X
H2-VR15DD-Y
H2-DD/DS20ED-X
HID-RA/RX
HID-RC
HID-RA/RX
HID-FC
MKD-LP + MKD-DS-ZR
MKD-LP + MKD-DS-ZA
MKD-LP + MKD-DS-KR (Note 1)
MKD-LP + MKD-DS-DR
MKD-LP + MKD-DS-DA
MKD-LP + MKD-DS-NR
MKD-LP + MKD-DS-NRD (Note 2)
MKD-LP + MKD-DS-HR
MKD-LP + MKD-DS-DB/DC
MKD-LP + MKD-DS-DG
MKD-LP + MKD-DS-BR
MKD-LP + MKD-DS-VR (Note 2)
MKD-LP + MKD-DS-DD/DS
(Note 1)
1.0(.039)
0.8(.031)
Hand press: HPD-M2A
Pneumatic press: AP-2 or AP-2H
Pneumatic press: AP-2H
Electric press: AP-K2N
H2A series
H2 series
HID series
MKD-LP with die set
ID TOOLS
ID TOOLS
5-B
Note 1: MKD-LP applicators are not applicable to the connectors with glass-
filled nylon housings i.e. 12 to 15-circuit DD/DS connectors and 13 to
16-circuit KR connectors.
Note 2: End-connection only (not through processing)
Note 3: ID tools for the standard KR series connectors are not applicable to
the ( )KR-4K-** connectors. For ( )KR-4K-**, use the tools for the CR
series connectors.
Note 4: ID tools for the standard CK series connectors are not applicable to the
( )CK-6H-** connectors. For ( )CK-6H-**, use the tools for the KR/XR
series connectors.


Similar Part No. - H2A-SSR

ManufacturerPart #DatasheetDescription
logo
Zemic Europe B.V.
H2A ZEMIC-H2A Datasheet
335Kb / 3P
   Type H2A Load Cell
2022.05
logo
Micro Commercial Compon...
H2A1 MCC-H2A1 Datasheet
108Kb / 4P
   500 mW Zener Diode 1.7 to 37.2 Volts
logo
Roithner LaserTechnik G...
H2A1-H1020 ROITHNER-H2A1-H1020 Datasheet
336Kb / 4P
   IR High Power single chip LED
H2A1-H1050 ROITHNER-H2A1-H1050 Datasheet
252Kb / 4P
   IR High Power single chip LED
H2A1-H365-R4 ROITHNER-H2A1-H365-R4 Datasheet
222Kb / 4P
   High Power single chip LED
More results

Similar Description - H2A-SSR

ManufacturerPart #DatasheetDescription
logo
Lumberg
CAS31-03 LUMBERG-CAS31-03 Datasheet
387Kb / 3P
   Tools and harnessing machines
CM03-01-0364 LUMBERG-CM03-01-0364 Datasheet
374Kb / 3P
   Tools and harnessing machines
CM03-03-0364 LUMBERG-CM03-03-0364 Datasheet
374Kb / 3P
   Tools and harnessing machines
CZK03 LUMBERG-CZK03 Datasheet
366Kb / 3P
   Tools and harnessing machines
HA36E-CA LUMBERG-HA36E-CA Datasheet
395Kb / 3P
   Tools and harnessing machines
HA35F-RK LUMBERG-HA35F-RK Datasheet
528Kb / 3P
   Tools and harnessing machines
HA35F-CA-KC LUMBERG-HA35F-CA-KC Datasheet
549Kb / 3P
   Tools and harnessing machines
HZ36-K LUMBERG-HZ36-K Datasheet
412Kb / 3P
   Tools and harnessing machines
KHP30 LUMBERG-KHP30 Datasheet
298Kb / 3P
   Tools and harnessing machines
KHP35 LUMBERG-KHP35 Datasheet
354Kb / 3P
   Tools and harnessing machines
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com