Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG408DVZ Datasheet(PDF) 4 Page - Intersil Corporation

Part # DG408DVZ
Description  Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG408DVZ Datasheet(HTML) 4 Page - Intersil Corporation

  DG408DVZ Datasheet HTML 1Page - Intersil Corporation DG408DVZ Datasheet HTML 2Page - Intersil Corporation DG408DVZ Datasheet HTML 3Page - Intersil Corporation DG408DVZ Datasheet HTML 4Page - Intersil Corporation DG408DVZ Datasheet HTML 5Page - Intersil Corporation DG408DVZ Datasheet HTML 6Page - Intersil Corporation DG408DVZ Datasheet HTML 7Page - Intersil Corporation DG408DVZ Datasheet HTML 8Page - Intersil Corporation DG408DVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
FN3283.8
June 13, 2006
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44.0V
GND to V-. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .25V
Digital Inputs, VS, VD (Note 3). . . . . .(V-) -2V to (V+) + 2V or 20mA,
Whichever Occurs First
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . . . 30mA
Peak Current, S or D (Pulsed 1ms, 10% Duty Cycle Max) . . 100
mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C
Thermal Resistance (Typical, Note 4)
θJA (°C/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
110
TSSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
150
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 125°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC and TSSOP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3. Signals on SX, DX, EN or AX exceeding V+ or V- are clamped by internal diodes. Limit diode current to maximum current ratings.
4.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Test Conditions: V+ = +15V, V- = -15V, VAL = 0.8V, VAH = 2.4V, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP (°C)
(NOTE 5)
MIN
(NOTE 6)
TYP
(NOTE 5)
MAX
UNITS
DYNAMIC CHARACTERISTICS
Transition Time, tTRANS
(See Figure 1)
Full
-
160
250
ns
Break-Before-Make Interval, tOPEN
(See Figure 3)
25
10
-
-
ns
Enable Turn-ON Time, tON(EN)
(See Figure 2)
25
-
115
150
ns
Full
-
-
225
ns
Enable Turn-OFF Time, tOFF(EN)
(See Figure 2)
Full
-
105
150
ns
Charge Injection, Q
CL = 10nF, VS = 0V
25
-
20
-
pC
OFF Isolation
VEN = 0V, RL = 1kΩ,
f = 100kHz (Note 9)
25
-
-75
-
dB
Logic Input Capacitance, CIN
f = 1MHz
25
-
8
-
pF
Source OFF Capacitance, CS(OFF)
VEN = 0V, VS = 0V,
f = 1MHz
25
-
3
-
pF
Drain OFF Capacitance, CD(OFF)
VEN = 0V, VD = 0V,
f = 1MHz
DG408
25
-
26
-
pF
DG409
25
-
14
-
pF
Drain ON Capacitance, CD(ON)
VEN = 3V, VD = 0V,
f = 1MHz, VA = 0V or 3V
DG408
25
-
37
-
pF
DG409
25
-
25
-
pF
DIGITAL INPUT CHARACTERISTICS
Logic Input Current,
Input Voltage High, IAH
VA = 2.4V, 15V
Full
-10
-
10
µA
Logic Input Current,
Input Voltage Low, IAL
VEN = 0V, 2.4V,
VA = 0V
Full
-10
-
10
µA
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
-15
-
15
V
Drain-Source ON Resistance,
rDS(ON)
VD = ±10V, IS = -10mA
(Note 7)
25
-
40
100
Full
-
-
125
rDS(ON) Matching Between Channels,
∆r
DS(ON)
VD = 10V, -10V (Note 8)
25
-
-
15
Source OFF Leakage Current, IS(OFF)
VEN = 0V, VS = ±10V,
VD = +10V
25
-0.5
-
0.5
nA
Full
-5
-
5
nA
DG408, DG409


Similar Part No. - DG408DVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG408DVZ INTERSIL-DG408DVZ Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408DVZ INTERSIL-DG408DVZ Datasheet
613Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiple
June 13, 2006
logo
Renesas Technology Corp
DG408DVZ RENESAS-DG408DVZ Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
More results

Similar Description - DG408DVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG408883 INTERSIL-DG408883 Datasheet
395Kb / 15P
   Single 8-Channel/Differential 4-Channel CMOS Analog Multiplexers
DG408 INTERSIL-DG408_06 Datasheet
606Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
DG408 INTERSIL-DG408 Datasheet
327Kb / 16P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
June 1999
logo
Renesas Technology Corp
DG408 RENESAS-DG408 Datasheet
658Kb / 17P
   Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers
Jun 13, 2006
logo
Texas Instruments
MPC508A TI1-MPC508A Datasheet
982Kb / 19P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
HI-509A TI-HI-509A Datasheet
1Mb / 10P
[Old version datasheet]   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Burr-Brown (TI)
MPC508A BURR-BROWN-MPC508A_07 Datasheet
478Kb / 18P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A Datasheet
423Kb / 16P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
MPC508A BURR-BROWN-MPC508A_08 Datasheet
521Kb / 17P
   Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
logo
Intersil Corporation
DG406 INTERSIL-DG406 Datasheet
275Kb / 15P
   Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers
June 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com