Electronic Components Datasheet Search |
|
A-551E Datasheet(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD. |
|
A-551E Datasheet(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD. |
3 / 11 page 0.56 INCH SINGLE DIGIT DISPLAY A-551E REV:A / 2 FEATURES Û 14.22mm (0.56 inch ) DIGIT HEIGHT Û EXCELLENT CHARACTER APPEARANCE Û COMMON ANODE Û I.C. COMPATIBLE Û LOW POWER CONSUMPTION Raw Material : GaAsP/GaP ABSOLUTE MAXIMUM RATING : ( Ta = 25 BC ) SYMBOL PARAMETER YELLOW GREEN UNIT PD Power Dissipation Per Segment 75 mW VR Reverse Voltage Per Segment 5 V IAF Continuous Forward Current Per Segment 25 mA IPF Peak Forward Current Per Segment (1/10 Duty Cycle,0.1ms Pulse Width) 100 mA - Derating Linear From 25 BC Per Segment 0.33 mA/ BC Topr Operating Temperature Range -35BC to 85BC Tstg Storage Temperature Range -35BC to 85BC ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25 BC ) SYMBOL PARAMETER TEST CONDITION MIN. TYP. MAX. UNIT VF Forward Voltage ,Any Segment IF = 20mA 2.1 2.8 V IR Reverse Current ,Any Segment VR = 5V 100 mA lP Peak Emission Wavelength IF = 20mA 632 nm lD Dominant Wavelength IF = 20mA 622 nm Δl Spectral Line Half-Width IF = 20mA 35 nm IV Luminous Intensity Per Segment IF = 10mA 0.8 2.0 mcd DRAWING NO. : DS-11-03-0138 DATE : 2010-12-21 Page : 3 HD-R/RD014 Release by PARALIGHTDCC |
Similar Part No. - A-551E |
|
Similar Description - A-551E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |