Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-F5QB-881M50-P2BA Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # FAR-F5QB-881M50-P2BA
Description  Please read this notice before using the TAIYO YUDEN products
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FAR-F5QB-881M50-P2BA Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  FAR-F5QB-881M50-P2BA Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc FAR-F5QB-881M50-P2BA Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc FAR-F5QB-881M50-P2BA Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc FAR-F5QB-881M50-P2BA Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc FAR-F5QB-881M50-P2BA Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc FAR-F5QB-881M50-P2BA Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc FAR-F5QB-881M50-P2BA Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc FAR-F5QB-881M50-P2BA Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc FAR-F5QB-881M50-P2BA Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ORDERING CODE
EXTERNAL DIMENSIONS/STANDARD QUANTITY
2.5±0.1
index
2.0±0.1
0.6max
C0.15
4-0.9625
8-0.425
4-0.7375
8-0.375
2.5×2.0×0.6(8pin)
2.5×2.0×0.65
2.0×1.6×0.5
2.5×2.0×0.6(9pin)
2.5±0.1
index
2.0±0.1
0.65max
C0.15
4-0.9625 2-0.3
8-0.425
4-0.7375
8-0.375
0.9×0.375
2.5±0.1
index
2.0±0.1
0.6max
C0.15
4-0.9625 2-0.3
8-0.425
4-0.7375
8-0.375
0.9×0.375
2.0±0.1
index
1.6±0.1
0.5max
C0.15
4-0.775
2-0.325
8-0.30
4-0.575
8-0.30
0.60×0.30
Unit:mm
Unit:mm
133
14
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
SAW/FBAR DEVICES for MOBILE COMMUNICATIONS
REFLOW
*For further details, please contact to TAIYO YUDEN Co.,Ltd.
Unit:mm
Unit:mm
(B)New Rule (applied to products registered on April 1, 2010 or later.)
D 6 N F 1 G 9 6 0 P 1 B Z − Z
Series
Product
Frequency Range
D5
Duplexer
700-1000MHz
D6
Duplexer
1000-5000MHz
J5 Dual Duplexers
700-1000MHz
F5
Device
700-1000MHz
F6
Device
1000-5000MHz
G5
Dual Devices
700-1000MHz
G6
Dual Devices
1000-5000MHz
Package type
Product type
Frequency
Design
Serial Number
Packing
Custom
(A)Previous Rule (applied to products registered on March 31, 2010 or before.)
Serial Number
Common sign
Fixation
Common sign
Fixation
Family
F A R − D 6 N F − 1 G 9 6 0 0 − P 1 B Z − Z
❹ ❺ ❻
⓫ ⓬
Series
Product
Frequency Range
D5
Duplexer
700-1000MHz
D6
Duplexer
1000-5000MHz
J5 Dual Duplexers
700-1000MHz
F5
Device
700-1000MHz
F6
Device
1000-5000MHz
G5
Dual Devices
700-1000MHz
G6
Dual Devices
1000-5000MHz
Frequency
Design
Custom, Status
Packing
Common sign
Fixation
Package type
Product type
Frequency
1.40±0.1
index
1.00±0.1
0.325
0.325
0.5max
0.50
0.50
0.25
0.25
1.4×1.0×0.5
1.8×1.4×0.5
1.5×1.1×0.5
1.1×0.9×0.5
1.10±0.1
index
0.90±0.1
0.25
0.5max
0.40
0.40
0.2
0.20
0.25
1.80±0.1
index
1.40±0.1
0.5max
1.41
0.47
0.60
0.60
0.24 0.23
1.00
0.25
0.25
0.25
1.50±0.1
index
1.10±0.1
0.5max
1.17
0.39
0.49
0.39
0.18 0.21
0.78
0.18
0.21
0.18
Unit:mm
Unit:mm
Unit:mm
Unit:mm


Similar Part No. - FAR-F5QB-881M50-P2BA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FAR-F5QB-942M50-P2BB TAIYO-YUDEN-FAR-F5QB-942M50-P2BB Datasheet
413Kb / 7P
   SAW Filter
More results

Similar Description - FAR-F5QB-881M50-P2BA

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NR8040T150M TAIYO-YUDEN-NR8040T150M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LBC2518T331M TAIYO-YUDEN-LBC2518T331M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL10TB122J TAIYO-YUDEN-LHL10TB122J Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
NR5040T6R8M TAIYO-YUDEN-NR5040T6R8M Datasheet
811Kb / 22P
   Please read this notice before using the TAIYO YUDEN products.
LB2012T101M TAIYO-YUDEN-LB2012T101M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
LHL13TB151K TAIYO-YUDEN-LHL13TB151K Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2518T470M TAIYO-YUDEN-LB2518T470M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products
LHL08TB1R5M TAIYO-YUDEN-LHL08TB1R5M Datasheet
522Kb / 20P
   Please read this notice before using the TAIYO YUDEN products
LB2016T330M TAIYO-YUDEN-LB2016T330M Datasheet
651Kb / 14P
   Please read this notice before using the TAIYO YUDEN products.
JMK105BJ474KV-F TAIYO-YUDEN-JMK105BJ474KV-F Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
JMK212BJ226MD-T TAIYO-YUDEN-JMK212BJ226MD-T Datasheet
1Mb / 48P
   Please read this notice before using the TAIYO YUDEN products.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com