Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG419BDY-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # DG419BDY-E3
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG419BDY-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  DG419BDY-E3 Datasheet HTML 1Page - Vishay Siliconix DG419BDY-E3 Datasheet HTML 2Page - Vishay Siliconix DG419BDY-E3 Datasheet HTML 3Page - Vishay Siliconix DG419BDY-E3 Datasheet HTML 4Page - Vishay Siliconix DG419BDY-E3 Datasheet HTML 5Page - Vishay Siliconix DG419BDY-E3 Datasheet HTML 6Page - Vishay Siliconix DG419BDY-E3 Datasheet HTML 7Page - Vishay Siliconix DG419BDY-E3 Datasheet HTML 8Page - Vishay Siliconix DG419BDY-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Vishay Siliconix
DG417B, DG418B, DG419B
Document Number: 72107
S09-1261-Rev. D, 13-Jul-09
www.vishay.com
1
Precision Monolithic Quad SPST CMOS Analog Switches
DESCRIPTION
The DG417B, DG418B, DG419B monolithic CMOS analog
switches were designed to provide high performance
switching of analog signals. Combining low power, low
leakages, high speed, low on-resistance and small physical
size, the DG417B series is ideally suited for portable and
battery powered industrial and military applications requiring
high performance and efficient use of board space.
To achieve high-voltage ratings and superior switching
performance, the DG417B series is built on Vishay
Siliconix’s high voltage silicon gate (HVSG) process. Break-
before-make is guaranteed for the DG419B, which is an
SPDT configuration. An epitaxial layer prevents latchup.
Each switch conducts equally well in both directions when
on, and blocks up to the power supply level when off.
The DG417B and DG418B respond to opposite control logic
levels as shown in the Truth Table.
FEATURES
± 15 V analog signal range
On-resistance - RDS(on): 15 Ω
Fast switching action - tON: 110 ns
TTL and CMOS compatible
MSOP-8 and SOIC-8 package
Compliant to RoHS directive 2002/95/EC
BENEFITS
Widest dynamic range
Low signal errors and distortion
Break-before-make switching action
Simple interfacing
Reduced board space
Improved reliability
APPLICATIONS
Precision test equipment
Precision instrumentation
Battery powered systems
Sample-and-hold circuits
Military radios
Guidance and control systems
Hard disk drivers
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
Logic "0"
≤ 0.8 V
Logic "1"
≥ 2.4 V
Logic "0"
≤ 0.8 V
Logic "1"
≥ 2.4 V
* Pb containing terminations are not RoHS compliant, exemptions may apply
1
Dual-In-Line, SOIC-8 and MSOP-8
S
D
V-
GND
IN
V+
VL
2
3
4
8
7
6
5
Top View
DG417B
No connect
TRUTH TABLE
Logic
DG417B
DG418B
0
ON
OFF
1OFF
ON
1
Dual-In-Line, SOIC-8 and MSOP-8
DS2
S1
V-
GNDIN
V+
VL
2
3
4
8
7
6
5
Top View
DG419B
TRUTH TABLE - DG419B
Logic
SW1
SW2
0
ON
OFF
1OFF
ON


Similar Part No. - DG419BDY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG419BDY-E3 VISHAY-DG419BDY-E3 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG419BDY-E3 VISHAY-DG419BDY-E3 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results

Similar Description - DG419BDY-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com