Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG419BDY-T1-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DG419BDY-T1-E3
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG419BDY-T1-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  DG419BDY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix DG419BDY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix DG419BDY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix DG419BDY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix DG419BDY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix DG419BDY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix DG419BDY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix DG419BDY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix DG419BDY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.vishay.com
2
Document Number: 72107
S09-1261-Rev. D, 13-Jul-09
Vishay Siliconix
DG417B, DG418B, DG419B
Notes:
a. Signals on SX, DX, or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
b. All leads welded or soldered to PC board.
c. Derate 5.3 mW/°C above 75 °C.
d. Derate 4 mW/°C above 70 °C.
e. Derate 8 mW/°C above 75 °C.
ORDERING INFORMATION
Temp Range
Package
Part Number
DG417B, DG418B
- 40 °C to 85 °C
8-Pin Plastic MiniDIP
DG417BDJ
DG417BDJ-E3
DG418BDJ
DG418BDJ-E3
8-Pin Narrow SOIC
DG417BDY
DG417BDY-E3
DG417BDY-T1
DG417BDY-T1-E3
DG418BDY
DG418BDY-E3
DG418BDY-T1
DG418BDY-T1-E3
8-Pin MSOP
DG417BDQ-T1-E3
DG418BDQ-T1-E3
DG419B
- 40 °C to 85 °C
8-Pin Plastic MiniDIP
DG419BDJ
DG419BDJ-E3
8-Pin Narrow SOIC
DG419BDY
DG419BDY-E3
DG419BDY-T1
DG419BDY-T1-E3
8-Pin MSOP
DG419BDQ-T1-E3
ABSOLUTE MAXIMUM RATINGS
Parameter
Limit
Unit
V-
- 20
V
V+
20
GND
25
VL
(GND - 0.3) to (V+) + 0.3
Digital Inputsa, VS, VD
(V-) - 2 V to (V+) + 2
or 30 mA, whichever occurs first
Current, (Any Terminal) Continuous
30
mA
Current (S or D) Pulsed at 1 ms, 10 % Duty Cycle
100
Storage Temperature
- 65 to 150
°C
Power Dissipation (Package)b
8-Pin Plastic MiniDIPc
400
mW
8-Pin Narrow SOICc
400
8-Pin MSOPd
400
8-Pin CerDIPe
600


Similar Part No. - DG419BDY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG419BDY-T1-E3 VISHAY-DG419BDY-T1-E3 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG419BDY-T1-E3 VISHAY-DG419BDY-T1-E3 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results

Similar Description - DG419BDY-T1-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG417BMIL VISHAY-DG417BMIL Datasheet
174Kb / 11P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 05-Mar-12
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com