Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-601E-L15 Datasheet(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # A-601E-L15
Description  0.6 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-601E-L15 Datasheet(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-601E-L15 Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-601E-L15 Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-601E-L15 Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-601E-L15 Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-601E-L15 Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-601E-L15 Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-601E-L15 Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-601E-L15 Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-601E-L15 Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
0.6
INCH
SINGLE
DIGIT
DISPLAY
A-601E-L15
REV:A / 1
FEATURES
Û
15.00mm (0.6 inch ) DIGIT HEIGHT
Û
COMMON ANODE
Û
I.C. COMPATIBLE
Û
LOW POWER CONSUMPTION
Raw Material : GaAsP/GaP
ABSOLUTE MAXIMUM RATING : ( Ta = 25
BC )
SYMBOL
PARAMETER
HI.EFFI RED
UNIT
PD
Power Dissipation Per Segment
75
mW
VR
Reverse Voltage Per Segment
5
V
IAF
Continuous Forward Current Per Segment
25
mA
IPF
Peak Forward Current Per Segment
(1/10 Duty Cycle,0.1ms Pulse Width)
100
mA
Derating Linear From 25
BC Per Segment
0.33
mA/
BC
Topr
Operating Temperature Range
-35BC to 85BC
Tstg
Storage Temperature Range
-35BC to 85BC
ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25
BC )
SYMBOL
PARAMETER
TEST
CONDITION
MIN.
TYP.
MAX.
UNIT
VF
Forward Voltage , Per Segment
IF = 20mA
2.1
2.8
V
IR
Reverse Current , Per Segment
VR = 5V
100
mA
lP
Peak Emission Wavelength
IF = 20mA
632
nm
lD
Dominant Wavelength
IF = 20mA
622
nm
Δl
Spectral Line Half-Width
IF = 20mA
35
nm
IV
Luminous Intensity Per Segment
IF = 10mA
1.2
3.0
mcd
DRAWING NO. : DS-11-06-0042
DATE : 2013-04-10
Page : 3
HD-R/RD014
Release
by
PARALIGHTDCC


Similar Part No. - A-601E-L15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-601E ETC-A-601E Datasheet
97Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - A-601E-L15

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
C-601SR PARALIGHT-C-601SR Datasheet
197Kb / 10P
   0.6 INCH SINGLE DIGIT DISPLAY
C-601E PARALIGHT-C-601E Datasheet
284Kb / 13P
   0.6 INCH SINGLE DIGIT DISPLAY
logo
Inolux Corporation
HNTS60 INOLUX-HNTS60 Datasheet
1Mb / 17P
   0.6 Single Digit Numeric Display
logo
BetLux Electronics
BL-S60E-11 BETLUX-BL-S60E-11 Datasheet
340Kb / 5P
   15.0mm (0.6) Single digit numeric display series
logo
PARA LIGHT ELECTRONICS ...
C-561E-A PARALIGHT-C-561E-A Datasheet
210Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
C-561UB PARALIGHT-C-561UB Datasheet
197Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
C-801G-A PARALIGHT-C-801G-A Datasheet
213Kb / 11P
   0.8 INCH SINGLE DIGIT DISPLAY
A-551E PARALIGHT-A-551E Datasheet
238Kb / 11P
   0.56 INCH SINGLE DIGIT DISPLAY
A-801SR-L35-A PARALIGHT-A-801SR-L35-A Datasheet
197Kb / 10P
   0.8 INCH SINGLE DIGIT DISPLAY
C-501G-A-L3 PARALIGHT-C-501G-A-L3 Datasheet
198Kb / 10P
   0.50 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com