Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-601E-L15 Datasheet(PDF) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # A-601E-L15
Description  0.6 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-601E-L15 Datasheet(HTML) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-601E-L15 Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-601E-L15 Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-601E-L15 Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-601E-L15 Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-601E-L15 Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-601E-L15 Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-601E-L15 Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-601E-L15 Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-601E-L15 Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
0.6
INCH
SINGLE
DIGIT
DISPLAY
A-601E-L15
REV:A / 1
— STORAGE
1) The Display should be stored at 30℃ or less and 70% RH or less after being shipped from PARA
and the storage life limits are 3 months.
2) PARA Display lead frames are comprised of a stannum plated iron alloy. The silver surface may
be affected by environments which contain corrosive gases and so on. Please avoid conditions
which may cause the Display to corrode, tarnish or discolor. This corrosion or discoloration may
cause difficulty during soldering operations. It is recommended that the Display be used as soon
as possible.
3) Please avoid rapid transitions in ambient temperature, especially, in high humidity environments
where condensation can occur.
— HEAT GENERATION
1) Thermal design of the end product is of paramount importance. Please consider the heat
generation of the Display when making the system design. The coefficient of temperature increase
per input electric power is affected by the thermal resistance of the circuit board and density of
Display placement on the board, as well as other components. It is necessary to avoid intense
heat generation and operate within the maximum ratings given in this specification.
2) The operating current should be decided after considering the ambient maximum temperature of
Display .
—OTHERS
1) Care must be taken to ensure that the reverse voltage will not exceed the absolute maximum
rating when using the Display with matrix drive.
2) Flashing lights have been known to cause discomfort in people; you can prevent this by taking
precautions during use. Also, people should be cautious when using equipment that has had
Display incorporated into it.
3) The Display described in this brochure are intended to be used for ordinary electronic equipment
(such as office equipment, communications equipment, measurement instruments and household
appliances). Consult PARA
’s sales staff in advance for information on the applications in which
exceptional quality and reliability are required , particularly when the failure or malfunction of the
Display may directly jeopardize life or health (such as for airplanes, aerospace, submersible
repeaters, nuclear reactor control systems, automobiles, traffic control equipment, life support
systems and safety devices).
DRAWING NO. : DS-11-06-0042
DATE : 2013-04-10
Page : 9
Release
by
PARALIGHTDCC


Similar Part No. - A-601E-L15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-601E ETC-A-601E Datasheet
97Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - A-601E-L15

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
C-601SR PARALIGHT-C-601SR Datasheet
197Kb / 10P
   0.6 INCH SINGLE DIGIT DISPLAY
C-601E PARALIGHT-C-601E Datasheet
284Kb / 13P
   0.6 INCH SINGLE DIGIT DISPLAY
logo
Inolux Corporation
HNTS60 INOLUX-HNTS60 Datasheet
1Mb / 17P
   0.6 Single Digit Numeric Display
logo
BetLux Electronics
BL-S60E-11 BETLUX-BL-S60E-11 Datasheet
340Kb / 5P
   15.0mm (0.6) Single digit numeric display series
logo
PARA LIGHT ELECTRONICS ...
C-561E-A PARALIGHT-C-561E-A Datasheet
210Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
C-561UB PARALIGHT-C-561UB Datasheet
197Kb / 10P
   0.56 INCH SINGLE DIGIT DISPLAY
C-801G-A PARALIGHT-C-801G-A Datasheet
213Kb / 11P
   0.8 INCH SINGLE DIGIT DISPLAY
A-551E PARALIGHT-A-551E Datasheet
238Kb / 11P
   0.56 INCH SINGLE DIGIT DISPLAY
A-801SR-L35-A PARALIGHT-A-801SR-L35-A Datasheet
197Kb / 10P
   0.8 INCH SINGLE DIGIT DISPLAY
C-501G-A-L3 PARALIGHT-C-501G-A-L3 Datasheet
198Kb / 10P
   0.50 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com