Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD488588FF-C80-45-DH1 Datasheet(PDF) 2 Page - Elpida Memory

Part # PD488588FF-C80-45-DH1
Description  288M bits Direct Rambus DRAM
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD488588FF-C80-45-DH1 Datasheet(HTML) 2 Page - Elpida Memory

  PD488588FF-C80-45-DH1 Datasheet HTML 1Page - Elpida Memory PD488588FF-C80-45-DH1 Datasheet HTML 2Page - Elpida Memory PD488588FF-C80-45-DH1 Datasheet HTML 3Page - Elpida Memory PD488588FF-C80-45-DH1 Datasheet HTML 4Page - Elpida Memory PD488588FF-C80-45-DH1 Datasheet HTML 5Page - Elpida Memory PD488588FF-C80-45-DH1 Datasheet HTML 6Page - Elpida Memory PD488588FF-C80-45-DH1 Datasheet HTML 7Page - Elpida Memory PD488588FF-C80-45-DH1 Datasheet HTML 8Page - Elpida Memory PD488588FF-C80-45-DH1 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 79 page
background image
Data Sheet
E0039N30 (Ver. 3.0)
2
µµµµPD488588
Ordering Information
Part number
Organization*
words
× bits × Internal
Banks
Clock frequency
MHz (max.)
/RAS access
time (ns)
Package
µ PD488588FF-C60-53-DH1
512K x 18 x 32s
600
53
80-ball FBGA (
µBGA)
µ PD488588FF-C71-45-DH1
711
45
(17.16
× 10.2)
µ PD488588FF-C80-45-DH1
800
45
Note: The “32s” designation indicates that this RDRAM core is composed of 32 banks which use a “split” bank
architecture


Similar Part No. - PD488588FF-C80-45-DH1

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
PD488588FF-C80-40-DH1 ELPIDA-PD488588FF-C80-40-DH1 Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM for High Performance Solution
More results

Similar Description - PD488588FF-C80-45-DH1

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDR2518ABSE ELPIDA-EDR2518ABSE Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
PD488588FF ELPIDA-PD488588FF Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM for High Performance Solution
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
logo
NEC
UPD488448 NEC-UPD488448 Datasheet
1Mb / 30P
   128 M-bit Direct Rambus??DRAM
logo
Elpida Memory
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com