Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-811SR Datasheet(PDF) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # A-811SR
Description  0.80 INCH SINGLE DIGIT DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-811SR Datasheet(HTML) 9 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-811SR Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-811SR Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-811SR Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-811SR Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-811SR Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-811SR Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-811SR Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-811SR Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. A-811SR Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
0.80 INCH
SINGLE
DIGIT
DISPLAY
A-811SR
REV:A / 0
—LEAD STRENGTH
1) Bend strength
Do not bend the PIN more than twice. (Fig.7)
2) Tensile strength (@Room Temperature)
If the force is 1kg or less, there will be no problem. (Fig.8)
—HANDLING PRECAUTIONS
Although rigid against vibration, the Display may damaged or scratched if dropped. So take care
when handling.
—CHEMICAL RESISTANCE
1) Avoid exposure to chemicals as it may attack the Display surface and cause discoloration.
2) When washing is required, refer to the following table for the proper chemical to be used.
SOLVENT
ADAPTABILITY
Freon TE
Chlorothene
Isopropyl Alcohol
Thinner
Acetone
Trichloroethylene
⊙--Usable
╳--Do not use.
DRAWING NO. : DS-11-09-0042
DATE : 2009-04-02
Page : 9
Fig.7
1Kg
ok!
Fig.8
Release
by
PARALIGHTDCC


Similar Part No. - A-811SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-811SR ETC1-A-811SR Datasheet
96Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - A-811SR

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
C-811G PARALIGHT-C-811G Datasheet
208Kb / 11P
   0.80 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-816B7 CHINASEMI-CSS-816B7 Datasheet
186Kb / 6P
   0.80 Inch Single Digit Display
CSS-816G CHINASEMI-CSS-816G Datasheet
191Kb / 6P
   0.80 Inch Single Digit Display
CSS-816A9 CHINASEMI-CSS-816A9 Datasheet
189Kb / 6P
   0.80 Inch Single Digit Display
CSS-816V9 CHINASEMI-CSS-816V9 Datasheet
184Kb / 6P
   0.80 Inch Single Digit Display
CSS-816M9 CHINASEMI-CSS-816M9 Datasheet
191Kb / 6P
   0.80 Inch Single Digit Display
CSS-816T9 CHINASEMI-CSS-816T9 Datasheet
189Kb / 6P
   0.80 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-811Y PARALIGHT-A-811Y Datasheet
208Kb / 11P
   0.80 INCH SINGLE DIGIT DISPLAY
A-811G-PSN-A PARALIGHT-A-811G-PSN-A Datasheet
199Kb / 10P
   0.80 INCH SINGLE DIGIT DISPLAY
C-811E PARALIGHT-C-811E Datasheet
210Kb / 11P
   0.80 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com