Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-431SR Datasheet(PDF) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # C-431SR
Description  0.43 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

C-431SR Datasheet(HTML) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button C-431SR Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. C-431SR Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. C-431SR Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. C-431SR Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. C-431SR Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. C-431SR Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. C-431SR Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. C-431SR Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. C-431SR Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
0.43
INCH
SINGLE
DIGIT
DISPLAY
C-431SR
REV:A / 0
2) Use Display with holder made of resin (Fig.4) to position the PIN.
—FORMED LEAD
1) The PIN should be bent at a point located at least 2mm away from the package. Bending should
be performed with base fixed means of a jig or pliers (Fig.5)
2) Forming PIN should be carried our prior to soldering and never during or after soldering.
3) Form the PIN to ensure alignment between the PIN and the hole on board, so that stress against
the Display is prevented. (Fig.6)
DRAWING NO. : DS-11-10-0042
DATE : 2010-05-27
Page : 7
Fig.5
Fig.6
Fig.4
Release
by
PARALIGHTDCC


Similar Part No. - C-431SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-431SR ETC1-C-431SR Datasheet
94Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - C-431SR

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
C-431E PARALIGHT-C-431E Datasheet
199Kb / 10P
   0.43 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-4310B7 CHINASEMI-CSS-4310B7 Datasheet
185Kb / 6P
   0.43 Inch Single Digit Display
CSS-4310E CHINASEMI-CSS-4310E Datasheet
191Kb / 6P
   0.43 Inch Single Digit Display
CSS-4310V9 CHINASEMI-CSS-4310V9 Datasheet
184Kb / 6P
   0.43 Inch Single Digit Display
CSS-4310T9 CHINASEMI-CSS-4310T9 Datasheet
189Kb / 6P
   0.43 Inch Single Digit Display
CSS-4310A9 CHINASEMI-CSS-4310A9 Datasheet
187Kb / 6P
   0.43 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-431SR-L-EP-AH PARALIGHT-A-431SR-L-EP-AH Datasheet
246Kb / 12P
   0.43 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-4310M9 CHINASEMI-CSS-4310M9 Datasheet
190Kb / 6P
   0.43 Inch Single Digit Display
CSS-4310S CHINASEMI-CSS-4310S Datasheet
189Kb / 6P
   0.43 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-431G PARALIGHT-C-431G Datasheet
196Kb / 10P
   0.43 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com