Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AG8889N Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # AG8889N
Description  CALL WAITING DECODER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

AG8889N Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  AG8889N Datasheet HTML 1Page - ELAN Microelectronics Corp AG8889N Datasheet HTML 2Page - ELAN Microelectronics Corp AG8889N Datasheet HTML 3Page - ELAN Microelectronics Corp AG8889N Datasheet HTML 4Page - ELAN Microelectronics Corp AG8889N Datasheet HTML 5Page - ELAN Microelectronics Corp AG8889N Datasheet HTML 6Page - ELAN Microelectronics Corp AG8889N Datasheet HTML 7Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
* This specification are subject to be changed without notice.
AG8889
CALL WAITING DECODER
2
8.8.2000
V.
FUNCTIONAL BLOCK DIAGRAM
VI. PIN DESCRIPTIONS
Pin
I/O
Description
TIP
I
Tip in should be connected with twisted pair
RING
I
Ring in should be connected with twisted pair
OPO
O
Output of OP Amp
VREF
Reference voltage Vref = 1/2 Vdd
PWD
I
This pin is normal low enabling chip on normal operation and ready to detect CAS
tone signals.
This active high input sets the chip into power down mode and disable oscillator to
save power.
OSCI
I
3.58MHz oscillator in
OSCO
O
3.58MHz oscillator out
DO
O
DO : used as output, this pin determines whether DO signal is valid or not. High is
valid. Normal low.
VDD
Power
GND
Ground
NC
Non connected
VII. FUNCTIONAL DESCRIPTIONS
Call Waiting service works by alerting a customer engaged in a telephone call to a new incoming call. This way the
customer can still receive important calls while engaged in a current call. The CALL WAITING DECODER can detect
CAS(Call-Waiting Alerting Signal 2130Hz plus 2750Hz) and generate a valid signal on the data pin.
The call waiting decoder is designed to support the Caller Number Deliver feature, which is offered by regional Bell
Operating Companies. The call waiting decoder has three blocks, including differential amplifier, tone filter detection block
In a typical application, this IC receives Tip and Ring signals from twisted pairs. The signals as inputs of differential
amplifier, and the differential amplifier sends input signal to a band pass tone filter. Once the signal is filtered, the
digital detection block decodes the information. The output data made available at DO pin.
This IC is used for detecting CAS signals. Once the signal is detected, the detection indication is shown on the data
output DO pin. The DO pin is normal low. When this IC detects 2130Hz and 2750Hz frequency at the same time, then
DO pin goes to high.
TIP
Filter
Vdd/2
Voltage
Reference
Clock
Generator
DO
OPO
Tone
Detection Block
VREF
PWD
OSCI OSCO
RING


Similar Part No. - AG8889N

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
AG8888 EMC-AG8888 Datasheet
65Kb / 7P
   CALL WAITING DECODER
AG8888AP EMC-AG8888AP Datasheet
65Kb / 7P
   CALL WAITING DECODER
AG8888N EMC-AG8888N Datasheet
65Kb / 7P
   CALL WAITING DECODER
More results

Similar Description - AG8889N

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
AG8888 EMC-AG8888 Datasheet
65Kb / 7P
   CALL WAITING DECODER
logo
NXP Semiconductors
PCD3316 PHILIPS-PCD3316 Datasheet
534Kb / 30P
   Caller-ID on Call Waiting CIDCW receiver
11 March 1999
logo
Samsung semiconductor
KS8630D SAMSUNG-KS8630D Datasheet
258Kb / 23P
   ENHANCED CALLING LINE IDENTIFIER WITH CALL WAITING
logo
CML Microcircuits
CMX602A CMLMICRO-CMX602A Datasheet
669Kb / 25P
   Calling Line Identifier plus Call Waiting (Type II)
logo
Nippon Precision Circui...
SM8222A NPC-SM8222A Datasheet
112Kb / 15P
   Caller ID Service IC with Call Waiting
logo
CML Microcircuits
FX663 CMLMICRO-FX663 Datasheet
304Kb / 17P
   Call Progress Decoder
logo
NXP Semiconductors
NE5900 PHILIPS-NE5900 Datasheet
50Kb / 7P
   Call progress decoder
1986 May 8
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
   Call Progress Tone Decoder
logo
CML Microcircuits
FX623 CMLMICRO-FX623 Datasheet
50Kb / 6P
   Call Progress Tone Decoder
logo
List of Unclassifed Man...
BU8877 ETC-BU8877 Datasheet
102Kb / 3P
   Call Progress Tone Decoder for Telephone
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com