Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM19110M Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM19110M
Description  10-BIT 5 MSPS A/D CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM19110M Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

  EM19110M Datasheet HTML 1Page - ELAN Microelectronics Corp EM19110M Datasheet HTML 2Page - ELAN Microelectronics Corp EM19110M Datasheet HTML 3Page - ELAN Microelectronics Corp EM19110M Datasheet HTML 4Page - ELAN Microelectronics Corp EM19110M Datasheet HTML 5Page - ELAN Microelectronics Corp EM19110M Datasheet HTML 6Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5V
R1
1k
R2
1k
U1A
Q1
CLK
U2A
CLOCK IN
R3
500
U1B
Q2
5V
C6
0.1u
U3
EM19110
C1
10u
C3
10u
C2
0.1u
C4
0.1u
R4
Vi
5V
R5
R6
U1C
C5
0.1u
R7
--- Analog GND
--- Digital GND
/OE
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
CLK
10
11
12
1
2
3
4
5
6
7
8
9
D7
D6
D5
D4
D9(MSB)
D8
D3
D2
D1
D0(LSB)
13
14
15
16
17
18
19
20
21
22
23
24
DVDD
VRTS
VRT
VR3
VR2
AVDD
VIN
AVSS
VR1
VRBS
VRB
DVSS


Similar Part No. - EM19110M

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
EM19100M EMC-EM19100M Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
EM19100S EMC-EM19100S Datasheet
104Kb / 6P
   8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
EM19101 EMC-EM19101 Datasheet
105Kb / 6P
   8-BIT 5 MSPS A/D CONVERTER (CMOS)
EM19101M EMC-EM19101M Datasheet
105Kb / 6P
   8-BIT 5 MSPS A/D CONVERTER (CMOS)
More results

Similar Description - EM19110M

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
SPT7835 CADEKA-SPT7835 Datasheet
186Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7835 FAIRCHILD-SPT7835 Datasheet
93Kb / 12P
   10-BIT, 5 MSPS, 75 mW A/D CONVERTER
logo
Intersil Corporation
HI5804 INTERSIL-HI5804 Datasheet
64Kb / 11P
   12-Bit, 5 MSPS A/D Converter
HI5905 INTERSIL-HI5905 Datasheet
108Kb / 11P
   14-Bit, 5 MSPS A/D Converter
logo
Analog Devices
AD9731 AD-AD9731 Datasheet
149Kb / 11P
   10-Bit, 170 MSPS D/A Converter
REV. A
AD9732 AD-AD9732 Datasheet
144Kb / 11P
   10-Bit, 200 MSPS D/A Converter
REV. A
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
   10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
   10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
   10-Bit, 40 MSPS A/D Converter
February 1999
logo
Analog Devices
AD9060 AD-AD9060_15 Datasheet
339Kb / 12P
   10-Bit 75 MSPS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com