Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KPLR2500M4X Datasheet(PDF) 4 Page - COSMO Electronics Corporation

Part # KPLR2500M4X
Description  FIBER OPTIC Receiver Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KPLR2500M4X Datasheet(HTML) 4 Page - COSMO Electronics Corporation

  KPLR2500M4X Datasheet HTML 1Page - COSMO  Electronics Corporation KPLR2500M4X Datasheet HTML 2Page - COSMO  Electronics Corporation KPLR2500M4X Datasheet HTML 3Page - COSMO  Electronics Corporation KPLR2500M4X Datasheet HTML 4Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APPROVAL SHEET
DATE: 03/04/2011
NO.60F11006 REV.
cosmo
ELECTRONICS CORPORATION
Photolink :
KPLR2500M40
SHEET 4 OF 4
1
(3).Measuring method of Jitter
12.5Mbps PRBS
Oscilloscope
Standard optical fiber cable
Input
Vcc
0.1uF
Vin
GND
Vcc
Less than 7mm
Standard Transmitter
Output signal
Less than 7mm
CH1 CH2
Vcc
0.1uF
Vcc
GND Vout
Receiver
tj
tj
Input signal (CH1)
Output signal (CH2)
50%
50%
5.Recommended PCB Layout
Notes:
1.Unit:mm
2.tolerance:±0.3mm
2.0
2.0


Similar Part No. - KPLR2500M4X

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPLR2500M1X COSMO-KPLR2500M1X Datasheet
170Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M30 COSMO-KPLR2500M30 Datasheet
166Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M3X COSMO-KPLR2500M3X Datasheet
166Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M50 COSMO-KPLR2500M50 Datasheet
188Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M5X COSMO-KPLR2500M5X Datasheet
188Kb / 4P
   FIBER OPTIC Receiver Module
More results

Similar Description - KPLR2500M4X

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPLR1320M1X COSMO-KPLR1320M1X Datasheet
172Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M1X COSMO-KPLR2500M1X Datasheet
170Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320M3X COSMO-KPLR1320M3X Datasheet
168Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320B0X COSMO-KPLR1320B0X Datasheet
209Kb / 5P
   FIBER OPTIC Receiver Module
KPLR1320M5X COSMO-KPLR1320M5X Datasheet
188Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320A0X COSMO-KPLR1320A0X Datasheet
204Kb / 5P
   FIBER OPTIC Receiver Module
KPLR1320ADX COSMO-KPLR1320ADX Datasheet
193Kb / 5P
   FIBER OPTIC Receiver Module
KPLR2500M5X COSMO-KPLR2500M5X Datasheet
188Kb / 4P
   FIBER OPTIC Receiver Module
KPLR2500M3X COSMO-KPLR2500M3X Datasheet
166Kb / 4P
   FIBER OPTIC Receiver Module
KPLR1320M4X COSMO-KPLR1320M4X Datasheet
164Kb / 4P
   FIBER OPTIC Receiver Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com