Electronic Components Datasheet Search |
|
KPLR2500M70 Datasheet(PDF) 3 Page - COSMO Electronics Corporation |
|
KPLR2500M70 Datasheet(HTML) 3 Page - COSMO Electronics Corporation |
3 / 4 page APPROVAL SHEET DATE: 02/22/2010 NO.60F11002 REV. cosmo ELECTRONICS CORPORATION Photolink : KPLR2500M5X/6X/7X/8X SHEET 3 OF 4 2 4. Measuring method (1).Measuring Supply Current Input test Conditions Measuring method Supply Voltage Vcc=3.0V Fiber coupling light output Pc=-14.5dBm Standard transmitter input signal 25Mbps NRZ DC Average current 25Mbps NRZ 5V Input Standard Transmitter 0.1uF GND Vin Vcc Standard optical fiber cable Receiver to be measured 0.1uF GND Vcc Current Meter Icc Vcc Vout (2).Measuring method of Output Voltage and Pulse response 25Mbps NRZ signal Oscilloscope Input 5V 0.1uF Vin GND Vcc Output signal Less than 7mm CH1 CH2 Vcc 0.1uF Vcc GND Vout Standard Transmitter Standard optical fiber cable Receiver 50% 50% PHL PLH Output signal (CH2) Input signal (CH1) Output signal (CH2) Input signal (CH1) VOH VOL tf tr 50% 90% 50% 10% t t tw= t - t △ PHL PLH |
Similar Part No. - KPLR2500M70 |
|
Similar Description - KPLR2500M70 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |